|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR 2441 Bandpass Filter General Description KR 2441 is a 70 MHz bandpass filter. The filter is supplied with SMA connectors. It can also be ordered in a surface mount package of 0.5 x 1.5 x 0.35". Other center frequencies and bandwidths available. Please consult the factory. KR Electronics, Inc. www.krfilters.com Features * Surface Mount Package * Sharp Transition to Stopband * >55 dB Stopband * 50 Source and Load Typical Performance Passband Amplitude (0.5 dB/div ) 21 Aug 2002 15:20:06 CH1 MEM LOG .5 dB/ REF -2.5 dB CH1 MEM LOG 10 dB/ Overall Response (10 dB/div) 21 Aug 2002 15:20:36 REF 0 dB Cor Cor CENTER 70 . 000 000 MHz SPAN 7. 000 000 MHz CENTER 70 . 000 000 MHz SPAN 60 . 000 000 MHz Figure 1 Figure 2 KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. KR 2441 Bandpass Specifications Parameter Filter type Center Frequency Insertion Loss Min 1 dB Bandwidth Max 55 dB Bandwidth Source and Load Specification Bandpass 70 MHz < 5 dB 7 MHz 23 MHz 50 www.krfilters.com Physical Dimensions Also available in a surface mount package of 0.5 x 1.5 x 0.35. Consult factory for outline drawing. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. |
Price & Availability of 2441 |