Part Number Hot Search : 
KMOC3061 P33FB3 SMBJ58CA SBMJ160 2SD1119Q ISL6208 N8025M HD2184
Product Description
Full Text Search
 

To Download 1W005M1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1W005M - 1W10M
Single Phase 1.0 AMP. Silicon Bridge Rectifiers WOB
Features
UL Recognized File # E-96005 Surge overload ratings to 30 amperes peak Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 oC / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs. ( 2.3 Kg ) tension
Mechanical Data
Case: Molded plastic Lead: Pure tin plated, Lead free. Polarity: As marked Weight: 1.10 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage o @ TA=125 C Typical Thermal resistance (Note) Operating Temperature Range Storage Temperature Range
Symbol VRRM VRMS VDC I(AV) IFSM VF IR
RJA RJL TJ TSTG
1W 005M
1W 01M
1W 02M
1W 04M
1W 06M
1W 08M
1W 10M
Units V V V A A V uA uA
o
50 35 50
100 70 100
200 140 200
400 280 400
600 420 600
800 560 800
1000 700 1000
1.0 30 1.0 10 500 36 13 -55 to +125 -55 to +150
C/W
o o
C C
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with 0.2" x 0.2" (5mm x 5mm) Copper Pads.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (1W005M THRU 1W10M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
1.6
10
AVERAGE FORWARD CURRENT. (A)
1.4
INSTANTANEOUS REVERSE CURRENT. ( A)
1.2 1.0 0.8 0.6 0.4 0.2 0 20 40 80 100 60 o AMBIENT TEMPERATURE. ( C) 120 140
Tj=125 0C
1
0.1
50
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
Tj=25 0C
PEAK FORWARD SURGE CURRENT. (A)
0.01 0 40 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
30 200 20
JUNCTION CAPACITANCE.(pF)
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
Tj=25 0C
10
80
0
1
2
5 10 20 NUMBER OF CYCLES AT 60Hz
50
100
60
40
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
20 10
f=10 MHz Vsig 50Mvp-p
20
0 1 2 4 10 40 100 400 600 1000 REVERSE VOLTAGE. (V)
Tj=25oC Pulse Width=300 s 1% Duty Cycle
INSTANTANEOUS FORWARD CURRENT. (A)
1
0.1
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of 1W005M1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X