Part Number Hot Search : 
SEMIX EZ12D5 LM235Z STM32 SC490 DTS431 015388 C1024
Product Description
Full Text Search
 

To Download 1757000190G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Supplies
1757920002G
AC ATX 200 W Power Supply
Input Output Max. Load Min. Load Safety Compatible with Advantech products Specifications AC 100 ~ 240 V @ 47 ~ 63 Hz, full range (PFC) 200 W +3.3 V +5 V -5 V +12 V 14 A 16 A 0.2 A 9A 0A 2A 0.1 A 1A UL, TUV, CB, CCC 1757920002G: MIC-3039-B
RoHS
COMPLIANT
2002/95/EC
-12 V 0.7 A 0.1 A
+5 Vsb 1.5 A 0.1 A
1757000190G/1757000011G
AC cPCI 250 W Redundant Power Module/DC 48V cPCI 250 W Redundant Power Module
Input Output Max. Load
RoHS
COMPLIANT
2002/95/EC
Safety Compatible with Advantech products
Specifications 1757000190G: AC 100 ~ 254 V @ 50 ~ 60 Hz, full range (PFC) 1757000011G: DC -48 V (-36 ~ -72 V input range) 250 W +3.3 V +5 V +12 V -12 V 18 A 25 A 5A 0.5 A 1757000190G: CSA, CB, CCC 1757000011G: CSA, CB 1757000190G/1757000011G: MIC-3042/MIC-3043
RoHS
COMPLIANT
2002/95/EC
1757000220G/1757000221G
AC ATX 350 W Redundant Power Module
Input Output Max. Load Min. Load Safety Specifications AC 100 ~ 240 V @ 47 ~ 63 Hz, full range (PFC) 350 W +3.3 V +5 V -5 V +12 V 35 A 35 A 8A 1A 3A 0.5 A UL, TUV, CB, CCC 1757000220G: MIC-3038 1757000221G: MIC-3041
1757000220G
-12 V 0.8 A 0A
+5 Vsb 2A 0A
1757000221G
Compatible with Advantech products
1757000111G
AC ATX 500 W Power Supply
Specifications Input Output Max. Load Min. Load Safety Compatible with Advantech products AC 115 ~ 240 V @ 47 ~ 63 Hz, full range (PFC) 500 W +3.3 V +5 V -5 V +12 V 30 A 40 A 0.8 A 32 A 0A 2.5 A 0A 1A UL, TUV, CB, CCC 1757000111G: MIC-3081B
-12 V 1A 0A
+5 Vsb 2A 0.1A
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of 1757000190G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X