Part Number Hot Search : 
C67078 LBN70A44 A3240C P6SMB56A DF10S C1H10 BF494B SI3455DV
Product Description
Full Text Search
 

To Download 1700000259 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accessories
5.25 Industrial Disk Tray
IDT-5101
Shockproof Industrial Hard Disk Drive Tray with Cooling Fan and Optional Front USB and PS/2 Interfaces
Accepted HDD: 1 x 3.5" Cooling Fan: 1 x 7 CFM Material: Heavy duty steel plate with coating Color Codes: 414U (Gray), 4C2X (Black) Dimensions (W x H x D): 148.5 x 42.6 x 171 mm (5.85" x 1.68" x 6.73") Net Weight: 400 g (0.88 lb) P/N: IDT-5101, IDT-5101-BLK IDT-5121, IDT-5121-BLK with dual USB & PS/2
Connectors and Cables
P/N 1700000719
USB cable with four ports, 30.5 cm
The key is in pin #10
P/N 1700100170
USB cable with dual ports, 17.5 cm
The key is in pin #10
P/N 1700002314
USB cable with four ports, 30.5cm
For AIMB-764, 762, 760, 750, 744, 742, 562, 560, 556, 554, 542, PCA-6189, PCE-5120, PCE-7210 The key is in pin #9
P/N 1700003195
USB cable with dual ports, 17.5 cm
For AIMB-764, 762, 760, 750, 744, 742, 562, 560, 556, 554, 542, PCA-6189, PCE-5120, PCE-7210 The key is in pin #9
P/N 1700100301
USB cable with dual ports, 30 cm
The key is in pin #10
P/N 1700060202
Y-cable for PS/2 mouse & keyboard for CPU card
P/N 1700002204
USB cable with dual ports, 27cm
For AIMB-764, 762, 760, 750, 744, 742, 562, 560, 556, 554, 542, PCA-6189, PCE-5120, PCE-7210 The key is in pin #9
P/N 1700060201
Y-cable for PS/2 mouse & AT keyboard for CPU card
P/N 1700000259
15-pin to 9-pin D-sub VGA cable, 20 cm
P/N 1701260305
Serial and parallel ports with cables and bracket
All product specifications are subject to change without notice
Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of 1700000259

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X