|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
121-103 - Type F Series 74 Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel(R) (ETFE) or PEEK Series 74 Convoluted Tubing TYPE F JACKET AND TWO EXTERNAL SHIELDS 121-103-1-1-16 B E T S H Product Series Basic No. Class 1 = Standard Wall 2 = Thin Wall * Convolution 1 = Standard 2 = Close Dash No. (Table I) Color B = Black C = Natural JACKET OUTER SHIELD INNER SHIELD TUBING Outer Shield C = Stainless Steel N = Nickel/Copper S = SnCuFe T = Tin/Copper Inner Shield N = Nickel/Copper S = SnCuFe T = Tin/Copper Material E = ETFE F = FEP K = PEEK *** Jacket E = EPDM H = Hypalon(R) N = Neoprene V = Viton P = PFA T = PTFE** A DIA B DIA LENGTH (AS SPECIFIED IN FEET) MINIMUM BEND RADIUS TABLE I DASH FRACTIONAL A INSIDE B DIA MINIMUM NO. SIZE REF DIA MIN MAX BEND RADIUS * 06 3/16 .181 (4.6) .540 (13.7) .50 (12.7) 09 9/32 .273 (6.9) .634 (16.1) .75 (19.1) 10 5/16 .306 (7.8) .670 (17.0) .75 (19.1) 12 3/8 .359 (9.1) .730 (18.5) .88 (22.4) 14 7/16 .427 (10.8) .791 (20.1) 1.00 (25.4) 16 1/2 .480 (12.2) .870 (22.1) 1.25 (31.8) 20 5/8 .603 (15.3) .990 (25.1) 1.50 (38.1) 24 3/4 .725 (18.4) 1.150 (29.2) 1.75 (44.5) 28 7/8 .860 (21.8) 1.293 (32.8) 1.88 (47.8) 32 1 .970 (24.6) 1.446 (36.7) 2.25 (57.2) 40 1 1/4 1.205 (30.6) 1.759 (44.7) 2.75 (69.9) 48 1 1/2 1.437 (36.5) 2.052 (52.1) 3.25 (82.6) 56 1 3/4 1.688 (42.9) 2.302 (58.5) 3.63 (92.2) 64 2 1.937 (49.2) 2.552 (64.8) 4.25 (108.0) * The minimum bend radius is based on Type A construction (see page D-3). For multiple-braided coverings, these minumum bend radii may be increased slightly. (c) 2003 Glenair, Inc. CAGE Codes 06324 Metric dimensions (mm) are in parentheses. * Consult factory for thin-wall, close convolution combination. ** For PTFE maximum lengths - consult factory. *** Consult factory for PEEK min/max dimensions. Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com D-8 |
Price & Availability of 121-103-1-1-06BFSE |