Part Number Hot Search : 
2SK19 HYAAM 1048048 HT49R 53281 UZ8824 FDQ7238S IRFB422
Product Description
Full Text Search
 

To Download 109D547X0015K0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 109D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C, Elastomer-Sealed
FEATURES
* Terminations: standard tin/lead (SnPb), 100 % tin (RoHS compliant) available Pb-free Available * Vishay Sprague model 109D tubular elastomer-sealed, sintered anode TANTALEX(R) RoHS* capacitors fill the basic requirements for COMPLIANT applications where a superior quality, reliable design for industrial, automotive and telecommunications application is desired. * Model 109D capacitors are the commercial equivalents of Tansitor style WC, UWC, Mallory-NACC style TLS, TLH and the Military Style CL64 and CL65, designed to meet the performance requirements of Military Specification MIL-DTL-3965.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C. (to + 125 C with voltage derating.) Capacitance Tolerance: At 120 Hz, + 25 C. 20 % standard. 10 %, 5 % available as special. DC Leakage Current (DCL max.): At + 25 C, + 85 C, + 125 C: Leakage current shall not exceed the values listed in the Standard Ratings Tables. Life Test: Capacitors are capable of withstanding a 2000 h life test at a temperature of + 85 C or + 125 C at the applicable DC working voltage. Following the life test: 1. DCL shall not exceed the initial requirements or 1 A, whichever is greater. 2. The ESR shall meet the initial requirement. 3. Change in capacitance shall not exceed 10 % from the initial measurement. For capacitors with voltage ratings of 15 WVDC and below, change in capacitance shall not exceed + 10 %, - 25 % from the initial measurement.
ORDERING INFORMATION
109D MODEL 207 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow X0 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % X5 = 5 % Special Order 006 DC VOLTAGE RATING AT + 85 C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V) C CASE CODE See Ratings and Case Codes Table 0 STYLE NUMBER 0 = No outer sleeve. Standard 2 = Outer plastic film insulation E3 RoHS COMPLIANT E3 = 100 % tin termination (RoHS compliant) Blank = SnPb termination (standard design)
Note Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to the unit weight.
DIMENSIONS in inches [millimeters]
L 0.250 [6.35] Max.
-
+
0.025 [6.35] Dia. (No. 22 AWG) Tinned Solderable Leads
D
CASE CODE
BARE TUBE D 0.188 0.016 [4.78 0.41] 0.281 0.016 [7.14 0.41] 0.375 0.016 [9.53 0.41] 0.375 0.016 [9.53 0.41] L 0.453 + 0.031 - 0.016 [11.51 + 0.79 - 0.41] 0.641 + 0.031 - 0.016 [16.28 + 0.79 - 0.41] 0.766 + 0.031 - 0.016 [19.46 + 0.79 - 0.41] 1.062 + 0.031 - 0.016 [26.97 + 0.79 - 0.41]
C F T K (1) Note (1) Replaces previous W case. * Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 12
WITH PLASTIC-FILM INSULATING SLEEVE D Max. L Max. 0.219 [5.56] 0.608 [15.45] 0.312 [7.92] 0.796 [20.22] 0.406 [10.31] 0.921 [23.40] 0.406 [10.31] 1.217 [30.91]
LEAD LENGTH 1.500 0.250 [38.10 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35] 2.250 0.250 [57.15 6.35]
For technical questions, contact: wettants@vishay.com
Document Number: 40023 Revision: 17-Mar-08
109D
Wet Tantalum Capacitors Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C, Elastomer-Sealed
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER (1) MAX. ESR at + 25 C 120 Hz () 4 2 4 3 1.6 6 4 5 5 4 3 6 5 4 3 1.2 6 5 4 4 4 4 1.3 8 7.5 8 4 6 6 4.1 1.6 MAX. IMP. at - 55 C 120 Hz () 60 40 25 25 20 115 30 175 100 40 25 155 90 50 30 23 220 140 70 50 45 32 24 275 275 175 65 60 40 35 25 MAX. DCL (A) at + 25 C + 85 C + 125 C MAX. CAPACITANCE CHANGE (%) at - 55 C + 85 C + 125 C
Vishay
6 WVDC at + 85 C . . . 4 WVDC at + 125 C 68 140 270 560 1200 22 220 20 47 180 390 15 33 120 270 540 10 22 50 100 100 180 350 7 8 15 40 68 100 150 300 C F F T K C F C C F T C C F T K C C F F T T K C C C F F T T K 109D686X0006C0 109D147X0006F0 109D277X0006F0 109D567X0006T0 109D128X0006K0 109D226X0008C0 109D227X0008F0 109D206X0010C0 109D476X0010C0 109D187X0010F0 109D397X0010T0 109D156X0015C0 109D336X0015C0 109D127X0015F0 109D277X0015T0 109D547X0015K0 109D106X0025C0 109D226X0025C0 109D506X0025F0 109D107X0025F0 109D107X0025T0 109D187X0025T0 109D357X0025K0 109D705X0030C0 109D805X0030C0 109D156X0030C0 109D406X0030F0 109D686X0030F0 109D107X0030T0 109D157X0030T0 109D307X0030K0 1 1 1 2 3 1 1 1 1 1 2 1 1 1 2 6 1 1 1 1 2 2 7 1 1 1 1 1 2 2 8 2 3 7 13 14 2 7 2 2 7 16 2 2 7 16 24 2 3 5 10 10 18 28 2 2 2 5 8 12 18 32 - 40 - 40 - 44 - 64 - 80 -40 - 44 - 32 - 36 - 36 - 64 - 24 - 28 - 28 - 56 - 80 - 16 - 20 - 28 - 28 - 48 - 48 - 70 - 16 - 16 - 20 - 24 - 24 - 28 - 48 - 60 + 14 + 14 + 17.5 + 17.5 + 25 + 10.5 + 17.5 + 10.5 + 14 + 14 + 17.5 + 10.5 + 14 + 17.5 + 17.5 + 25 +8 + 10.5 + 13 + 13 + 13 + 13 + 25 +8 +8 + 10.5 + 10.5 + 13 + 10.5 + 13 + 25 + 16 + 16 + 20 + 20 + 25 + 12 + 20 + 12 + 16 + 16 + 20 + 12 + 16 + 20 + 20 + 25 +9 + 12 + 15 + 15 + 15 + 15 + 25 + 12 + 12 + 12 + 12 + 15 + 12 + 15 + 25
8 WVDC at + 85 C . . . 5 WVDC at + 125 C
10 WVDC at + 85 C . . . 7 WVDC at + 125 C
15 WVDC at + 85 C . . . 10 WVDC at + 125 C
25 WVDC at + 85 C . . . 15 WVDC at + 125 C
30 WVDC at + 85 C . . . 20 WVDC at + 125 C
Note (1) Part Numbers shown are for units with 20 % capacitance tolerance and uninsulated capacitors. For 10 % units, change the digit following the letter "X" from "0" to "9". For units with outer plastic-film insulation, substitute "2" for "0" at the end of the Part Number. For RoHS compliant add "E3".
Document Number: 40023 Revision: 17-Mar-08
For technical questions, contact: wettants@vishay.com
www.vishay.com 13
109D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C, Elastomer-Sealed
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER (1) MAX. ESR at + 25 C 120 Hz () 9 9 8 7 6 6 3 4 2.2 10 8 5 7 4 6 2.4 10 8 6 6.5 7 5 6 3.1 26.5 10 10 6 6 7 4 6 54.6 15 15 12 10 MAX. IMP. at - 55 C 120 Hz () 400 400 250 95 95 70 45 45 27 550 275 105 90 50 50 28 650 300 160 150 90 60 60 29 950 800 500 215 200 100 80 70 1250 600 240 167 93 MAX. DCL (A) at + 25 C + 85 C + 125 C MAX. CAPACITANCE CHANGE (%) at - 55 C + 85 C + 125 C
50 WVDC at + 85 C . . . 30 WVDC at + 125 C 4.5 5 10 22 25 47 60 82 160 4 8.2 20 39 50 68 140 3.5 6.8 13 15 33 40 56 110 2.5 3.0 4.7 10 11 22 30 43 1.7 3.6 9 14 25 C C C F F F T T K C C F F T T K C C F F F T T K C C C F F F T T C C F F T 109D455X0050C0 109D505X0050C0 109D106X0050C0 109D226X0050F0 109D256X0050F0 109D476X0050F0 109D606X0050T0 109D826X0050T0 109D167X0050K0 109D405X0060C0 109D825X0060C0 109D206X0060F0 109D396X0060F0 109D506X0060T0 109D686X0060T0 109D147X0060K0 109D355X0075C0 109D685X0075C0 109D136X0075F0 109D156X0075F0 109D336X0075F0 109D406X0075T0 109D566X0075T0 109D117X0075K0 109D255X0100C0 109D305X0100C0 109D475X0100C0 109D106X0100F0 109D116X0100F0 109D226X0100F0 109D306X0100T0 109D436X0100T0 109D175X0125C0 109D365X0125C0 109D905X0125F0 109D146X0125F0 109D256X0125T0 1 1 1 1 1 1 2 2 8 1 1 1 1 2 2 8 1 1 1 1 1 2 2 9 1 1 1 1 1 1 2 2 1 1 1 1 2 2 2 2 4 5 9 12 16 32 2 2 5 9 12 16 32 2 2 4 5 10 12 17 36 2 2 2 4 4 9 12 17 2 2 5 7 13 - 16 - 16 - 24 - 20 - 20 - 28 - 16 - 32 - 50 - 16 - 24 - 16 - 28 - 16 - 32 - 40 - 16 - 20 - 16 - 16 - 24 - 16 - 28 - 35 - 16 - 16 - 16 - 16 - 16 - 16 - 16 - 20 - 16 - 16 - 16 - 16 - 16 +5 +5 +8 + 10.5 + 10.5 + 13 + 10.5 + 13 + 25 +5 +8 + 10.5 + 10.5 + 10.5 + 10.5 + 20 +5 +8 +8 +8 + 10.5 + 10.5 + 10.5 + 20 +7 +7 +7 +7 +7 +7 +7 +7 +7 +7 +7 +7 +7 +6 +6 +9 + 12 + 12 + 15 + 12 + 15 + 25 +6 +9 + 12 + 12 + 12 + 12 + 20 +6 +9 +9 +9 + 15 + 12 + 15 + 20 +8 +8 +8 +8 +8 +8 +8 +8 +8 +8 +8 +8 +8
60 WVDC at + 85 C . . . 40 WVDC at + 125 C
75 WVDC at + 85 C . . . 50 WVDC at + 125 C
100 WVDC at + 85 C . . . 65 WVDC at + 125 C
125 WVDC at + 85 C . . . 85 WVDC at + 125 C
Note (1) Part Numbers shown are for units with 20 % capacitance tolerance and uninsulated capacitors. For 10 % units, change the digit following the letter "X" from "0" to "9". For units with outer plastic-film insulation, substitute "2" for "0" at the end of the Part Number. For RoHS compliant add "E3". www.vishay.com 14 For technical questions, contact: wettants@vishay.com Document Number: 40023 Revision: 17-Mar-08
109D
Wet Tantalum Capacitors Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C, Elastomer-Sealed
EXTENDED RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER (1) MAX. ESR at + 25 C 120 Hz () 2.5 1.5 1 2.5 4 3 2.5 2.5 1.5 1.5 1 1 4 4 2.5 2.5 1.8 1.2 1.2 4.3 2.7 1.8 1.2 5.2 5.2 5.2 2.5 2.5 2.5 1.8 1.8 1.8 1.3 MAX. IMP. at - 55 C 120 Hz () 18 18 13 22 60 54 30 27 20 18 18 15 80 72 35 31 22 20 17 90 33 24 19 110 100 100 40 40 36 28 28 25 20 MAX. DCL (A) at + 25 C + 85 C + 125 C MAX. CAPACITANCE CHANGE (%) at - 55 C + 85 C + 125 C
Vishay
6 WVDC at + 85 C . . . 4 WVDC at + 125 C 820 1500 2200 680 120 150 470 560 1000 1200 1200 1500 82 100 330 390 820 820 1000 68 270 560 680 39 47 56 150 180 220 330 390 470 560 F T K F C C F F T T K K C C F F T K K C F T K C C C F F F T T T K 109D827X0006F0 109D158X0006T0 109D228X0006K0 109D687X0008F0 109D127X0010C0 109D157X0010C0 109D477X0010F0 109D567X0010F0 109D108X0010T0 109D128X0010T0 109D128X0010K0 109D158X0010K0 109D826X0015C0 109D107X0015C0 109D337X0015F0 109D397X0015F0 109D827X0015T0 109D827X0015K0 109D108X0015K0 109D686X0025C0 109D277X0025F0 109D567X0025T0 109D687X0025K0 109D396X0030C0 109D476X0030C0 109D566X0030C0 109D157X0030F0 109D187X0030F0 109D227X0030F0 109D337X0030T0 109D397X0030T0 109D477X0030T0 109D567X0030K0 3 5 6 3 2 2 3 3 5 5 7 7 2 2 3 3 6 8 8 2 3 7 8 2 2 2 3 3 3 8 8 8 9 14 20 24 14 9 9 16 16 20 20 25 25 9 9 16 16 24 32 32 9 16 28 32 - 28 9 9 9 16 16 16 32 32 32 - 88 - 90 - 90 - 83 - 45 - 55 - 65 - 77 - 75 - 88 - 75 - 88 - 38 - 44 - 60 - 66 - 77 - 70 - 77 - 40 - 62 - 72 - 72 + 10 - 30 - 38 - 40 - 45 - 60 - 45 - 50 - 65 - 65 + 16 + 20 + 25 + 16 + 13 + 13 + 16 + 16 + 20 + 20 + 30 + 25 + 13 + 13 + 16 + 16 + 20 + 30 + 25 + 12 + 13 + 20 + 25 + 12 + 10 + 12 + 12 + 13 + 13 + 20 + 20 + 20 + 25 + 12 + 15 + 15 + 16 + 16 + 25 + 25 + 25 + 30 + 20 + 25 + 30 + 20 + 16 + 16 + 20 + 20 + 25 + 25 + 30 + 30 + 16 + 16 + 20 + 20 + 25 + 30 + 30 + 15 + 16 + 25 + 30
8 WVDC at + 85 C . . . 5 WVDC at + 125 C 10 WVDC at + 85 C . . . 7 WVDC at + 125 C
15 WVDC at + 85 C . . . 10 WVDC at + 125 C
25 WVDC at + 85 C . . . 15 WVDC at + 125 C
30 WVDC at + 85 C . . . 20 WVDC at + 125 C
Note (1) Part Numbers shown are for units with 20 % capacitance tolerance and uninsulated capacitors. For 10 % units, change the digit following the letter "X" from "0" to "9". For units with outer plastic-film insulation, substitute "2" for "0" at the end of the Part Number. For RoHS compliant add "E3".
Document Number: 40023 Revision: 17-Mar-08
For technical questions, contact: wettants@vishay.com
www.vishay.com 15
109D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C, Elastomer-Sealed
EXTENDED RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER (1) MAX. ESR at + 25 C 120 Hz () 5 2.5 1.8 1.5 5 3 2.5 2 1.8 1.5 5 5 5 3 3 2.5 2 1.8 2.2 6 6 3.5 3.5 2.2 2.2 3.2 11.7 3.5 2.2 4.1 MAX. IMP. at - 55 C 120 Hz () 135 49 29 22 144 60 54 32 29 23 175 160 157 75 70 63 33 30 24 250 200 85 80 45 40 30 300 90 50 32 MAX. DCL (A) at + 25 C + 85 C + 125 C MAX. CAPACITANCE CHANGE (%) at - 55 C + 85 C + 125 C
50 WVDC at + 85 C . . . 30 WVDC at + 125 C 33 120 270 330 27 68 100 140 220 270 12 15 22 47 56 82 110 180 220 8.2 10 33 39 56 68 86 6.8 27 47 56 C F T K C F F T T K C C C F F F T T K C C F F T T K C F T K 109D336X0050C0 109D127X0050F0 109D277X0050T0 109D337X0050K0 109D276X0060C0 109D686X0060F0 109D107X0060F0 109D147X0060T0 109D227X0060T0 109D277X0060K0 109D126X0075C0 109D156X0075C0 109D226X0075C0 109D476X0075F0 109D566X0075F0 109D826X0075F0 109D117X0075T0 109D187X0075T0 109D227X0075K0 109D825X0100C0 109D106X0100C0 109D336X0100F0 109D396X0100F0 109D566X0100T0 109D686X0100T0 109D866X0100K0 109D685X0125C0 109D276X0125F0 109D476X0125T0 109D566X0125K0 2 4 8 9 3 3 4 8 8 9 2 2 3 4 4 4 9 9 10 3 3 4 5 9 10 10 3 5 10 10 9 24 32 36 12 20 20 32 32 36 12 12 12 24 24 24 36 36 40 12 12 24 24 36 40 40 12 24 40 40 - 29 - 42 - 46 - 46 - 24 - 30 - 36 - 30 - 40 - 45 - 12 - 14 - 19 - 18 - 20 - 30 - 25 - 35 - 40 - 12 - 17 - 18 - 20 - 20 - 30 - 25 - 14 - 18 - 26 - 25 + 10 + 12 + 20 + 25 + 10 + 12 + 12 + 16 + 16 + 20 +8 + 10 + 10 + 10 + 12 + 12 + 16 + 16 + 20 + 12 + 10 + 15 + 12 + 15 + 14 + 15 + 10 + 12 + 14 + 15 + 12 + 15 + 25 + 30 + 12 + 15 + 15 + 20 + 20 + 25 + 10 + 12 + 12 + 12 + 15 + 15 + 20 + 20 + 25 + 12 + 12 + 15 + 15 + 15 + 16 + 15 + 12 + 15 + 16 + 15
60 WVDC at + 85 C . . . 40 WVDC at + 125 C
75 WVDC at + 85 C . . . 50 WVDC at + 125 C
100 WVDC at + 85 C . . . 65 WVDC at + 125 C
125 WVDC at + 85 C . . . 85 WVDC at + 125 C
Note (1) Part Numbers shown are for units with 20 % capacitance tolerance and uninsulated capacitors. For 10 % units, change the digit following the letter "X" from "0" to "9". For units with outer plastic-film insulation, substitute "2" for "0" at the end of the Part Number. For RoHS compliant add "E3".
www.vishay.com 16
For technical questions, contact: wettants@vishay.com
Document Number: 40023 Revision: 17-Mar-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 109D547X0015K0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X