|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PCB MOUNTING LEDs - O 3mm FEATURES 107 SERIES PACK QUANTITY = 100 PIECES Material conforms to UL94 V-O flammability ratings Low current versions available Reverse polarity options available Customised lead lengths available Product illustrated 107-311-04 Typically available ex stock SPECIFICATIONS Ordering Information & Typical T echnical Characteristics (T a = 25C) Mean Time Between Failure up to = 100,000 Hours. PART NUMBER COLOUR LENS Luminous intensity figures refer to the unmodified discrete LED. VOLTAGE Vopr DC CURRENT lopr DC LUMINOUS lv@20mA INTENSITY WAVE p OPERATING T opr TEMP STORAGE T stg TEMP LENGTH STANDARD INTENSITY 107-305-04 107-311-04 107-314-04 107-330-04 107-381-20 107-382-20 107-383-20 UNITS Red Yellow Green Red/Green Red Yellow Green Colour Diffused Colour Diffused Colour Diffused White Diffused Colour Diffused Colour Diffused Colour Diffused 2.0* 2.1* 2.2* 2.0/2.2* 5 5 5 20 20 20 20 13 13 11.5 Vdc 40 30 40 30/25 20@13mA 15@13mA 20@11.5mA mA 627 590 565 627/565 627 590 565 mcd -40 ~ +85^ -40 ~ +85^ -40 ~ +85^ -40 ~ +85^ -40 ~ +70 -40 ~ +70 -40 ~ +70 nm -40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85 0 Yes Yes Yes Yes Yes Yes Yes C C 0 * = Voltage DC for 20mA product is Vf@20mA, not Vopr ^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Refer to page 3. How to Order: website: www.marl.co.uk * email: sales@marl.co.uk * * T elephone +44 (0)1229 582430 * Fax: +44 (0)1229 585155 BS EN ISO 9001:2000 relating to either products or service. for products or service. The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply Approved Manufacturer (c) MARL INTERNATIONAL LTD 2008 : DS 051/07 Issue 3 SAMPLES AVAILABLE Page 1 of 3 107 Series 17.5 4.4 2.5 9.3 6.7 3.6 5.0 0.5 Sq 2.54 Anode 5.0 (Red Bi-colour) Dimensions in mm (Typical) Not to scale Housing Material Polycarbonate This material offers UL94 V-0 flame retardancy* and a high impact strength. This material has a melt point of xxC and is suitable for use in the majority of automatic soldering processes. *Material test thickness 1.6mm LEDs LED Polarity Anode identification is shown in the dimensional diagram. The long lead of a non-cropped unit can also be used to help identify the anode. For the 2 pin Bi-colour units the standard colour configuration is red anode to the `+' sign. Reverse Polarity This is offered on all PCB units, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity reverse colour configuration. Bi-colour 2 Pin Operation connections. Multiple units can also be supplied in reverse polarity but not with mixed polarities. The 2 pin and 3 pin Bi-colours can be supplied in T o acheive the second colour for a 2 pin Bi-colour unit the supply must be reversed, standard colour configuration for these units is red anode to the `+' sign. Electro-static Discharge (ESD) Build up of electrostatic discharge occurs in many situations involving people moving and handling products. The range of possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. When an operator charged up to these levels handles a `static sensitive device', there is a very probable likelihood that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and assembly of these products. Although LEDs were never considered to be static sensitive devices, changes in manufacturing technology and materials used to produce higher intensityproducts over a large range of the and despatch. We recommend all users of LED based products follow the guidelines of BS 100015. Note: All luminous intensity figures refer to the unmodified discrete LED. wavelength spectrum have changed this. Marl has an approved system of ESD control from goods in, through production and into final packing How to Order: website: www.marl.co.uk * email: sales@marl.co.uk * * T elephone +44 (0)1229 582430 * Fax: +44 (0)1229 585155 BS EN ISO 9001:2000 relating to either products or service. for products or service. The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply Approved Manufacturer (c) MARL INTERNATIONAL LTD 2008 : DS 051/07 Issue 3 SAMPLES AVAILABLE Page 2 of 3 DERATING INFORMATION 305 & 311 314 330 ALSO AVAILABLE Part numbers also available in the 107 Series: PART NO. COLOUR (Vdc) Vopr VOLTAGE DC ** = Multi-colour options are verified as example: 107-000-01-50 107-000-01-50 107-000-04-50 107-000-04-55 107-000-04-59 107-000-04-60 107-000-04-61 107-000-20-50 107-305-01 107-305-04 107-305-04-50 107-305-04-51 107-305-04-52 107-305-04-53 107-305-04-54 107-311-01 107-311-04 107-314-01 107-314-04 107-330-04 UNITS RGRG** YYYG GGblankR RGYB BYRG RGGR RGRG Red Red Red Red Red Red Red Yellow Green Green Green Red/Green 2mA 20mA 20mA 20mA 20mA 20mA 5Vdc 2mA 20mA 20mA 20mA 20mA 20mA 20mA 2mA 20mA 2mA 20mA 20mA The products listed above illustrate all of the options available to order. These products may have custom modifications that alter their operation beyond the generic information contained within this datasheet. Please contact sales for further information. How to Order: website: www.marl.co.uk * email: sales@marl.co.uk * * T elephone +44 (0)1229 582430 * Fax: +44 (0)1229 585155 BS EN ISO 9001:2000 relating to either products or service. for products or service. The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply Approved Manufacturer (c) MARL INTERNATIONAL LTD 2008 : DS 051/07 Issue 3 SAMPLES AVAILABLE Page 3 of 3 |
Price & Availability of 107-000-04-50 |