Part Number Hot Search : 
T6250430 74HC541 45A10501 PE175BF AT25C32 RA877 CAT5114 T6816
Product Description
Full Text Search
 

To Download 10021970 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
2.5 Gb/s Bias-Free Modulator with Integral Attenuator
Key Features
* Bias-free operation for fast transmitter development and manufacturing * Built-in 20 dB variable optical attenuator * Single package for less splicing, lower overall insertion loss and more usable board space * 1535 to 1565 nm operation; L-band versions available * Low drive voltage; compatible with commercial drivers * Low chirp for maximum transmission distance (>1000 km) * Voltage-controlled lithium niobate attenuator provides proven high reliability
Applications
* Medium- and long-haul DWDM transmission requiring dynamic optical power leveling * Transmitters with limite component space
The 2.5 Gb/s bias-free modulator with integral attenuator combines a modulator and a 20 dB variable attenuator within one small-outline package, simplifying component count and fiber splicing. The bias point of the interferometer is set to operate at about the half-intensity point (quadrature). A bias control circuit is not required. The attenuator is based on proven integrated optical waveguide technology, making it highly reliable. The modulator provides superior signal quality over a wide range of wavelengths in the C and L bands, and can be used to modulate tunable lasers. These devices are used for 2.5 Gb/s modulation and dynamic power leveling in dense wavelength division multiplexing (DWDM) systems.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
2.5 GB/S BIAS-FREE MODULATOR WITH INTEGRAL ATTENUATOR
2
Typical Performance Characteristics
Typical Frequency Response Curve, S21
0.00
0
Typical Return Loss Curve, S11
-2.50
-2 -4 -6 -8
-5.00 -7.50
S21 (dB)
S11 (dB)
-10.00 -12.50 -15.00
-10 -12 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-17.50 -20.00
0.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
Dimensions Diagram
(Specifications in inches [mm] unless otherwise noted.)
7.9 [200] MINIMUM BARE FIBER
39.42.0 [100050] .287 [7.30] 3.047 [77.39]
.157 [3.99] (2) PLCS (2) PLCS .09 [2.2]
DATE
IN
ATTENUATOR DC BIAS INPUT MZ1 INPUT
0 VDC MAX +24 dbm MAX MZ2 INPUT
MODEL NUMBER OUT S/N XXXX
.200[5.08] (6) PLCS PIN DIA .020 (2) PLCS PIN DIA .012
.77 [19.7] (2) PLCS 5.2.2 [131.45.1] PIN DIA .020 (2) PLCS 39.42.0 [100050] 7.9 [200] MINIMUM BARE FIBER
TOP VIEW
PIN DIA .012
.30 [7.6] .15 [3.7]
.149 [3.78] (2) PLCS
.143 [3.63] BOTTOM OF PINS (6) PLCS
10020289"X"
"X" DENOTES REV LETTER
.433 [11.00] .19 [4.9] .30 [7.6]
.500 [12.70] (2) PLCS .060 [1.52] .655 [16.64] .855 [21.72] 1.947 [49.44] 2.047 [51.98] 2.147 [54.52] 2.300 [58.42] 3.622 [92.01]
.15 [3.7]
LEFT SIDE VIEW
RIGHT SIDE VIEW
FRONT VIEW
2.5 GB/S BIAS-FREE MODULATOR WITH INTEGRAL ATTENUATOR
3
Specifications
Parameter General Material Crystal orientation Waveguide process Optical Operating wavelength Insertion loss, no connectors (note2) On/off extinction ratio, low frequency Optical return loss Electrical RF port Drive voltage, V peak-to-peak, at 2.5 Gb/s PRBS (note3) V at 100 kHz (note3) S21 electro-optic bandwidth (-3 dBe) (note1, 3) S11 return loss 0.03 to 2.5 GHz (note3) RF input power Chirp, alpha parameter Attenuator port V at DC Impedance Mechanical Input Output (note4) RF connection Bias connection Environmental Operating temperature Storage temperature
1. Relative to 30 MHz.
Specification
Lithium niobate x-cut, y-propagating APE/titanium-indiffused 1535 to 1565 nm 6.5 dB 20 dB 50 dB
3.6 V typical 3.7 V 2.5 GHz -9.5 dB 24 dBm ||<0.2 5.0 V 1 M Fujikura SM-15-P-8/125-UV/UV-400 SMF-28 Pins Pins 0 to 65 C -40 to 85 C
2. Insertion loss is measured at the maximum of the modulator's transfer function and does not include the 3 dB loss incurred when operating at quadrature. 3. Variances with temperature and wavelength included. 4. PM output fiber also available.
2.5 GB/S BIAS-FREE MODULATOR WITH INTEGRAL ATTENUATOR
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: 10021970
Product Code 10021970 10021971
Description 2.5 Gb/s modulator with integral attenuator and no optical connectors 2.5 Gb/s modulator with integral attenuator and FC/SPC optical connectors
Note: Other connectors available upon special request. Call JDSU for more information.
SMF-28 and Fujikura SM-15-P-8/125-UV-400 are registered trademarks of Corning Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 10116236 Rev. 001 05/06 25GBFMVOA.DS.CC.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of 10021970

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X