Part Number Hot Search : 
ISL64 88502 2405S 2N3904TA MMSZ4707 2SA1696 SMCJ10C DZ5V1
Product Description
Full Text Search
 

To Download WRF2405P-3W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WRE_P-3W & WRF_P-3W Series
3W, WIDE INPUT, ISOLATED & REGULATED SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
multi-country patent protection RoHS FEATURES
Efficiency Up To 82% Operating Temperature: -40C to +85C 3KVDC Isolation Short circuit protection(automatic recovery) No external component required Internal SMD construction Industry standard pinout MTBF1,000,000 hours UL94-V0 Package RoHS Compliance
PRODUCT PROGRAM
Input Part Number WRE1205P-3W WRE1209P-3W WRE1212P-3W WRE1215P-3W WRF1205P-3W WRF1209P-3W WRF1212P-3W WRF1215P-3W WRE2405P-3W 12 9-18 22 Voltage (VDC) Nominal Range Max* Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 24 18-36 40 15 5 9 12 15 Output Current (mA) Max 300 167 125 100 600 333 250 200 300 167 125 100 600 333 250 200 Min 30 16 12 10 60 33 25 20 30 16 12 10 60 33 25 20 74 76 78 79 74 76 78 79 78 80 82 81 78 80 82 81 Efficiency (%, Typ)
APPLICATIONS
The WRE_P-3W & WRF_P-3W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range2:1); 2) Where isolation is necessary between input and output(Isolation Voltage3000VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
WRE2409P-3W WRE2412P-3W WRE2415P-3W WRF2405P-3W WRF2409P-3W WRF2412P-3W WRF2415P-3W
*Input voltage can't exceed this value, or will cause the permanent damage. Note:The load shouldn't be less than 10%,otherwise ripple will increase dramatically. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test Conditions Tested for 1 minute and 1mA max Test at 500VDC Min Typ Max Units
3000 1000
VDC M
APPLICATIONS
WRE1205P-3W
Rated Power Package Style Outp ut Voltage Input Volta ge Produ ct Series
OUTPUT SPECIFICATIONS
Item Output power Positive voltage accuracy Test Conditions See below products program Refer to recommended circuit Min 0.3 1 3 0.5 0.2 Typ Max 3 3 5 1* 0.5 0.03 50 300 100 %/ mVp-p KHz % Units W
Negative voltage accuracy Refer to recommended circuit Load regulation From 10% To 100% load
Line regulation(at full load) Input voltage from low to high Temperature Drift(Vout) MORNSUN Science & Technology co.,Ltd. Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 Http://www.mornsun-power.com Ripple & Noise ** Switching frequency Refer to recommended circuit 20MHz bandwidth 100% load, nominal Input voltage
* Dual output models unbalanced load: 5%. **Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRE_P-3W & WRF_P-3W
A/0-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Cooling Short circuit protection Case material MTBF Weight 100 17 1.5mm from case for 10 seconds -40 -55 15 300 Free air convection Continuous, automatic recovery Plastic (UL94-V0) K hours g Test Conditions Min Typ Max 95 85 125 Units %
Recommended Circuit All the WRE_P-3W&WRF_P-3W Series have been tested according to the following recommended testing circuit before leaving factory. This series should be tested under load. Never be tested under no load (see Figure 1).
Dual Output Vin
C in
+Vout
DC
DC
0V -Vout
GND Single Output Vin
Cin
+Vout
DC
DC
0V
GND
TYPICAL CHARECTERISTICS
Temperature Derating Graph
(Figure 1) If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a
Safe Operating Area
startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General: Cin: 12V 100F 10F-47F
Operating Temp.( C )
24V
Cout: 10F/100mA
OUTLINE DIMENSIONS & PIN CONNECTIONS
31.80(1.252) 2.38 (0.094) First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch), diameter:1.00mm(0.039inch) Single /Dual Output
20.30(0.800)
23
9 1011 (Bottom View)
. Output Extemal Capacitor Table(Table 1) Single Vout Cout Dual Vout Cout (VDC) (uF) (VDC) (uF) 5 1000 5 680 9 680 9 470 12 470 12 330 15 330 15 220 Input Current When it is used in unregulated power supply, be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the module standard. Input current of power supply should afford the startup current of this kind of DC/DC module. (Figure 2) General: Ip 1.4*Iin-max
2322
161514
23 22 2.54 (0.100) 4.25 (0.167) 23 9.50 (0.374)
16 15 14
9 10 11
4.10
(Side View)
FOOTPRINT DETAILS Pin Single Dual
Input Current(A)
Note: Unit:mm(inch) Pin diameter:0.50mm(0.020inch) Pin diameter tolerances:0.05mm(0.002inch) General tolerances: 0.25mm(0.010inch)
2,3 9 11 10,15 14 16 22,23
GND NC NC +Vo 0V Vin
GND 0V -Vo NC +Vo 0V Vin
Ip
Input Voltage Range
NC:No Connection
Input Voltage (V)
APPLICATION NOTE
Requirement On Output Load In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very small, please add an appropriate resistor as extra loading, or contact our company for other lower output power products. No parallel connection or plug and play.
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRE_P-3W & WRF_P-3W
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of WRF2405P-3W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X