Part Number Hot Search : 
LT1764E 4761A 4761A D15SB100 1N4754 ML120 MA5889 PSSB05P
Product Description
Full Text Search
 

To Download WRF2405CKS-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WRE_CKS-1W & WRF_CKS-1W Series
1W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
multi-country patent protection RoHS FEATURES
Efficiency up to 81% Wide (2:1) Input Range I/O Isolation 3000VDC Short circuit protection(automatic recovery) External On/Off control Internal SMD construction Operating Temperature: -40C to +85C UL94-V0 Package RoHS Compliance
PRODUCT PROGRAM
Part Number WRE0505CKS-1W * WRE0509CKS-1W * WRE0512CKS-1W * WRE0515CKS-1W * WRF0505CKS-1W * WRF0509CKS-1W * WRF0512CKS-1W * WRF0515CKS-1W * WRE1205CKS-1W WRE1209CKS-1W WRE1212CKS-1W WRE1215CKS-1W WRF1205CKS-1W WRF1209CKS-1W WRF1212CKS-1W WRF1215CKS-1W WRE2405CKS-1W WRE2409CKS-1W WRE2412CKS-1W WRE2415CKS-1W WRF2405CKS-1W WRF2409CKS-1W WRF2412CKS-1W WRF2415CKS-1W WRE4805CKS-1W * WRE4809CKS-1W * WRE4812CKS-1W * WRE4815CKS-1W * WRF4805CKS-1W * 48 36-72 80 24 18-36 40 5 4.5-9.0 11 Input Voltage (VDC) Nominal Range Max** Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 Output Current (mA) Max Min 100 55 42 33 200 111 83 67 100 55 42 33 200 111 83 67 100 55 42 33 200 111 83 67 100 55 42 33 200 111 83 67 10 6 4 3 20 11 8 7 10 6 4 3 20 11 8 7 10 6 4 3 20 11 8 7 10 6 4 3 20 11 8 7 Efficiency (%, Typ) 72 74 76 75 72 74 76 75 76 78 80 80 76 78 80 80 78 79 81 81 76 78 81 81 76 78 80 80 76 78 80 80
APPLICATIONS
The WRE_CKS-1W & WRF_CKS-1W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range 2:1); 2) Where isolation is necessary between input and output(isolation voltage3000VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
12
9.0-18
22
MODEL SELECTION
WRE2412CKS-1W
Rated Power Package Style Output Voltage Input Voltage Product Series
WRF4809CKS-1W * WRF4812CKS-1W * WRF4815CKS-1W *
* Designing. **Input voltage can't exceed this value, or will cause the permanent damage. Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item Output power Positive voltage accuracy Negative voltage accuracy Refer To Recommended Circuit Refer To Recommended Circuit 10% to 100% load(WRF_CKS-1W) 10% to 100% load(WRE_CKS-1W) * Input voltage from Low To high Refer to recommended circuit 20MHz Bandwidth Input voltage range 100% load Test Conditions Min 0.1 1 3 0.5 0.75 0.2 25 300 Typ Max 1 3 5 0.75 1.0 0.5 0.03 75
%
Units W
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Load Regulation Line Regulation Temperature Drift (Vout) Ripple & Noise** Switching Frequency
%/C mVp-p KHz
* Dual output models unbalanced load(25/100%): 5%Max. **Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRE_CKS-1W & WRF_CKS-1W
A/0-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage Humidity Operating Temperature Storage Temperature Temp. Rise at Full Load Lead Temperature Isolation voltage Isolation resistance Isolation Capacitance No-load power consumption Cooling Short Circuit Protection Case Material MTBF Weight 1000 5 1.5mm from case for 10 seconds Tested for 1 minute and 1mA max Test at 500VDC 100KHz,1V 3000 1000 35 120 Free Air Convection Continuous, Automatic recovery Plastic(UL94-V0) K hours g -40 -55 15 300 VDC M PF mW Test Conditions Min Typ Max 95 85 125 C Units %
APPLICATION NOTE
Recommended circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
Single Output
Vc Vi n Cin G ND 1 7 D1 Ic R Lin 2 3 6 8 Cs Co ut 0V +Vo
Dual Output
Vc V in C in
7
D1 I c R Lin 2
3 6
Lout Cout
+Vo 0V Cout -Vo
G ND
1 8
Lout
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. See below recommended circuits for more details.
(Figure 1) However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General:
Cin: Cout: Lin: Lout: Cs: 5V,12V 24V,48V 47F(Typ.) 4.7H -120H 2.2H-10H 10F-22F 100F 10F
TYPICAL TEMPERATURE CURVE
100
Operating Temp.( C )
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
External Capacitor Table(Table 1) Dual Vout Cout Single Vout Cout (VDC) (F) (VDC) (F) 5 680 5 330 9 560 9 270 12 470 12 220 15 330 15 150 CTRL Terminal When open or high impedance,the converter
First Angle Projection
123 5678
Bottom View
work well; When this pin is `high'; the converter shutdown; It should be note that the input current (Ic) should between 5-10mA, exceeding the maximum 20mA will cause permanence damage to the converter. The value of R Can be derived as follows : R= VC-VD -1.0
RECOMMENDED FOOTPRINT Top view,grid:2 .54mm(0.1inch), diam eter:1.00m m(0.039inch) Dual/Single Output
(0.866)
3
5
Ic Input current While using unstable power source, please ensure the output voltage and ripple voltage do not excced indexes of the converter. The
12.00
0.50
4.10
Side View
FOOTPRINT DE TAILS Single Pin 1 GND 2 Vin 3 CTRL 5 NC 6 +Vo 7 0V 8 CS NC:No Connection Dual GND Vin CTRL NC +Vo 0V -Vo
preceding power source must be able to provide for converter sufficient starting current Ip (Figure 2).General: Ip 1.4*Iin-max
Input Current(A)
Ip
Not e: Uni t:mm(inch) Pin section:0.50*0.30mm (0.020*0.012inch) Pin section tol erances: +0.10mm( +0. 004inch) General tolerances: +0.25mm( +0.010inch)
Input Voltage Range
Input Voltage (V)
No parallel connection or plug and play.
MORNSUN reserves the copyright Specifications subject to change without notice. WRE_CKS-1W & WRF_CKS-1W A/0-2008 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of WRF2405CKS-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X