Part Number Hot Search : 
AD9883 CEM3120 AOD412 CA3338AM HSU226 IN145408 200CT KX1130
Product Description
Full Text Search
 

To Download UXXTA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U Series Crystal
UM-1 Thru-Hole Crystal Wide Frequency Range AT Cut RoHS Compliant Available ELECTRICAL SPECIFICATIONS:
Frequency Range Frequency Tolerance / Stability Operating Temperature Range Storage Temperature Aging Shunt Capacitance Load Capacitance Equivalent Series Resistance (ESR) Mode of Operation Drive Level Shock Solderability Solvent Resistance Vibration Gross Leak Test Fine Leak Test 7.000MHz to 200.000MHz (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5ppm / first year max 7pF max 20pF Standard (See Part Number Guide for Options) See ESR Chart Fundamental, 3 OT 1mW Max MIL-STD-883, Meth 2002, Cond MIL-STD-883, Meth 2003 MIL-STD-202, Meth 215 MIL-STD-883, Meth 2007, Cond MIL-STD-883, Meth 1014, Cond MIL-STD-883, Meth 1014, Cond
rd
ESR CHART:
Frequency Range 7.000MHz to 40.000MHz 24.000MHz to 34.999MHz 35.000MHz to 125.000MHz 60.000MHz to 200.000MHz ESR (Ohms) 40 Max 60 Max 40 Max 60 Max Mode / Cut Fund / AT 3rd OT / AT 3rd OT / AT 3rd OT / AT
MARKING:
Line 1: MXX.XXX XX.XXX = Frequency in MHz Line 2: SYMCCL S = Internal Code YM = Date Code (Year/Month) CC = Crystal Parameters Code L = Denotes RoHS Compliant
B
A C A
MECHANICAL DETAILS:
8.10 [.319] MAX 13.20 [.520] MAX 3.20 [.126] MAX
3.75 [.148]
7.90 [.311] MAX
0.30 [.012] DIMENSION IN BRACKETS ARE IN INCHES
PART NUMBER GUIDE:
U UM-1 Frequency
Load Capacitance RoHS Compliant Blank = Not Compliant F = Is Compliant S = Series 20 = 20pF (Standard) XX = XXpF (8pF to 50pF)
Temperature Tolerance/Stability A = 50 ppm / 100 ppm B = 30 ppm / 50 ppm C = 15 ppm / 30 ppm D = 10 ppm / 15 ppm E = 50 ppm / 50 ppm T = 5 ppm / 10 ppm
Operating Temperature A = 0C to +70c B = -20C to +70c C = -40C to +85c Mode of Operation 1 = Fundamental 3 = 3rd Overtone
Please Consult with MMD Sales Deparment for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision U052107C


▲Up To Search▲   

 
Price & Availability of UXXTA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X