Part Number Hot Search : 
BSF310 BUK95 S07K30 SM5839AV 0N06S 70NH03 2SD14 NA351
Product Description
Full Text Search
 

To Download UGF3MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0A Sintered Glass Passivated Ultra Fast Rectifier UGF3AB - UGF3MB
3.0A Sintered Glass Passivated Ultra Fast Rectifier
Features
* * * * * * * Sintered glass passivated (SGP) rectifier chip Glass passivated cavity-free junction Ideal for surface mount automotive applications Superfast recovery time for high efficiency Built-in strain relief Easy pick and place High temperature soldering guaranteed:260C/10 seconds, at terminals
SMB
* RoHS Compliance
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-214AA(SMB) molded plastic over passivated chip Plastic package has UL flammability classification 94V-0 Solder plated, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.003 ounces, 0.093 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current UGF3 AB 50 35 50 UGF3 BB 100 70 100 UGF3 DB 200 140 200 UGF3 GB 400 280 400 3.0 UGF3 JB 600 420 600 UGF3 KB 800 560 800 UGF3 MB 1000 700 1000 Unit V V V A TA=75 C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Conditions
VRRM VRMS VDC IF(AV)
IFSM
115
105
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/AH 2007-11-07 Page 1 of 4
3.0A Sintered Glass Passivated Ultra Fast Rectifier UGF3AB - UGF3MB
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage UGF3 AB UGF3 BB 1.0 5 UGF3 DB UGF3 GB 1.25 UGF3 JB UGF3 KB 1.7 5 120 75 75 47 C / W 12 Operating Junction and Storage Temperature Range -65 to +175 C Note nS pF A UGF3 MB Unit V Conditions IF=1.0A TA=25 C TA=125 C TA=150 C IF=0.5A, IR=1.0A, Irr=0.25A VR=4V, f=1MHz
VF
IR
50 120
Trr CJ
RthJA RthJL
Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance
50
TJ, TSTG
Note: Thermal resistance from junction to ambient and from junction to lead P.C.B mounted on 0.2x0.2"
(5.0x5.0mm) copper pad areas.
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve Average Forward Rectified Current (A) Fig.2-Max. Non-Repetitive Peak Forward Surge Current Peak Forward Surge Current (A)
Ambient Temperature (C) www.taitroncomponents.com
Number of Cycles at 60Hz Rev. A/AH 2007-11-07 Page 2 of 4
3.0A Sintered Glass Passivated Ultra Fast Rectifier UGF3AB - UGF3MB
Fig.3- Typical Instantaneous Forward Characteristics Instantaneous Reverse Leakage Current (A) Fig.4-Typical Reverse Characteristics
Instantaneous Forward Current (A)
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/AH 2007-11-07 www.taitroncomponents.com Page 3 of 4
3.0A Sintered Glass Passivated Ultra Fast Rectifier UGF3AB - UGF3MB
Dimensions in inches (mm)
SMB
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2007-11-07 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of UGF3MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X