Part Number Hot Search : 
28F160 100H64 STM323 LA6565VR 2SA2044 SI3000 K1213 2SDXX
Product Description
Full Text Search
 

To Download UF3MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HS3XB /UF3XB SERIES
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS FEATURES
Low cost Diffused junction Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 3.0 Amperes SMB
.083(2.11) .075(1.91)
.155(3.94) .130(3.30)
.185(4.70) .160(4.06) .012(.305) .006(.152)
MECHANICAL DATA
Case Molded Plastic Polarity:Color band denotes cathode Weight: 0.003 ounces,0.093 grams Mounting position: Any
.096(2.44) .084(2.13) .060(1.52) .030(0.76) .008(.203) .002(.051)
.220(5.59) .200(5.08)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
HS3AB HS3BB HS3DB HS3GB HS3JB HS3KB HS3MB UF3AB UF3BB UF3DB UF3GB UF3JB UF3KB UF3MB 50 35 50 100 70 100 200 140 200 400 280 400 3.0 600 420 600 800 560 800 1000 700 1000
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =55
SYMBOL VRRM VRMS VDC I(AV)
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 50 50 1.0
150 1.3 5.0 100 75 30 20 -55 to +150 -55 to +150 1.7
A V A nS pF /W
Maximum Reverse Recovery Time(Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5AIR=1A IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient
~ 112 ~
RATING AND CHARACTERTIC CURVES HS3XB /UF3XB SERIES
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT (AMPERES 3.0 AVERAGE FORWARD CURRENT AMPERES 2.5 2.0 1.5 1.0 0.5 0 25 50 75 100 125 150 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 200
150
100
50
SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 100 INSTANTANEOUS FORWARD CURRENT (AMPERES)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
100 CAPACITANCE (pF)
HS3AB - HS3GB (UF3AB - UF3GB)
HS3AB - HS3DB (UF3AB - UF3DB)
10
HS3JB - HS3MB (UF3JB - UF3MB)
HS3GB (UF3GB)
10
TJ = 25C f = 1 MHz
1.0
HS3JB - HS3MB (UF3JB - UF3MB)
TJ = 25C
1 0.1 1.0 10 100
0.1 0 0.2 0.4 0.6 0.8
PULSE WIDTH 300us
1.0
1.2
1.4
1.6
1.8
REVERSE VOLTAGE (VOLTS)
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
~ 113 ~


▲Up To Search▲   

 
Price & Availability of UF3MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X