Part Number Hot Search : 
5248B BZV55C1 CY7C271A A1943 X9252 C1510 M12532DJ S29AL
Product Description
Full Text Search
 

To Download TMR0510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TMR 2 Series, 2 Watt Features Wide 2: Input Voltage Range Compact SIP-8 Package Small Footprint Full SMD Design Temperature Range -40 to +75C High Efficiency Excellent Load and Line Regulation Indefinite Short-circuit Protection I/O-Isolation 000VDC Remote On/Off Control Fully RoHS compliant 3 Year Product Warranty
compliant
RoHS
TheTMR-2seriesisafamilyofisolated2Wdc-dcconvertermoduleswithregulated output,featuringwide2:1inputvoltageranges.Theproductcomesinacompact SIP-8plasticpackagewithsmallfootprintoccupyingonly2.0cm2(0.3squarein.) ofboardspace. Anexcellentefficiencyallows-40to+75Coperationtemperaturesatfullload. FurtherfeaturesincluderemoteOn/Offcontrolandcontinuousshortcircuitprotection.Theultra-compactdimensionsoftheseconvertersmakethemanidealsolution formanyspacecriticalapplicationsincommunicationequipment,instrumentation andindustrialelectronics.
Models
Ordercode TMR 050 TMR 05 TMR 052 TMR 052 TMR 0522 TMR 0523 TMR 20 TMR 2 TMR 22 TMR 22 TMR 222 TMR 223 TMR 240 TMR 24 TMR 242 TMR 242 TMR 2422 TMR 2423 TMR 480 TMR 48 TMR 482 TMR 482 TMR 4822 TMR 4823 http://www.tracopower.com Input voltage range Output voltage 3.3VDC 5VDC 12VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 5VDC 12VDC 15VDC Output current max. 500mA 400mA 165mA 200mA 85mA 65mA 500mA 400mA 165mA 200mA 85mA 65mA 500mA 400mA 165mA 200mA 85mA 65mA 500mA 400mA 165mA 200mA 85mA 65mA Efficiency typ. 64% 66% 71% 64% 69% 71% 70% 73% 80% 73% 78% 78% 71% 74% 81% 74% 78% 80% 70% 73% 79% 71% 77% 77% Page of 3
4.5 - 9.0 VDC
9 - 8 VDC
8 - 36 VDC
36 - 75 VDC
DC/DC Converters
TMR 2 Series Input Specifications
Inputcurrentatfullload(nominal input) Surgevoltage(100 msec. max.) Inputvoltagevariation(dv/dt) InputFilter Startuptime 5 12 24 48 5 12 24 48 Vin Vin Vin Vin Vin Vin Vin Vin models: models: models: models: models: models: models: models: 645mAmax. 242mAmax. 117mAmax. 62mAmax. 15Vmax. 25Vmax. 50Vmax. 100Vmax.
2 Watt
5V/ms,max. (complies to ETS 300 132 part. 4.4) capacitortype 1mstyp.(at nominal input and resistive load) 1%
Output Specifications
Voltagesetaccuracy Regulation Temperaturecoefficient Shortcircuitprotection Minimumload - Input variation Vin min. to Vin max. 0.5%max. - Load variation 10-100 % 3.3 VDC models: 0.85%max. single output models: .75%max. 0 dual output models balanced load: 1.0%max. dual output models asymetric load: 5.0%max.(25% /100%) 50mVpk-pkmax. 0.1%/C continuous,automaticrecovery 10%ofratedmaxcurrent(operation at lower load condition is safe but a higher output ripple will be experianced) 3.3 VDC / 5 VDC output models: 2'200Fmax./1'000Fmax. 12 VDC / 5 VDC output models: 170Fmax./470Fmax. 12 VDC / 15 VDC output models: 100Fmax./47Fmax. -40C...+75C(no derating) -55C...+105C 95%rel.Hmax. >2.3Mioh@25C 1'000VDC 300pFmax. >1`000MOhm 100to650kHz(PFM) openorhighimpedance 4...8mAinputcurrentappliedvia1KWresistor max.1mA non-conductiveplastic epoxy,UL94V-0-rated 4.8g(0.17oz)
Rippleandnoise (20 MHz Bandwidth)
Capacitiveload Temperatureranges
- Operating - Storage
General Specifications
Humidity (non condensing) Reliability,calculatedMTBF(MIL-HDBK-217 F) Isolationvoltage(60sec) Isolationcapacity Isolationresistance Switchingfrequency RemoteOn/Off Casematerial Pottingmaterial Weight -Input/Output -Input/Output -Input/Output (500 VDC) -On: -Off: -Off stand by input current
Physical Specifications
Applicationnotescanbedownloadedunder: www.tracopower.com/products/tmr2_application.pdf All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TMR 2 Series EMC Characteristics
- Use an electrolytic low ESR capacitor at input side to reduce reflected ripple current. - In order to meet EN55022 class B additionally use a choke to build an L/C filter as follows: Recommendedvaluesforfilter: Input 5VDC 12VDC 24VDC 48VDC C 100F 100F 10F 10F L 10H 10H 120H 120H
2 Watt
+
Input
+ -C
L
+
TMR Output
-
-
Outline Dimensions mm (inches) Pin-Out
(0.36)
Bottomview
1 2 3 5 6 7 8
0.25 (0.01)
Pin 2 3 5 6 7 8
Single -Vin(GND) +Vin(Vcc) RemoteOn/Off Nofunction +Vout -Vout Nofunction
Dual -Vin(GND) +Vin(Vcc) RemoteOn/Off Nofunction +Vout Common -Vout
0.5(0.02)
0.5(0.02)
11.1 (0.44)
(0.16)
0.5
2.0
2.54 2.54
(0.1) (0.1)
5.08
(0.2)
2.54 2.54 2.54
(0.1) (0.1) (0.1)
(0.08
0.025)
21.8
(0.86)
Specifications can be changed any time without notice
Rev. 10/07
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
4.0
(0.13)
3.2
9.2
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TMR0510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X