Part Number Hot Search : 
2J222J 5KE22 BZV47C18 DL4001 2STA1695 BC558 OM5222SW AN001PG
Product Description
Full Text Search
 

To Download TBU25005G-TBU2510G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TBU25005G thru TBU2510G
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -300 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 25.0 Amperes TBU
.177(4.5)*45 .935(23.7) .895(22.7) .15? X23L (3.8? X5.7L) HOLE THRU
molded plastic technique
Plastic material has U/L
300 (7.5) .748(19.0) .709(18.0) .780(19.8) .740(18.8)
flammability classification 94V-0
Mounting postition:Any
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .244(6.2) .205(5.2)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 1) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 12.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
TBU 25005G 50 35 50
TBU 2501G 100 70 100
TBU 2502G 200 140 200
TBU 2504G 400 280 400 25.0 3.6 300 1.1 10 500 -55 to +150 -55 to +150
TBU 2506G 600 420 600
TBU 2508G 800 560 800
TBU 2510G 1000 700 1000
UNIT V V V A
IFSM VF IR TJ TSTG
A V A
NOTES: 1.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
~ 452 ~
RATING AND CHARACTERISTIC CURVES TBU25005G thru TBU2510G
FIG.1-MAXIMUM FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT AMPERES 350 PEAK FORWARD SURGE CURRENT AMPERES 300 250 200 150 100 50 0 1 10 NUMBER OF CYCLETS AT 60Hz 100 40
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED CURRENT
30
20
10
0 50
100
150
CASE TEMPERATURE (C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS 100 10 INSTANTANEOUS FORWARD CURRENT (AMPERES) FIG.4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
10
1.0
1.0
TJ = 25C
0.1
0.1
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 453 ~


▲Up To Search▲   

 
Price & Availability of TBU25005G-TBU2510G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X