Part Number Hot Search : 
99000 VISHAY MG100 EC50A 11101 2SJ343 ON2018 6A100
Product Description
Full Text Search
 

To Download TBP005G-TBP10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TBP005G thru TBP10G
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -50amperes peak Ideal for printed circuit board Plastic material has Underwriters Laboratory
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5Amperes TBP
.125X45 (3.2) .600(15.24) .560(14.22) .500(12.70) .460(11.68)
flammability
classification 94V-0
.460(11.68) .420(10.67)
Mounting position :Any
.640 MIN. (16.25)
.50 MIN. (12.7)
.034(0.86) .028(0.76) .154(3.9) .146(3.7)
.060 (1.52)
.160(4.1) .140(3.6)
.053(1.35) .045(1.15)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load,60HZ. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage Drop Per Bridge Element at 1.5A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range @TJ=100 @TJ=25 @TA=50
SYMBOL TBP005G TBP01G TBP02G TBP04G TBP06G TBP08G TBP10G VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 1.5 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM
50
A
VF IR IR TJ TSTG
1.1 10 1.0 -55 to +150 -55 to +150
V A mA
~ 424 ~
RATING AND CHARACTERISTIC CURVES TBP005G thru TBP10G
FIG.2-TYPICAL FORWARD CHARACTERISTICS 20.0 10.0 INSTANTANEOUS FORWARD CURRENT AMPERES FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD CURRENT AMPERES 1.5
1.0
1.0
0.5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0.1
TJ=25C
0.0
50
100
150
AMBIENT TEMPERATURE,C
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
FIG.3-TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, MICROAMPERES PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 1
FIG.4-MAXIMUM FORWARD SURGE CURRENT
1.0
0.1
TJ=25C
TJ=25C
2
5
10
20
50
100
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE
NUMBER OF CYCLES AT 60Hz
~ 425 ~


▲Up To Search▲   

 
Price & Availability of TBP005G-TBP10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X