Part Number Hot Search : 
3899B MAX3901D D9F2000S 6050113 206K0 T700162 88502 MMSZ4707
Product Description
Full Text Search
 

To Download TBE0303B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BARRIER TERMINAL STRIPS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech TB & TD Series is a full range Barrier Strips which are most commonly used to terminate wires and eliminate splicing. They are offered in five different centerlines with open or closed back option. Each is available for bulkhead or PCB mounting with choice of Straight or Right Angle PCB terminals, Cliptite and or Turret Terminals. Our TB series is manufactured from flexible thermoplastic and resists cracking and breaking. Our TD series is manufactured from Hi-Temp Phenolic and has current carrying capability up to 30 Amps. FEATURES: Wide range of sizes and profiles Choice of open or closed back design Choice of multiple terminations Flexible Break resistant Thermoplastic. SPECIFICATIONS: Material: Insulator: TB Series: PBT, rated UL94V-0 TD Series: Phenolic, glass reinforced, rated UL94V-0 Insulator Color: Black Contacts: Brass, tin plated Screws: Steel, nickel plated Hardware: Brass, tin plated Electrical: Operation voltage: 300V AC max. Current rating: TBA / TBB series: 10 Amps max. TBC / TBD / TBE / TBF / TBG / TBH series: 15 Amps max. TDA series: 10 Amps max TDB series: 20 Amps max TDC series: 30 Amps max Contact resistance: 20M max Insulation resistance: 500 M min. Dielectric withstanding voltage: 2000V AC for 1 minute Mechanical: Wire Range: TBA / TBB Series: 22 - 16 Awg TBC / TBE Series: 22 - 14 Awg TBD Series: 22 - 14 Awg TBF / TBG Series: 22 - 14 Awg TDA / TDB / TDC Series: 18 - 12 Awg Temperature Rating: Operating temperature: -65C to +125C PACKAGING: Anti-ESD plastic bags SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
BULKHEAD & PC BOARD MOUNT
TB & TD SERIES
ORDERING INFORMATION BARRIER STRIPS TBA 02 01 B
SERIES INDICATOR TBA = 250" Centerline Barrier Block TBB = .250" Closed Side Barrier Block TBC = .325" Centerline Barrier Block (Offset Tails) TBD = .325" Centerline Barrier Block (Centered Tails) TBE = .325" Closed Side Barrier Block TBF = .374" Centerline Barrier Block TBG = .374" Closed Side Barrier Block TBH = .325" Centerline Stacked Block
TERMINAL TYPE 01 = Straight PCB Tail 02 = Closed Side Exit PCB Tail 03 = Right Angle PCB Tail 04 = Cliptite Terminal 05 = Turrett Terminal 06 = Wire Wrap Terminal
MOUNTING ORIENTATION B = Barrier End M = Mount End
NO. OF POSITIONS 02 Thru 30
ORDERING INFORMATION DUAL ROW BLOCKS TDA 02
SERIES INDICATOR TDA = .374" Centerline Dual Row TDB = .433" Centerline Dual Row TDC = .551" Centerline Dual Row
NO. OF POSITIONS 02 Thru 56
Pb
RoHS
COMPLIANT 2002 / 95 / EC
UL
(R)
(R)
(R)
DE
V
RoHS
COMPLIANT
348
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM


▲Up To Search▲   

 
Price & Availability of TBE0303B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X