Part Number Hot Search : 
MG1401A BU508D XTL1011 MMU0102 382503 D2495 F103Z TDA2616
Product Description
Full Text Search
 

To Download TAS105J100P1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type TAS Solid Tantalum Capacitors
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
The Type TAS solid tantalum axial lead capacitor is constructed with a rugged hermetically sealed metal case with an outer polyester insulator wrap and is ideal for use in the harsh environments of military and industrial applications. The TAS assures a small case size for high capacitance, and is frequency and temperature stable.
Highlights

Specifications
Hermetically Sealed High Capacitance Low DC Leakage Low Dissipation Factor Temperature and Frequency Stable Moisture & Solvent Resistant Miniature Size Long Shelf Life
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature:
0.0047 F to 330 F
6 WVdc to 100 WVdc
10%, 20%
-55 C to +125 C (With proper derating)
15% of rated voltage @ 25 C
5% of rated voltage @ 85 C
1% of rated voltage @ 125 C
At +25 C - (See Ratings)
At +85 C - 10 x Ratings limit
At +125 C - 12.5 x Ratings limit
Reverse Voltage (Non-continuous):
DC Leakage:
Capacitance Maximum: -10% @ -55 C +8% @ +85 C +12% @ +125 C Maximum Power Dissipation @ 25 C:
Case Code A C F G Watts 0.090 0.100 0.125 0.180
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type TAS Solid Tantalum Capacitors
Outline Drawing
Case Code A C F G Dimensions - Inches (Millimeters) Uninsulated D .005 (.13) L .031 (.79) D .010 (.25) Insulated L .031 (.79) C Maximum in. (mm) d .001 (.03) Quantity Per Reel 3,500 2,500 500 400
.125(3.18) .250(6.35) .135(3.43) .286(7.26) .422 (10.72) .020(51) .175(4.45) .438(11.13) .185(4.70) .474(12.04) .610(15.49) .020(.51) .279(7.09) .650(16.51) .289(7.34) .686(17.42) .822(20.88) .025(.64) .341(8.66) .750(19.05) .351(8.92) .786(19.96) .922(23.42) .025(.64)
Part Numbering System
TAS 474 M 035 P 1 Mylar Series Capacitance
TAS 472 = 0.0047 F 474 = 0.47 F 105 = 1.0 F 225 = 2.2 F 106 = 10.0 F
Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 6 WVdc @ 85 C 4 WVdc @ 125 C 0.3 4 0.3 4 0.3 4 0.3 4 0.3 4 0.3 4 0.3 6 0.3 6 0.3 6 0.5 6 0.9 6 0.9 6 0.9 6 0.9 6 0.9 6 0.9 6 1.5 6 1.5 6 3.0 6 3.0 6 3.0 6 4.5 6 5.5 6 6.0 8 6.0 8 7.5 8 Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 10 WVdc @ 85 C 7 WVdc @ 125 C 0.3 3 0.3 4 0.3 4 0.3 4 0.3 4 0.3 4 0.3 4 0.3 4 0.4 4 0.4 4 1.0 6 1.0 6 1.0 6 1.0 6 1.0 6 1.0 6 2.0 6 2.0 6 2.0 6 2.0 6 3.0 6 3.0 6 3.0 6 5.0 6 5.0 6 9.0 6 9.0 6 10.0 8
A Case Code
A C F G
Tolerance
J = 5% K = 10% M = 20%
Voltage
006 = 6 Vdc 035 = 35 Vdc 100 = 100 Vdc
Polar
P = Polar
Sleeve
1
Ratings
Cap (F) Case Code
Catalog Part Number
Cap (F)
Case Code
Catalog Part Number
2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 100 120 150 180 220 270 330
A A A A A A A C C C C C C C C C C C F F F F F G G G
TAS225K006P1A TAS275K006P1A TAS335K006P1A TAS395K006P1A TAS475K006P1A TAS565K006P1A TAS685K006P1A TAS825K006P1C TAS106K006P1C TAS126K006P1C TAS156K006P1C TAS186K006P1C TAS226K006P1C TAS276K006P1C TAS336K006P1C TAS396K006P1C TAS476K006P1C TAS566K006P1C TAS686K006P1F TAS107K006P1F TAS127K006P1F TAS157K006P1F TAS187K006P1F TAS227K006P1G TAS277K006P1G TAS337K006P1G
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 100 120 150 180 220
A A A A A A A A A C C C C C C C C C C C F F F F F G G G
TAS105K010P1A TAS125K010P1A TAS155K010P1A TAS185K010P1A TAS225K010P1A TAS275K010P1A TAS335K010P1A TAS395K010P1A TAS475K010P1A TAS565K010P1C TAS685K010P1C TAS825K010P1C TAS106K010P1C TAS126K010P1C TAS156K010P1C TAS186K010P1C TAS226K010P1C TAS276K010P1C TAS336K010P1C TAS396K010P1C TAS476K010P1F TAS566K010P1F TAS686K010P1F TAS107K010P1F TAS127K010P1F TAS157K010P1G TAS187K010P1G TAS227K010P1G
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type TAS Solid Tantalum Capacitors
Cap (F) Case Code Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 15 WVdc @ 85 C 10 WVdc @ 125 C 0.3 3 0.3 3 0.3 3 0.3 3 0.3 3 0.3 3 0.3 4 0.3 4 0.3 4 0.3 4 0.3 4 0.4 4 0.4 4 0.7 4 0.7 4 0.7 6 0.7 6 1 6 1 6 2 6 2 6 2 6 3 6 3 6 3 6 4 6 4 6 5 6 6 6 6 6 6 6 8 6 20 WVdc @ 85 C 13 WVdc @ 125 C 0.1 3 0.1 3 0.1 3 0.1 3 0.3 3 0.3 3 0.3 3 0.3 3 0.3 3 0.3 3 Catalog Part Number Cap (F) Case Code Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 20 WVdc @ 85 C 13 WVdc @ 125 C 0.3 3 0.3 3 0.3 3 0.3 3 0.3 3 0.3 3 0.3 4 0.3 4 0.3 4 0.4 4 0.5 4 1.0 4 1.0 4 1.0 4 1.0 4 1.0 6 1.0 6 1.0 6 1.0 6 2.0 6 2.0 6 2.5 6 2.5 6 3.0 6 3.0 6 4.5 6 5.5 6 6.0 6 6.0 6 10.0 6 35 WVdc @ 85 C 23 WVdc @ 125 C 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 Catalog Part Number
0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150
A A A A A A A A A A A A C C C C C C C C C C F F F F F F G G G G
TAS394K015P1A TAS474K015P1A TAS564K015P1A TAS684K015P1A TAS824K015P1A TAS105K015P1A TAS125K015P1A TAS155K015P1A TAS185K015P1A TAS225K015P1A TAS275K015P1A TAS335K015P1A TAS395K015P1C TAS475K015P1C TAS565K015P1C TAS685K015P1C TAS825K015P1C TAS106K015P1C TAS126K015P1C TAS156K015P1C TAS186K015P1C TAS226K015P1C TAS276K015P1F TAS336K015P1F TAS396K015P1F TAS476K015P1F TAS566K015P1F TAS686K015P1F TAS826K015P1G TAS107K015P1G TAS127K015P1G TAS157K015P1G
0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100
A A A A A A A A A A C C C C C C C C C C F F F F F F G G G G
TAS394K020P1A TAS474K020P1A TAS564K020P1A TAS684K020P1A TAS824K020P1A TAS105K020P1A TAS125K020P1A TAS155K020P1A TAS185K020P1A TAS225K020P1A TAS275K020P1C TAS335K020P1C TAS395K020P1C TAS475K020P1C TAS565K020P1C TAS685K020P1C TAS825K020P1C TAS106K020P1C TAS126K020P1C TAS156K020P1C TAS186K020P1F TAS226K020P1F TAS276K020P1F TAS336K020P1F TAS396K020P1F TAS476K020P1F TAS566K020P1G TAS686K020P1G TAS826K020P1G TAS107K020P1G
0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27
A A A A A A A A A A
TAS473K020P1A TAS563K020P1A TAS683K020P1A TAS823K020P1A TAS104K020P1A TAS124K020P1A TAS154K020P1A TAS184K020P1A TAS224K020P1A TAS274K020P1A
0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027
A A A A A A A A A A
TAS472K035P1A TAS562K035P1A TAS682K035P1A TAS822K035P1A TAS103K035P1A TAS123K035P1A TAS153K035P1A TAS183K035P1A TAS223K035P1A TAS273K035P1A
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type TAS Solid Tantalum Capacitors
Cap (F) Case Code Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 35 WVdc @ 85 C 23 WVdc @ 125 C 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 0.1 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 3 0.5 4 0.5 4 0.5 4 1.0 4 1.0 4 1.0 4 1.0 4 1.0 4 1.0 4 1.5 4 3.0 4 3.0 4 3.0 4 3.0 4 3.0 4 4.0 4 4.5 4 5.5 4 6.0 4 8.0 4 50 WVdc @ 85 C 33 WVdc @ 125 C 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 Catalog Part Number Cap (F) Case Code Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 50 WVdc @ 85 C 33 WVdc @ 125 C 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 0.1 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.4 2 0.4 4 0.5 4 0.5 4 0.8 4 0.8 4 1.2 4 1.5 4 1.7 4 2.2 4 2.2 4 2.5 4 2.5 4 3.0 4 4.0 4 4.5 4 5.5 4 75 WVdc @ 85 C 50 WVdc @ 125 C 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 Catalog Part Number
0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47
A A A A A A A A A A A A A A A A A A C C C C C C C C C C F F F F F F G G G G
TAS333K035P1A TAS393K035P1A TAS473K035P1A TAS563K035P1A TAS683K035P1A TAS823K035P1A TAS104K035P1A TAS124K035P1A TAS154K035P1A TAS184K035P1A TAS224K035P1A TAS274K035P1A TAS394K035P1A TAS474K035P1A TAS564K035P1A TAS684K035P1A TAS824K035P1A TAS105K035P1A TAS125K035P1C TAS155K035P1C TAS185K035P1C TAS225K035P1C TAS275K035P1C TAS335K035P1C TAS395K035P1C TAS475K035P1C TAS565K035P1C TAS685K035P1C TAS825K035P1F TAS106K035P1F TAS126K035P1F TAS156K035P1F TAS186K035P1F TAS226K035P1F TAS276K035P1G TAS336K035P1G TAS396K035P1G TAS476K035P1G
0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22
A A A A A A A A A A A A A A A A A A A A A A A C C C C C C C C F F F F F F F G
TAS123K050P1A TAS153K050P1A TAS183K050P1A TAS223K050P1A TAS273K050P1A TAS333K050P1A TAS393K050P1A TAS473K050P1A TAS563K050P1A TAS683K050P1A TAS823K050P1A TAS104K050P1A TAS124K050P1A TAS154K050P1A TAS184K050P1A TAS224K050P1A TAS274K050P1A TAS394K050P1A TAS474K050P1A TAS564K050P1A TAS684K050P1A TAS824K050P1A TAS105K050P1A TAS125K050P1C TAS155K050P1C TAS185K050P1C TAS225K050P1C TAS275K050P1C TAS335K050P1C TAS395K050P1C TAS475K050P1C TAS565K050P1F TAS685K050P1F TAS825K050P1F TAS106K050P1F TAS126K050P1F TAS156K050P1F TAS186K050P1F TAS226K050P1G
0.0047 0.0056 0.0068 0.0082 0.01
A A A A A
TAS472K050P1A TAS562K050P1A TAS682K050P1A TAS822K050P1A TAS103K050P1A
0.0047 0.0056 0.0068 0.0082 0.01
A A A A A
TAS472K075P1A TAS562K075P1A TAS682K075P1A TAS822K075P1A TAS103K075P1A
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type TAS Solid Tantalum Capacitors
Cap (F) Case Code Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 75 WVdc @ 85 C 50 WVdc @ 125 C 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 4 0.6 4 0.7 4 0.8 4 1.0 4 1.2 4 1.5 4 3.0 4 3.0 4 5.0 4 5.0 4 5.0 4 5.0 4 7.0 4 Catalog Part Number Cap (F) Case Code Max DF Max DCL @ +25 C @ +25 C 120 Hz (A) (%) 100 WVdc @ 85 C 67 WVdc @ 125 C 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.3 2 0.4 2 0.5 2 0.5 3 0.7 3 0.7 3 0.9 3 1.1 3 1.5 3 1.5 3 2.5 3 2.5 3 2.5 3 5.0 3 5.0 3 Catalog Part Number
0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0
A A A A A A A A A A A A A A A A A A A A A A C C C C C C C C C F F F F F G G
TAS123K075P1A TAS153K075P1A TAS183K075P1A TAS223K075P1A TAS273K075P1A TAS333K075P1A TAS393K075P1A TAS473K075P1A TAS563K075P1A TAS683K075P1A TAS823K075P1A TAS104K075P1A TAS124K075P1A TAS154K075P1A TAS184K075P1A TAS224K075P1A TAS274K075P1A TAS334K075P1A TAS394K075P1A TAS474K075P1A TAS564K075P1A TAS684K075P1A TAS824K075P1C TAS105K075P1C TAS125K075P1C TAS155K075P1C TAS185K075P1C TAS225K075P1C TAS275K075P1C TAS335K075P1C TAS395K075P1C TAS475K075P1F TAS565K075P1F TAS685K075P1F TAS825K075P1F TAS106K075P1F TAS126K075P1G TAS156K075P1G
0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0
A A A A A A A A A A A A A A A A A A A A A A A A A A C C C C C C C C F F F F F G G
TAS472K100P1A TAS562K100P1A TAS682K100P1A TAS822K100P1A TAS103K100P1A TAS123K100P1A TAS153K100P1A TAS183K100P1A TAS223K100P1A TAS273K100P1A TAS333K100P1A TAS393K100P1A TAS473K100P1A TAS563K100P1A TAS683K100P1A TAS823K100P1A TAS104K100P1A TAS124K100P1A TAS154K100P1A TAS184K100P1A TAS224K100P1A TAS274K100P1A TAS334K100P1A TAS394K100P1A TAS474K100P1A TAS564K100P1A TAS684K100P1C TAS824K100P1C TAS105K100P1C TAS125K100P1C TAS155K100P1C TAS185K100P1C TAS225K100P1C TAS275K100P1C TAS335K100P1F TAS395K100P1F TAS475K100P1F TAS565K100P1F TAS685K100P1F TAS825K100P1G TAS106K100P1G
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of TAS105J100P1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X