Part Number Hot Search : 
AD7851 KBPC351 N40992A FZT658 AP340 RFM7N40 TPS612 3P100
Product Description
Full Text Search
 

To Download ST78L05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 78L05
3-Terminal positive voltage regulator
5V
* Suitable for TTL, DTL, HTL, C-MOS, Power Supply * Internal Short-Circuit Current Limiting * Internal Thermal Overload Protection * Maximum Output Current of 150 mA (Tj = 25 OC) * Available in the Plastic TO-92 Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter Input Voltage Power Dissipation Operating Temperature Storage Temperature Range Symbol VIN Ptot Topr Ts
TO-92 Plastic Package Rating 35 800 -30 to +75 -55 to +150 Unit V mW
O
C
C
O
Electrical Characteristics (Unless otherwise specified, VIN = 10 V, IOUT = 40 mA, CIN = 0.33 F, COUT = 0.1 F, Tj = 25 C)
Parameter Output Voltage Input Regulation Load Regulation Output Voltage Symbol VOUT Reg. line Reg. load VOUT VOUT Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Average Temperature Coefficient of Output Voltage With line With load IB IB VNO RR VIN-VOUT TCVO 8 V VIN 20 V 1 mA IOUT 40 mA Ta = 25 OC, 10 Hz f 100 KHz f = 120 Hz, 8 V VIN 18 V, Tj = 25 OC Tj = 25 OC IOUT = 5 mA 7 V VIN 20 V 8 V VIN 20V 1 mA IOUT 100 mA 1 mA IOUT 40 mA 7 V VIN 20 V 1 mA IOUT 40mA VIN = 10 V 1 mA IOUT 70 mA 41 3.1 40 49 1.7 -0.6 6 1.5 0.1 mA mA V dB V mV/OC 4.75 5.25 V Test Condition Min. 4.8 4.75 Typ. 5.0 55 45 11 5.0 Max. 5.2 150 100 60 30 5.25 V mV Unit V mV
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/02/2006
ST 78L05
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/02/2006


▲Up To Search▲   

 
Price & Availability of ST78L05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X