Part Number Hot Search : 
ADIS1 SI9121 1N4490E3 AME5252 FX335L GLENAIR GB4064D LM2901A
Product Description
Full Text Search
 

To Download SSM5817SAPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 1.0 Ampere
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * For surface mounted applications * Low profile package * Built-in strain relief * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * High current capability, low forward voltage drop * High surge capability * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed : 260oC/10 seconds at terminals * Lead free devices
SSM5817SAPT
THRU
SSM5819SAPT
SOD-123S
0.5~1.0
1.4~1.95
MECHANICAL DATA
Case: JEDEC SOD-123S molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end
2.55~3.0
0.8~1.35 0.25(max) 0.25(min)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
3.5~3.95
Dimensions in millimeters
SOD-123S
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL = 90oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) TL = 70oC Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Storage and Operating Temperature Range IFSM 25 Amps SYMBOL VRRM VRMS VDC IO SSM5817SAPT 20 14 20 SSM5818SAPT 30 21 30 1.0 SSM5819SAPT 40 28 40 UNITS Volts Volts Volts Amps
CJ R
JL
110 80 -65 to +125
o
pF C/W
o
TJ, TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @ TA = 25oC IR @ TA = 100oC 10 mAmps 2002-9 SYMBOL VF SSM5817SAPT 0.45 SSM5818SAPT 0.55 1.0 SSM5819SAPT 0.60 UNITS Volts mAmps
NOTES : 1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.2 X 0.2" ( 5 X 5mm ) copper pad area. 2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
3. ESD sensitive product handling required.
RATING CHARACTERISTIC CURVES ( SSM5817SAPT THRU SSM5819SAPT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 1.0 FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 20
SSM5817SAPT
INSTANTANEOUS FORWARD CURRENT, ( A )
10
.75
SSM5819SAPT
.50
Single Half Wave 60HZ Resistive or Inductive Load
1.0
SSM5818SAPT TJ =25 oC Pulse Width = 300us 1% Duty Cycle
.25
0 0 20 40 60 80 100 120 140 LEAD TEMPERATURE, ( oC ) FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100
0.1
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 4 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
30 PEAK FORWARD SURGE CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (mA)
10
TJ = 125oC
25
8.3 ms Single Half Sine-Wave (JEDEC Method)
20
1.0
15
.10
TJ = 75oC
10
.01
TJ = 25oC
5
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60HZ
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 400 JUNCTION CAPACITANCE, (pF) 200
TJ = 25oC
100 60 40 20 10 .1 .4 1.0 4 10 REVERSE VOLTAGE, (V) 40


▲Up To Search▲   

 
Price & Availability of SSM5817SAPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X