Part Number Hot Search : 
AD9444 220MC I514RU LA7337 627ER TD6278 MB24S 5801911
Product Description
Full Text Search
 

To Download SSIC210027AH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSI Series - 5 x 7 Spread Spectrum Clock Oscillator
Wide Frequency Range Direct Drop-in Replacement EMI Reduction Oscillator RoHS Compliant ELECTRICAL SPECIFICATION:
Frequency Range Center Spread Down Spread Temperature Stability (Inclusive of +25C 3 C and Operating Temperature) Operating Temperature Range Storage Temperature Range Supply Voltage (Vdd) 13.000MHZ to 49.999MHZ 50.000MHZ to79.999MHZ Supply Current 80.000MHZ to 99.999MHZ 100.000MHZ to 160.000MHZ Output Type Symmetry (50% of waveform) 13.000MHZ to 49.999MHZ Rise/Fall Time (10% to 90% of 50.000MHZ to79.999MHZ Supply Voltage) 80.000MHZ to 99.999MHZ 100.000MHZ to 160.000MHZ Load Aging Spread Spectrum Modulation Tri-state Operation
Tape and Reel Available
13.000MHZ to 160.000MHZ 0.125% to 2.00% -0.250% to -4.00% (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C +2.50 VDC 5% +3.30 VDC 5% 20 mA max 20 mA max 25 mA max 25 mA max 30 mA max 30 mA max 40 mA max CMOS (See Part Number Guide for Options) 10.0 nSec 5.0 nSec 8.0 nSec 4.0 nSec 5.0 nSec 3.0 nSec 4.0 nSec 15pF 50pF max 3.0 ppm first year, 1.0 ppm each year after Voh = 70% of Vdd min or No Connection to Enable Output Vol = 30% max or grounded to Disable Output (High Impedance)
PART NUMBER GUIDE:
SSI 5 X 7 Ceramic SMD C H Frequency
Supply Voltage Output C = CMOS 2 = +2.50 VDC 3 = +3.30 VDC
Frequency Stability 020 = 20 ppm 025 = 25 ppm 050 = 50 ppm 100 = 100 ppm
Operating Temperature Blank = 0C to +70C 27 = -20C to +70C 48 = -40C to +85C
Symmetry Blank = 40/60% A = 45/55%
Pin 1 Connection H = Tri-state
Packaging Blank = Bulk T = Tape and Reel
Please Consult with MMD Sales Department for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com In the event of conflict, the requirements of this specification shall govern. Revisions only with customer approval 1 of 2 Revision: Date: SSIC020509 A 02/06/09
Release: AWB
MECHANICAL DIMENSIONS:
7.20 [.283] MAX 1.40 [.055] MAX 5.08 [.200] 5.08 [.200]
MXXXXX SYYMML XXXXX
5.20 [.205] MAX
3 2
4
4.20 [.165]
1
PIN CONNECTIONS PIN 1 TRI-STATE PIN 7 CASE GROUND PIN 8 OUTPUT SUPPLY VOLTAGE PIN 14
2.00 [.079] PIN 1 INDICATOR LOCATED IN THIS AREA. 1.20 [.047] 1.40 [.055] 2.20 [.087] SUGGESTED LAND PATTERN
DIMENSION IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
ENVIRONMENTAL/MECHANICAL SPECIFICATION:
Shock Solderability Vibration Gross Leak Test Fine Leak Test Reflow Solder MIL-STD-883, Meth 2002, Cond MIL-STD-883, Meth 2003 MIL-STD-883, Meth 2007, Cond MIL-STD-883, Meth 1014, Cond MIL-STD-883, Meth 1014, Cond +260C for 10 sec max B A C A
MARKING DETAIL:
Line 1 = MXXXXX M = MMD COMPONENTS XXXXX = Frequency in MHZ Line 2 = SYYMML S = Internal Code YYMM = 4 Digit Date Code (Year / Month) L = Denotes RoHS Compliant Line 3 = XXXXX Internal use only May vary with lots Pin 1 Indicator
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com In the event of conflict, the requirements of this specification shall govern. Revisions only with customer approval 2 of 2 Revision: Date: SSIC020509 A 02/06/09
Release: AWB


▲Up To Search▲   

 
Price & Availability of SSIC210027AH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X