Part Number Hot Search : 
TPB130 GS1574A 90816 NTE3056 SPB80 FP402 324015P 00BC0W
Product Description
Full Text Search
 

To Download SSFP6N80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSFP6N80
StarMOST Power MOSFET

Extremely high dv/dt capability Low Gate Charge Qg results in Simple Drive Requirement 100% avalanche tested Gate charge minimized Very low intrinsic capacitances Very good manufacturing repeatability
VDSS = 800V ID25 = 5.8A RDS(ON) = 1.95

Description
StarMOS is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimises the JFET effect, increases packing density and reduces the on-resistance. StarMOS also achieves faster switching speeds through optimised gate layout with planar stripe DMOS technology.
Pin1-Gate Pin2-Drain Pin1-Source
Application
Switching application
Absolute Maximum Ratings
Parameter ID@Tc=25 C ID@Tc=100C IDM PD@TC=25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current,VGS@10V Continuous Drain Current,VGS@10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current

Max. 5.8 3.67 23.2 158 1.27 30 680 5.8 15.8 4.0 -55 to +150 300(1.6mm from case) 10 Ibfin(1.1Nm)
Units A W W/ C V mJ A mJ V/ns C
Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range
Soldering Temperature, for 10 seconds Mounting Torque,6-32 or M3 screw
Thermal Resistance
Parameter RJC RCS RJA Junction-to-case Case-to-Sink,Flat,Greased Surface Junction-to-Ambient Min. -- -- -- Typ. -- -- -- Max. 0.79 40 62.5 C/W Units
1
SSFP6N80
StarMOST Power MOSFET
Electrical Characteristics @TJ=25 C(unless otherwise specified)
Parameter V(BR)DSS RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD Drain-to-Source Breakdown Voltage Static Drain-to-Source On-resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage current Gate-to-Source Forward leakage Gate-to-Source Reverse leakage Total Gate Charge Gate-to-Source charge Gate-to-Drain("Miller") charge Turn-on Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance
V(BR)DSS/TJ Breakdown Voltage Temp.Coefficient
Min. 800 -- -- 3.0 -- -- -- -- -- -- -- -- -- -- -- -- --
Typ. -- 0.9 1.5 -- 5.9 -- -- -- -- 31 7.1 15 30 70 65 45 4.5
Max. Units -- -- 1.95 5.0 -- 10 100 100 -100 -- -- -- 70 150 140 100 -- V
Test Conditions VGS=0V,ID=250A
V/C Reference to 25C,ID=250A VGS=10V,ID=2.9A V S A nA VDS=VGS,ID=250A VDS=50V,ID=2.9A VDS=800V,VGS=0V VDS=640V,VGS=0V,TJ=150C VGS=30V VGS=-30V
ID=5.8A nC VDS=640V VGS=10V VDD=400V ID=5.8A nS RG=25 Between lead, 6mm(0.25in.) nH from package and center of die contact VGS=0V pF VDS=25V
f=1.0MHZ
LS Ciss Coss Crss
Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- -- --
7.5 1150 125 14
-- 1500 160 18
Source-Drain Ratings and Characteristics
Parameter IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-on Time . . Min. -- -- -- -- -- Typ. -- -- -- 650 5.7 Max. 5.8 A 23.2 1.4 -- -- V nS nC Units Test Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ=25C,IS=5.8A,VGS=0V TJ=25C,IF=5.8A di/dt=100A/s
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes: Repetitive rating;pulse width limited by max.junction temperature(see figure 11)
ISD5.8A,di/dt200A/S,VDDV(BR)DSS, TJ25 C Pulse width300S; duty cycle2%
L = 38mH, IAS = 5.8A, VDD = 50V,
RG = 25, Starting TJ = 25C
2


▲Up To Search▲   

 
Price & Availability of SSFP6N80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X