Part Number Hot Search : 
MBL8243 640431 IRN50 76PSB06S N4007 111X17X OP284FS 6011E
Product Description
Full Text Search
 

To Download SSCD102S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSCD102S THRU SSCD110S
Elektronische Bauelemente
VOLTAGE 20V ~ 100V
1.0 AMP Surface Mount Schottky Barrier Rectifiers
A suffix of "-C" specifies halogen & lead-free
1206
0.138(3.50)
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Low profile package Built-in strain relief Metal to silicon rectifier , majority carrier conduction Low power loss , High efficiency High current capability High surge capacity For using in low voltage high frequency switching power supply, inverters , free wheeling , and polarity protection applications * Lead Free Product, compliance to RoHS
0.130(3.30)
.002(0.05)
) .40
* * * * * * * * *
0.067(1.70)
0.060(1.50)
0.060(1.50)
R
1 0.0
6(0
Cathode Band 0.035(0.90) 0.020(0.50) 0.035(0.90) 0.020(0.50)
0.039(0.98) 0.035(0.88)
MECHANICAL DATA
* Dimensions in inches and (millimeters)
* Case : Packed with FRP substrate and epoxy underfilled * Terminals : Solder plated , solderable per MIL-STD-750, Method 2026 * Polarit y : Laser marking * Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25ae ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (See FIG. 1) Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A (Note1) Maximum DC Reverse Current (Note1) Ta=25ae at Rated DC Blocking Voltage Ta=100ae
Typical Thermal Resistance (Note 2)
Symbol VRRM VRMS VDC I(AV)
IFSM VF IR
RJA RJL
SSCD102S 20 20 20
SSCD104S 40 40 40
1.0 20 0.50 0.5 10
SSCD106S 60 60 60
SSCD110S 100 100 100
Unit V V V A
A
0.70
5 88 28 -45 ~ +125 -45 ~ +150
0.85
V mA
ae/W
Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: 1. Pulse test width PW=300 usec, 1% duty cycle. 2. Mounted on P.C. board with 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
ae ae
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2004 Rev. A
Page 1 of 2
SSCD102S THRU SSCD110S
Elektronische Bauelemente
VOLTAGE 20V ~ 100V
1.0 AMP Surface Mount Schottky Barrier Rectifiers
FIG.1 - FORWARD CURRENT DERATING CURVE 1.0 30
RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2X0.2"(5.0X5.0mm) COPPER PAD AREAS
106S~110S
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
25 20 15 10 5 0
8.3ms Single Half Sine-Wave (JEDEC Method)
0.5
102S~104S
0
0
50
70
90
110
130
o
150
170
1
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS 100
IINSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
1.00
1.0
TJ=100 C
o
0.10
SSCD106S
SSCD110S
0.10
SSCD102S~104S
0.01
0.01
TJ=25 C
o
Ta=25 C
o
0
.001
0.6 0.7 0.8
0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
400
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25 C f=1.0MHz Vsig=50mVP-P
o
JUNCTION CAPACITANCE, pF
100
10
.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2004 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SSCD102S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X