Part Number Hot Search : 
20121 150K0 DL4734A EZ240D05 SWSS0 TLP74 S0603 BCF81
Product Description
Full Text Search
 

To Download SS32B-SS310B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS32B thru SS310B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS FEATURES
For surface mounted applications Metal-Semiconductor junction with guarding Epitaxial construction Very low forward vlotage drop High current capability
REVERSE VOLTAGE - 20 to100 Volts FORWARD CURRENT - 3.0 Amperes SMB
.083(2.11) .075(1.91)
.155(3.94) .130(3.30)
Plastic material has UL flammability classification 94V-0
For use in lowvoltage, high frequency inverters,
.185(4.70) .160(4.06) .012(.305) .006(.152)
free wheeling, and polarity protection applications.
MECHANICAL DATA
Case Molded Plastic Polarity:Color band denotes cathode Weight: 0.003 ounces,0.093 grams
.096(2.44) .084(2.13) .060(1.52) .030(0.76) .008(.203) .002(.051)
.220(5.59) .200(5.08)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TL=100
SYMBOL VRRM VRMS VDC I(AV)
SS32B 20 14 20
SS33B 30 21 30
SS34B 40 28 40
SS35B 50 35 50 3.0
SS36B 60 42 60
SS38B 80 56 80
SS310B 100 70 100
UNIT V V V A
IFSM VF IR CJ RJL RJA TJ TSTG 0.55
80 0.7 1.0 20 250 10 50 -55 to + 125 -55 to + 150 0.85
A V mA pF /W /W
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to lead. 3.Thermal resistance junction to ambient.
~ 192 ~
RATING AND CHARACTERTIC CURVES SS32B thru SS310B
FIG. 1 - FORWARD CURRENT DERATING CURVE 5.0 4.0 3.0 2.0 1.0 0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 120 100 80 60 40 20 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL JUNCTION CAPACITANCE 1000
AVERAGE FORWARD CURRENT (AMPERES)
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
25
50
75
100
125
150
175
LEAD TEMPERATURE FIG.3-TYPICAL FORWARD CHARACTERISTICS 20 10 INSTANTANEOUS FORWARD CURRENT, (A) CAPACITANCE PF
SS32B-SS34B
100
1.0
SS35B -SS36B SS38B -SS310B
TJ = 25C PULSE WIDTH 300us 1% DUTY CYCLE
TJ=25 f=1MHZ
10 0.1 1.0 4.0 10.0 100 1.5 1.7 REVERSE VOLTAGE, (VOLTS)
0.1 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3 INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT, (mA )
T J=125
10
T J=100
1.0
0.1
0.01
T J=25
0.001 0 20 40 60 80 100 120 140
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
~ 193 ~


▲Up To Search▲   

 
Price & Availability of SS32B-SS310B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X