Part Number Hot Search : 
S3P44D10 EL911107 3S111 8120E8 MUR30 E006434 TS7514 SST2623J
Product Description
Full Text Search
 

To Download SP24L3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP24L Series 24-Pin Single Output Passive Delay Modules
Optimized for Fastest Rise times and Lowest DCR in single configuration
Fast Rise Time, Low DCR Better than 10/1 Td/tr typical High Bandwidth 0.35 / tr Low Distortion LC Network Standard Impedances: 50 - 75 - 100 Stable Delay vs. Temperature: 100 ppm/ OC Operating Temperature Range -55 OC to +125OC
Electrical Specifications 1, 2, 3 at 25OC
Delay (ns) 50 Ohm Part Number
Operating Specifications - Passive Delay Lines
Pulse Overshoot (Pos) ................................... 5% to 10%, typical Pulse Distortion (S) ..................................................... 3% typical Working Voltage .............................................. 25 VDC maximum Dielectric Strength ........................................... 100VDC minimum Insulation Resistance ........................ 1,000 M min. @ 100VDC Temperature Coefficient ................................. 70 ppm/OC, typical Bandwidth (fC) ....................................................... 0.35/tr approx. Operating Temperature Range ............................. -55O to +125OC Storage Temperature Range ................................ -65O to +150OC
Note: For SMD Package Add "G" to end of P/N in Table Below
DCR max. (Ohms) 75 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 100 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms)
Rise Time max. (ns)
50 2.50 75 3.75 100 5.00 150 7.50 200 10.0 250 12.5 300 15.0 400 20.0 500 25.0 750 37.5 1000 50.0 1200 60.0
SP24L-505 SP24L-755 SP24L1005 SP24L1505 SP24L2005 SP24L2505 SP24L3005 SP24L4005 SP24L5005 SP24L7505 SP24L10005 SP24L12005
5.2 7.1 9.2 13.8 16.5 22.0 22.4 34.0 42.0 69.0 94.0 110.0
1.5 1.9 2.4 2.5 2.6 2.9 3.1 3.8 4.8 6.4 7.2 8.3
SP24L-507 SP24L-757 SP24L1007 SP24L1507 SP24L2007 SP24L2507 SP24L3007 SP24L4007 SP24L5007 SP24L7507 SP24L10007 SP24L12007
5.2 7.1 9.3 14.0 16.5 22.0 22.6 35.0 42.0 69.0 94.0 111.0
1.8 2.2 2.6 2.7 2.9 3.4 3.7 4.8 5.8 7.1 8.8 9.8
SP24L-501 SP24L-751 SP24L1001 SP24L1501 SP24L2001 SP24L2501 SP24L3001 SP24L4001 SP24L5001 SP24L7501 SP24L10001 SP24L12001
5.2 7.3 9.4 14.0 16.5 22.0 22.8 36.0 42.0 69.0 94.0 112.0
2.0 2.3 2.6 2.7 2.9 3.5 3.9 4.9 6.2 7.2 9.6 10.4
1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% points of leading edge. 3. Output (100% Tap) terminated to ground through RL=ZO SP24L Style Single Output Schematic
COM OUT 24 23 22 21 20 19 18 17 16 15 14 13
Dimensions in Inches (mm)
Default Thru-hole 24-Pin Package Example: SP24L1001
1.270 (32.30)
MAX.
.590 (14.99)
MAX.
.020 .295 (0.51) (7.49)
TYP. MAX.
1 N/C
2 IN
3
4
5
6
7
8
9
10
11
12 COM
.120 (3.05)
MIN.
.010 (0.25)
TYP.
.018 (0.46)
TYP.
.040 (1.02)
TYP.
.100 (2.54)
TYP.
.600 (15.24)
For similar package, alternate schematic style with only one common connection (pin 24 = N/C) at pin 12, refer to Series SP241 For 20 Tap versions in the same 24-Pin package, refer to Series SP24A & SP24A
.018 (0.46)
TYP.
1.270 (32.30)
MAX.
.590 (14.99)
MAX.
.295 (7.49)
MAX.
.040 (1.02)
TYP.
.100 (2.54)
TYP.
.022 (0.56)
TYP.
.080 (2.03)
.737 (18.72)
.010 (0.25)
TYP.
Gull wing SMD Package Add suffix "G" to P/N. Example: SP24L1001G
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
www.rhombus-ind.com
UKRPEXV LQGXVWULHV LQF
)RU RWKHU YDOXHV &XVWRP 'HVLJQV FRQWDFW IDFWRU\
sales@rhombus-ind.com
13
TEL: (714) 898-0960
FAX: (714) 896-0971
SP24L 2001-01


▲Up To Search▲   

 
Price & Availability of SP24L3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X