|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SF3001PT thru SF3008PT SUPER FAST RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 30.0 Amperes TO-3P .245(6.2) .820(5.7) .645(16.4) .625(15.9) .085(2.16) .075(1.90) .135(3.4) .115(2.9) .203(5.16) .193(4.90) FEATURES Super fast switching time for high efficiency Low forward voltage drop High current capabiltiy Low reverse leakage current Plastic material has UL flammability classification 94V-0 .858(21.8) .820(20.8) .093(2.30) .076(1.97) MECHANICAL DATA Case: TO-3P molded plastic Epoxy: UL94V-0 rate flame retadant Mounting position :Any Weight:5.1grams polarity:As marked .160(4.1) .140(3.5) .795(20.2) .775(19.7) .095(2.4) .085(2.1) .127(3.22) .117(2.97) .086(2.18) .076(1.93) .030(0.76) .020(0.51) .048(1.22) .044(1.12) .225(5.7) .205(5.2) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 15.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =75 SYMBOL VRRM VRMS VDC IO SF 3001PT 50 35 50 SF 3002PT 100 70 100 SF 3003PT 150 105 150 SF 3004PT 200 140 200 30 SF 3005PT 300 210 300 SF 3006PT 400 280 400 SF 3008PT 600 420 600 UNIT V V V A IFSM VF IR TRR CJ RJA TJ,TSTG 35 1.0 400 1.25 10 200 40 175 2.0 -55 to + 150 50 1.3 A V A nS pF /W Maximum Reverse Recovery Time(Note1) Typical Junction Capacitance (Note2) Typical Thermal Resistance Operating and Storage Temperature Range NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A 2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. ~ 178 ~ RATING AND CHARACTERTIC CURVES SF3001PT thru SF3008PT FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,(A) 36 1000 30 24 12 6 0 INSTANTANEOUS REVERSE CURRENT(uA) SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD FIG.2-TYPICAL REVERSE CHARACTERISTICS TJ=100C 100 0 50 100 150 AMBIENT TEMPERATURE 10 FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT,(A) 600 500 400 300 200 100 0 1 2 10 20 5 5 NUMBER OF CYCLES AT 60HZ 50 100 8.3 ms Single Half-Sine-Wave (JEDEC METOD) TJ=25C 1.0 0.1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE(%) FIG.4-TYPICAL INSTANTAEOUS FORWARD CHARACTERISTICS 80 0 40 20 10 4 2 1.0 0.4 0.2 0.1 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 0.1 0.5 1 2 5 10 20 50 100 1000 REVERSE VOLTAGE,(V) TJ=25C PULSE WIDTH 300uS 1% DUTY CYCLE SF3006PT - SF3008PT FIG.5-TYPICAL JUNCTION CAPACITANCE SF3001PT SF3003PT SF3004PT SF3005PT INSTANTANEOUS FORWARD CURRENT,(A) 300 JUNCTION CAPACITANCE(pF) 250 TJ=25C 200 150 100 50 INSTANTANEOUS FORWARD VOLTAGE, (V) ~ 179 ~ |
Price & Availability of SF3001PT-SF3008PT |