Part Number Hot Search : 
L7833 B1100 AD711BQ RFS9630 2N3337 RFS9630 MV53641 IA120
Product Description
Full Text Search
 

To Download SES5VD523-2U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SES Series
ESD Protector SES5VD523-2U
ROHS
Feature
200W peak pulse power per line (tP = 8/20s) SOD-523 package Replacement for MLV(0603) Unidirectional configurations Response Time is Typically < 1 ns ESD protection > 40 kV Low clamping voltage RoHS compliant Transient protection for data lines to IEC 61000-4-2(ESD) 15KV(air), 8KV(contact); IEC 61000-4-4 (EFT) 40A (5/50ns)
Applications
Cellular phones Portable devices Digital cameras Power supplies
Electrical characteristics per line@25(unless otherwise specified)
Parameter
Reverse stand-off voltage Reverse Breakdown voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance
Symbol
VRWM VBR IR VC VC Cj
Conditions
Min.
Typ.
Max.
5
Units
V V
It = 1mA VRWM = 5V T=25 IPP = 5A IPP=9.4A tP = 8/20s tP = 8/20s
6.2 0.05 9.8 12.0 100
A V V pF
VR=0V f = 1MHz
Absolute maximum rating @25
Rating
Unidirectional Peak Pulse Power (tp=8/20) Operating Temperature Storage Temperature
Symbol
Ppp TJ TSTG
Value
200 -55 to +150 -55 to +150
Units
W
ESD Protector
1
www.goodark.com
SES Series
ESD Protector SES5VD523-2U
ROHS
Typical Characteristics
ESD Protector
2
www.goodark.com
SES Series
ESD Protector SES5VD523-2U
ROHS
Product dimension and pad size
Revision History
Revision
1.0
Date
2008-7-3
Changes
-
ESD Protector
3
www.goodark.com


▲Up To Search▲   

 
Price & Availability of SES5VD523-2U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X