Part Number Hot Search : 
ET1109 11750 1EVKI SN321 20010 PE33673 G2005 KSD5013
Product Description
Full Text Search
 

To Download SES5VD323-2U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SES Series
ESD Protector SES5VD323-2U
ROHS
Feature
500W peak pulse power per line (tP = 8/20s) SOD-323 package Replacement for MLV(0805) Unidirectional configurations Protects one power or I/O port ESD protection > 40 kV Low clamping voltage RoHS compliant Transient protection for data lines to IEC 61000-4-2(ESD) 15KV(air), 8KV(contact); IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5(surge): 24A, 8/20s-Level 2(line-groud) & Level 3(line-line)
Applications
Laptop computers Cellular phones Digital cameras PDAs
Electrical characteristics per line@25(unless otherwise specified)
Parameter
Reverse stand-off voltage Reverse Breakdown voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance
Symbol
VRWM VBR IR VC VC Cj
Conditions
Min.
Typ.
Max.
5
Units
V V
It = 1mA VRWM = 5V T=25C IPP = 1A tP = 8/20s
6 1 9.8 14.5 300
A V V pF
IPP=42A tP = 8/20s VR=0V f = 1MHz
Absolute maximum rating @25
Rating
Unidirectional Peak Pulse Power (tp=8/20) Operating Temperature Storage Temperature
Symbol
Ppp TJ TSTG
Value
500 -55 to +150 -55 to +150
Units
W
ESD Protector
1
www.goodark.com
SES Series
ESD Protector SES5VD323-2U
ROHS
Typical Characteristics
FIGURE4
ESD Protector
2
www.goodark.com
SES Series
ESD Protector SES5VD323-2U
ROHS
Product dimension and pad size
Carrier size
Revision History
Revision
1.0
Date
2008-7-3
Changes
-
ESD Protector
3
www.goodark.com


▲Up To Search▲   

 
Price & Availability of SES5VD323-2U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X