Part Number Hot Search : 
SBT603G TDA79 D222RW PS241 ZT751 RB751 PMN40LN AA541
Product Description
Full Text Search
 

To Download SBR2500-SBR2516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR25/35A SERIES
SILICON PASSIVATED THREE PHASE BRIDGE RECTIFIERS FEATURES
Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards
REVERSE VOLTAGE SBR
-
50 to 1600 Volts 25/35 Ampreres
FORWARD CURRENT -
METAL HEAT SINK
.453(11.5) .413(10.5)
MECHANICAL DATA
Case:Epoxy Case with Heat Sink lnterally
Mounted in the Bridge Encapsulation
Terminals:Plated Leads Soiderable per
Hole for No.8 screw 193"(4.9)diam
.254(6.45) .242(6.15)
.035(0.9) .028(0.7)
MIL-STD-202,Method 208 Polarity:As Marked on Body Weight:20 grams(approx.) Mounting Position: Bolt Down on Heatsink With Silicone Thermal Compound Between Bridge and Mounting Surface for Maximum Heat Transfer Efficiency Mounting Torque:20 in lbs. Max. Marking:Type Number
.984(25.0) .937(23.8)
1.133(28.8) 1.114(28.3)
.984(25.0) .937(23.8)
Dimensions in inches and (milimeters)
.866(22.0) .803(20.4)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
VOLTAGE RATINGS CHARACTERISTICS
Peak Repetitive Voltage Working Peak Reverse Voltage DC Blocking Voltage Peak Non_Repetitive Reverse Voltage RMS Reverse Voltage
SYMBOL VRRM VRWM VR VRSM VR(RMS)
-00 50 75 35
-01 100 150 70
-02 200 275 140 SBR25 25
-04 400 500 280
-06 600 725 420
-08 800 900 560
-10 1000 1100 700
-12 1200 1300 840 SBR35 35
-14 1400 1500 980
-16 1600 1700 1120
UNIT V V V UNIT A
FORWARD CONDUCTION CHARACTERISTICS
Maximum Average Forward Rectified Current @TC=100 Non-Repetitive Peak Forward Surge Current (No Voltage Reapplied t=8.3ms at 60HZ) (No Voltage Reapplied t=10ms at 50HZ) (100% VRRM Reapplied t=8.3ms at 60HZ) (100% VRRM Reapplied t=10ms at 50HZ) I2t Rating for fusing (No Voltage Reapplied t=8.3ms at 60HZ) (No Voltage Reapplied t=10ms at 50HZ) (100% VRRM Reapplied t=8.3ms at 60HZ) (100% VRRM Reapplied t=10ms at 50HZ) Forward Voltage (per element) @TJ=25,@IFM=40APK per single junction Peak Reverse Current (per leg) @TJ=25 At Rated DC Blocking Voltage @TJ=125 RMS lsolation Voltage from Case to Lead
SYMBOL
IO
375
500 475 420 400 1030 1130 730 800 1.19 10 5.0 2500 -55 to +150 -55 to +150 V A mA V 1.16 0.2 K/W K/W A2 S A
IFSM
360 314 300 580
I2 t
635 410 450
VF IR VISO
TJ TSTG RJC RCS
1.26
THERMAL CHARACTERISTICS
Operating Temperature Range Storage Temperature Range Thermal Resistance Junction to Case at DC Operation per Bridge Thermal Resistance Case to Heatsink Mounting Surface, Smooth, Flat and Greased
1.42
~ 389 ~
RATING AND CHARACTERISTIC CURVES SBR25A SERIES
FIG.1-CURRENT RATING CHARACTERISTICS MAXIMUM ALLOWABLE CASE TEMPERATURE( ) 150 INSTANTANEOUS FORWARD CURRENT (A) 1000 FIG.2-FORWARD VOLTAGE DROP CHARACTERISTICS
130
120C RECT
TJ=50C
110
100
PER JUNCTION
90
70
+ ~
0 5 10 15
10
20 25 30
TOTAL OUTPUT CURRENT (A)
TJ=25C
50
1 0 0.5 1 1.5 2 2.5 3 3.5 4 INSTANTANEOUS FORWARD VOLTAGEV
FIG.3-TOTAL POWPER LOSS CHARACTERISTICS 55 MAXIMUM TOTAL POWER LOSS(W) 50 45 40 35 30 25 20 15 10 5 0 0 5 10 15 20 25 25 50 75 100 125 150
120 Rect TJ=150C 2K/W 1K/W Rthsa=0.7KW-Data R
3K/W 4K/W 5K/W 7K/W 10K/W
TOTAL OUTPUT CURRENT (A)
MAXIMUM ALLOWABLE AMBIENT TEMPERATURE (C)
FIG.4-MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK HALF SINE-WAVE FORWARD CURRENT (A) 320 300 280 260 240 220 200 180 160 140 120 100 80 1 100 NUMBER OF EQUAL AMPLITUDE HALF CYCLE CURRENT PUSES(N) 10
@ 50HZ 0.0100S @ 60HZ 0.0083S AT ANY RATED LOAD CONDITION AND WITH RATED VRRV APPLIED FOLLOWING SURGE INITIALl TJ=150C
FIG.5-MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK HALF SINE-WAVE FORWARD CURRENT(A) 400 360 320 280 240 200 160 120 80 0.01 0.1 PULSE TRAIN DURATION (S) 1
RATED VRRM REAPPLIED NO VOLTAGE REAPPLIED MAXIMUM NON REPETITIVE SURGE CURRENT VERSUS PULSE TRAIN DURATION INITIAL TJ=150C
~ 390 ~
RATING AND CHARACTERISTIC CURVES SBR 35A SERIES
FIG.7-FORWARD VOLTAGE DROP CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT A 1000
MAXIMUM ALLOWABLE CASE TEMPERATURE(
FIG.6-CURRENT RATING CHARACTERISTICS 150
130
TJ=150
100
PER JUNCTION
110
120 RECT
90
+
70
10
~
10 15 20 25 30 35 40
TJ=25
50 0 5
1 0 0.5 1 1.5 2 2.5 3 3.5 4 INSTANTANEOUS FORWARD VOLTAGE V
TOTAL OUT CURRENTA
FIG.8-TOTAL POWER LOSS CHARACTERISTICS MAXIMUM TOTAL POWER LOSS W 80 70 60 50 40
3K/W TJ=150 1K/W 120 RECT Rthsa=0.7KW-Data R
2K/W
30 20 10 0 0 5 10 15 20 25
4K/W 5K/W 7K/W 10K/W
30
35
25
50
75
100
125
150
TOTAL OUTPUT CURRENT (A)
MAXIMUM ALLOWABLE AMBIENT TEMPERATURE
FIG.9-MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK HALF SINE-WAVE FORWARD CURRENT (A) PEAK HALF SINE-WAVE FORWARD CURRENT (A) 450 400 350
@ 60HZ 0.0083S AT ANY RATED LOAD CONDITION AND WITH RATED VRRV APPLIED FOLLOWING SURGE INITIALl TJ=150
FIG.10-MAXIMUM NON-REPETITIVE SURGE CURRENT 500 450 400 350
NO VOLTAGE REAPPLIED MAXIMUM NON REPETITIVE SURGE CURRENT VERSUS PULSE TRAIN DURATION INITIAL TJ=150
300 250
@ 50HZ 0.0100S
300 250 200 150 100 0.01 0.1 PULSE TRAIN DURATION (S) 1
RATED VRRM REAPPLIED
200 150 100 1 10 NUMBER OF EQUAL AMPLITUDE HALF CYCLE CURRENT PUSES (N)
100
~ 391 ~
RATING AND CHARACTERISTIC CURVES SBR 25/35A SERIES
FIG.11-THERMAL IMPEDANCE ZTHJC CHARACTERISTICS 10 TRANSIENT THERMAL IMPEDANCE ZTHJC (K/W)
STEADY STATE VAULE RthJC=142K/W (DC OPERATION)
1
0.1
SBR25...SERIES PER BRIDGE
0.01
0.001 0.001 0.01 0.1 1 10 100
SQUARE WAVE PULSE DURATION (S)
FIG.12-THERMAL IMPEDANCE ZTHJC CHARACTERISTICS 10 TRANSIENT THERMAL IMPEDANCE ZTHJC (K/W)
STEADY STATE VAULE RthJC=142K/W (DC OPERATION)
1
0.1
SBR35...SERIES PER BRIDGE
0.01
0.001 0.001 0.01 0.1 1 10 100
SQUARE WAVE PULSE DURATION (S)
~ 392 ~


▲Up To Search▲   

 
Price & Availability of SBR2500-SBR2516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X