Part Number Hot Search : 
2SC5270 SF16G XXXGX XFN80N50 ZMM11LB3 CMF211 CY7C14 BAT54S
Product Description
Full Text Search
 

To Download SA17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0 thru SA180CA
Transient Voltage Suppressors Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction Excellent clamping capability Low incremental surge resistance Very fast response time 500W peak pulse power surge capability with a 10/100us waveform, repetition rate (duty cycle): 0.01% High temperature soldering guaranteed: 265oC/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AC(DO-15) molded plastic body over passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: For unidirectional types the color band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.015oz., 0.4g
Devices for Bidirectional Applications For bidirectional use C or CA suffix. (e.g. SA5.0C, SA170CA). Electrical characteristics apply in both directions.
Maximum Ratings and Thermal Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified.) Parameter Peak pulse power dissipation with a 10/1000us waveform (1) (Fig. 1) Peak pulse current with a 10/1000us waveform (1) Steady state power dissipation at TA=75oC lead lengths, 0.375" (9.5mm) (2) Peak forward surge current, 10ms single half sine-wave unidirectional only Maximum instantaneous forward voltage at 35A for unidirectional only Operating junction and storage temperature range Notes: Symbol P PPM IPPM PM(AV) IFSM VF TJ, TSTG Value 500 (Min.) See Next Table 3.0 70 3.5 -55 to +175 Unit W A W A Volts
o
C
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25oC per Fig. 2. 2. Mounted on copper pad area of 1.6 x 1.6" (40 x 40mm) per Fig. 5. 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
576
Electrical Characteristics
(TA=25oC unless otherwise noted)
Breakdow n voltage V(BR) (Volts) (1) Device type SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A S A 10 S A 10A SA11 SA11A S A 12 S A 12A S A 13 S A 13A S A 14 S A 14A S A 15 S A 15A S A 16 S A 16A S A 17 S A 17A S A 18 S A 18A S A 20 S A 20A S A 22 S A 22A S A 24 S A 24A S A 26 S A 26A S A 28 S A 28A S A 30 S A 30A
(4)
Min. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3
Max. 7.30 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8
Test current at IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM (Volts) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0
Maximum reverse leakage at VWM ID(3) (uA) 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Maximum peak pulse surge current IPPM(2) (A) 52.1 54.3 43.9 48.5 40.7 44.7 37.6 41.7 35.0 38.8 33.3 36.8 31.4 34.7 29.6 32.5 26.6 29.4 24.9 27.5 22.7 25.1 21.0 23.3 19.4 21.6 18.6 20.5 17.4 19.2 16.4 18.1 15.5 17.1 14.0 15.4 13.1 14.1 11.6 12.9 10.7 11.9 10.0 11.0 9.3 10
Maximum clamping voltage at IPPM VC (Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4
Maximum temperature coefficient of V(BR) (mV / oC) 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0
577
Electrical Characteristics
(TA=25oC unless otherwise noted)
Breakdow n voltage V(BR) (Volts) (1) Device type S A 33 S A 33A S A 36 S A 36A S A 40 S A 40A S A 43 S A 43A S A 45 S A 45A S A 48 S A 48A S A 51 S A 51A S A 54 S A 54A S A 58 S A 58A S A 60 S A 60A S A 64 S A 64A S A 70 S A 70A S A 75 S A 75A S A 78 S A 78A S A 85 S A 85A S A 90 S A 90A S A 100 S A 100A SA110 SA110A S A 120 S A 120A S A 130 S A 130A S A 150 S A 150A S A 160 S A 160A S A 170 S A 170A S A 180A Min. 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 200 Max. 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 233 Maximum reverse leakage at VWM ID(3) (uA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum peak pulse surge current IPPM(2) (A) 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.6 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 1.7 Maximum clamping voltage at IPPM VC (Volts) 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 230 209 268 243 257 259 304 275 289 Maximum temperature coefficient of V(BR) (mV / oC) 42.0 39.0 46.0 41.0 51.0 46.0 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0 80.0 71.0 86.0 76.0 94.0 85.0 101 91.0 105 95.0 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208 -
Test current at IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM (Volts) 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0 180.0
Notes:
1. V(BR) measured after IT applied for 300us. IT=square wave pulse or equivalent 2. Surge current waveform per Fig. 3 and derate per Fig. 2 3. For bidirectional types with VWM of 10 Volts and less, the ID limit is doubled 4. For the bidirectional SA5.0CA, the maximum VBR is 7.25V 5. All terms and symbols are consistent with ANSI/IEEE C62.35 6. For parts without A, the VBR is +10%
578
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
579
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
580
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
581


▲Up To Search▲   

 
Price & Availability of SA17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X