Part Number Hot Search : 
DUM34 07028 EM91710B SG190 IR21592 0EP16 B0100 X6874D
Product Description
Full Text Search
 

To Download SA17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0 thru SA170CA
Vishay General Semiconductor
TRANSZORB(R) Transient Voltage Suppressors
FEATURES * Glass passivated chip junction * Available in uni-directional and bi-directional * 500 W peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % * Excellent clamping capability * Very fast response time * Low incremental surge resistance * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial and telecommunication. MECHANICAL DATA Case: DO-204AC, molded epoxy over passivated chip Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: For uni-directional types the color band denotes cathode end, no marking on bi-directional types
DO-204AC (DO-15)
PRIMARY CHARACTERISTICS
VWM PPPM PD IFSM (uni-directional only) TJ max. 5.0 V to 170 V 500 W 3.0 W 70 A 175 C
DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional types, use C or CA suffix (e.g. SA5.0C, SA170CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Peak pulse power dissipation with a 10/1000 s waveform Peak pulse current with a 10/1000 s waveform (1) Power dissipation on infinite heatsink at TA = 75 C (Fig. 5) Peak forward surge current, 10 ms single half sine-wave uni-directional only Maximum instantaneous forward voltage at 35 A for uni-directional only Operating junction and storage temperature range
(2) (1)
SYMBOL (Fig. 1) PPPM IPPM PD IFSM VF TJ, TSTG
VALUE 500 See next table 3.0 70 3.5 - 55 to + 175
UNIT W A W A V C
Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2 (2) 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 per minute maximum Document Number: 88378 Revision: 21-Oct-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1
SA5.0 thru SA170CA
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
BREAKDOWN VOLTAGE VBR AT IT (1) (V) MIN. 6.40 6.4 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 MAX. 7.30 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 TEST CURRENT IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 STANDOFF VOLTAGE VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 MAXIMUM REVERSE LEAKAGE AT VWM ID (3) (A) 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 MAXIMUM PEAK PULSE CURRENT IPPM (2) (A) 52.1 54.3 43.9 48.5 40.7 44.7 37.6 41.7 35.0 38.8 33.3 36.8 31.4 34.7 29.6 32.5 26.6 29.4 24.9 27.5 22.7 25.1 21.0 23.3 19.4 21.6 18.6 20.5 17.4 19.2 16.4 18.1 15.5 17.1 14.0 15.4 22.7 14.1 11.6 12.9 10.7 11.9 10.0 11.0 9.3 10.0 8.5 9.4 7.8 8.6 MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 MAXIMUM TEMPERATURE COEFFICIENT OF VBR (mV/C) 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10 10 11 11 12 12 13 13 14 14 16 16 19 17 20 19 21 20 25 23 28 25 31 28 31 30 35 31 39 36 42 39 46 41
DEVICE TYPE SA5.0 SA5.0A(4) SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378 Revision: 21-Oct-08
SA5.0 thru SA170CA
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
BREAKDOWN VOLTAGE VBR AT IT (1) (V) MIN. 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 MAX. 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 TEST CURRENT IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 STANDOFF VOLTAGE VWM (V) 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 MAXIMUM REVERSE LEAKAGE AT VWM ID (3) (A) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 MAXIMUM PEAK PULSE CURRENT IPPM (2) (A) 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.6 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 230 209 268 243 257 259 304 275 MAXIMUM TEMPERATURE COEFFICIENT OF VBR (mV/C) 51 46 55 50 58 52 63 56 66 61 71 65 78 70 80 71 86 76 94 85 101 91 105 95 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208
DEVICE TYPE SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A Notes:
(1) Pulse test: tp 50 ms (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) For bi-directional types with VWM of 10 V and less, the ID limit is doubled (4) For the bi-directional SA5.0CA, the maximum VBR is 7.25 V (5) All terms and symbols are consistent with ANSI/IEEE C62.35
Document Number: 88378 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
SA5.0 thru SA170CA
Vishay General Semiconductor
ORDERING INFORMATION (Example)
PREFERRED P/N SA5.0A-E3/54 SA5.0AHE3/54 (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.432 0.432 PREFERRED PACKAGE CODE 54 54 BASE QUANTITY 4000 4000 DELIVERY MODE 13" diameter paper tape and reel 13" diameter paper tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
30
150
IPPM - Peak Pulse Current, % IRSM
PPPM - Peak Pulse Power (kW)
10
Non-Repetitive Pulse Waveform shown in Fig. 3 TA = 25 C
tr = 10 s Peak Value IPPM 100 Half Value - IPP IPPM 2
TJ = 25 C Pulse Width (td) is defined as the Point where the Peak Current decays to 50 % of IPPM
PPK "0.5"
1.0
PPK
td td
Impulse Exponential Decay Half Sine td = 7 tp
50
10/1000 s Waveform as defined by R.E.A.
Square td Current Waveforms
PPK
td 0 0 1.0 2.0 3.0 4.0
0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
td - Pulse Width
t - Time (ms)
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
IFSM - Peak Forward Surge Current (A)
100
200 8.3 ms Single Half Sine-Wave 100
75
50
25
0 0 25 50 75 100 125 150 175 200
10 1 10 100
TJ - Initial Temperature (C)
Number of Cycles at 60 Hz
Figure 2. Pulse Derating Curve
Figure 4. Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378 Revision: 21-Oct-08
SA5.0 thru SA170CA
Vishay General Semiconductor
4.0
100
VC - Incremental Clamping Voltage
PD - Power Dissipation (W)
60 Hz Resistive or Inductive Load 3.0
SA170
10
SA110 SA70 SA40
Waveform: 10 x 1000 Impulse DVC = VC - VBR
SA24
2.0
SA15
1.0
L = 0.375" (9.5 mm) Lead Lengths
1.0
SA9.0 SA5.0
0 0 25 50 75 100 125 150 175 200
0.1 0.5
1
10
50
TL - Lead Temperature (C)
IPP - Peak Pulse Current (A)
Figure 5. Steady State Power Derating Curve
Figure 8. Incremental Clamping Voltage Curve Uni-Directional
10 000
100
VC - Incremental Clamping Voltage
Uni-Directional Bi-Directional
Waveform: 8 x 20 Impulse DVC = VC - VBR
SA170 SA110 SA70 SA60 SA40 SA30 SA24 SA15 SA9.0 SA6.5
CJ - Capaciatnce (pF)
1000
VR = 0
TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
10
100 VR = Rated Stand-Off voltage
1.0
10 5 100 500
0.1 0.5
1
10
50
VWM - Reverse Stand-Off Voltage (V)
IPP - Peak Pulse Current (A)
Figure 6. Capacitance
Figure 9. Incremental Clamping Voltage Curve Bi-Directional
100
100 SA110 SA70 SA54 SA40 SA30 SA24 SA18 SA15 SA12 SA5.0 SA9.0
VC - Incremental Clamping Voltage
VC - Incremental Clamping Voltage
Waveform: 8 x 20 Impulse DVC = VC - VBR 10
SA170
SA170 10 SA110 SA70 SA40
Waveform: 10 x 1000 Impulse DVC = VC - VBR
SA24 SA15 SA9.0
1.0
1.0
SA6.5
0.1 0.5
1
10
50
0.1 0.5
1
10
50
IPP - Peak Pulse Current (A)
IPP - Peak Pulse Current (A)
Figure 7. Incremental Clamping Voltage Curve Uni-Directional
Figure 10. Incremental Clamping Voltage Curve Bi-Directional
www.vishay.com 5
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378 Revision: 21-Oct-08
SA5.0 thru SA170CA
Vishay General Semiconductor
100 TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle
200
V - Temperature Coefficient (mV/C)
100 Uni-Directional
IF - Forward Current (A)
20 10
Bi-Directional 10
2 1 Uni-Directional Only 0 0.5 1 1.5 2 2.5
0.2 0.1
1.0 5.0 10 100 500
VF - Forward Voltage (V)
VWM - Rated Stand-Off Voltage (V)
Figure 11. Typical Instantaneous Forward Voltage
Figure 12. Breakdown Voltage Temperature Coefficient Curve
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-204AC (DO-15)
0.034 (0.86) 0.028 (0.71) DIA.
1.0 (25.4) MIN.
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) DIA. 1.0 (25.4) MIN.
www.vishay.com 6
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378 Revision: 21-Oct-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SA17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X