Part Number Hot Search : 
4744A 1N6299A 2SD780 MICONDUC 58010 B1517 C911805 C74HC40
Product Description
Full Text Search
 

To Download RP103N231D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RP103x SERIES
LOW NOISE 150mA LDO REGULATOR
NO.EA-149-070720
OUTLINE
The RP103x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an error amplifier, resistor-net for voltage setting, a current limit circuit, and a chip enable circuit. These ICs perform with low dropout voltage and a chip enable function. The line transient response and load transient response of the RP103x Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment. The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are PLP1010-4, SOT23-5, SC82-AB, therefore high density mounting of the ICs on boards is possible.
FEATURES
Supply Current .............................................................Typ. 36A Standby Mode ..............................................................Typ. 0.1A Dropout Voltage............................................................Typ. 0.21V (IOUT=150mA, VOUT=2.8V) Ripple Rejection ...........................................................Typ. 75dB (f=1kHz) Temperature-Drift Coefficient of Output Voltage ..........Typ. 30ppm/C Line Regulation ............................................................Typ. 0.02%/V Output Voltage Accuracy..............................................1.0% Packages......................................................................PLP1010-4, SOT-23-5, SC-82AB Input Voltage Range.....................................................1.7V to 5.25V Output Voltage..............................................................1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.3V, 2.5V 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.3V * Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode) * Ceramic capacitors are recommended to be used with this IC .... 0.47F or more * * * * * * * * * *
APPLICATIONS
* * * * Power source for portable communication equipment. Power source for electrical appliances such as cameras, VCRs and camcorders. Power source for battery-powered equipment. Power source for home appliances.
1
RP103x
BLOCK DIAGRAMS
RP103xxx1B
VDD VOUT VDD
RP103xxx1D
VOUT
Vref Current Limit
Vref Current Limit
CE
GND
CE
GND
SELECTION GUIDE
The output voltage, auto discharge function*, and the taping type for the ICs can be selected at the user's request. The selection can be made with designating the part number as shown below;
RP103xxx1x-xx-x Part Number
ab Code a cde Contents Designation of Package Type: K: PLP1010-4 N: SOT-23-5 Q: SC-82AB Setting Output Voltage (VOUT): The following 16 kinds of voltage are standard. 1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.3V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.3V Exceptions:1.85V=RP103x181x5-xx-x, 2.85V=RP103x281x5-xx-x Designation of Mask Option B: active high, without auto discharge function* at OFF state. D: active high, with auto discharge function* at OFF state. Designation of Taping Type: Ex. TR (refer to Taping Specifications; TR type is the standard direction.) Designation of composition of pin plating: -F: Lead free plating (SOT-23-5, SC-82AB) None: Au plating (PLP1010-4)
b
c
d
e
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off speed faster than normal type.
2
RP103x
PIN CONFIGURATIONS
* PLP1010-4
Top View
4 3
Bottom View
3 4
1
2
2
1
* SOT-23-5
5 4
* SC-82AB
4 3
(mark side)
(mark side)
1
2
3
1
2
PIN DESCRIPTIONS
*
PLP1010-4
Pin No. 1 2 3 4 Symbol VOUT GND CE VDD Description Output Pin Ground Pin Chip Enable Pin ("H" Active) Input Pin
*
SOT-23-5
Pin No. 1 2 3 4 5 Symbol VDD GND CE NC VOUT Description Input Pin Ground Pin Chip Enable Pin ("H" Active) No Connection Output Pin
) Tab in the parts have GND level. (They are connected to the back side of this IC.) Do not connect to other wires or land patterns.
*
SC-82AB
Pin No. 1 2 3 4 Symbol CE GND VOUT VDD Description Chip Enable Pin ("H" Active) Ground Pin Output Pin Input Pin
3
RP103x
ABSOLUTE MAXIMUM RATINGS
Symbol VIN VCE VOUT IOUT PD Input Voltage Input Voltage (CE Pin) Output Voltage Output Current Power Dissipation* (PLP1010-4) Power Dissipation* (SOT-23-5) Power Dissipation* (SC-82AB) Topt Tstg Operating Temperature Range Storage Temperature Range Item Rating 6.0 6.0 -0.3 to VIN+0.3 180 400 420 380 -40 to 85 -55 to 125 C C mW Unit V V V mA
*) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.
4
RP103x
ELECTRICAL CHARACTERISTICS
*
RP103xxx1B/D
VIN=Set VOUT+1V for VOUT options greater than 1.5V. VIN=2.5V for VOUT IOUT=1mA, CIN=COUT=0.47F, unless otherwise noted. values indicate -40C < Ta < 85C, unless otherwise noted. = = Symbol Item Topt=25C VOUT Output Voltage -40C IOUT VOUT/ IOUT Output Current Load Regulation 1mA
< = < = < =
1.5V.
Topt=25C
Conditions VOUT > 2.0V VOUT
< = < =
Min. x0.99 -20 x0.985 -30 150 2.0V 2.0V
Typ.
Max. x1.01 +20 x1.015 +30
Unit V mV V mV mA
Topt
85C
VOUT > 2.0V VOUT
< =
IOUT
< =
150mA 1.2V 1.5V
< = < = < = < = < = < =
10 VOUT < 1.5V VOUT < 1.7V VOUT < 2.0V VOUT < 2.5V VOUT < 2.8V VOUT
< =
30 0.62 0.47 0.42 0.36 0.30 0.27 50 1.0 0.10
mV
0.50 0.38 0.34 0.28 0.22 0.21 36 0.1
VDIF
Dropout Voltage
IOUT=150mA
1.7V 2.0V 2.5V 2.8V
V
3.3V
ISS Istandby VOUT/ VIN RR VIN VOUT/ Topt Ilim IPD VCEH VCEL en RLOW
Supply Current Supply Current (Standby) Line Regulation Ripple Rejection Input Voltage* Output Voltage Temperature Coefficient Short Current Limit CE Pull-down Current CE Input Voltage "H" CE Input Voltage "L" Output Noise Low Output Nch Tr. ON Resistance (of D version)
IOUT=0mA VCE=0V Set VOUT+0.5V
< =
A A %/V dB
VIN
< =
5.0V
0.02 75 1.7
f=1kHz, Ripple 0.2Vp-p VIN=Set VOUT+1V, IOUT=30mA (In case that VOUT < 2.0V, VIN=3.0V) =
5.25 30 40 0.3
V ppm /C mA A V
-40C
< =
Topt
< =
85C
VOUT=0V 1.5
0.3 BW=10Hz to 100kHz IOUT=30mA VIN=4.0V VCE=0V 60 30
V Vrms
*) When Input Voltage is 5.5V, the total operational time must be within 500hrs.
5
RP103x
TYPICAL APPLICATION
VDD C1 VOUT C2 VOUT
RP103x Series CE GND
(External Components) C2 0.47F MURATA: GRM155B30J474KE18B
TECHNICAL NOTES
When using these ICs, consider the following points: Phase Compensation In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance). (Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for phase compensation, the operation might be unstable. Because of this, test these ICs with as same external components as ones to be used on the PCB.) PCB Layout Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result. Connect a capacitor C1 with a capacitance value as much as 0.47F or more between VDD and GND pin, and as close as possible to the pins. Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring as short as possible.
6
RP103x
TEST CIRCUITS
VDD C1 VOUT C2 V VOUT IOUT
RP103x Series CE GND
C1=Ceramic 0.47F C2=Ceramic 0.47F
Basic Test Circuit
VDD A ISS C1
VOUT C2
VOUT
RP103x Series CE GND
C1=Ceramic 0.47F C2=Ceramic 0.47F
Test Circuit for Supply Current
Pulse Generator P.G.
VDD
VOUT C2 IOUT
RP103x Series CE GND
C2=Ceramic 0.47F
Test Circuit for Ripple Rejection
7
RP103x
VDD C1
VOUT C2
VOUT
RP103x Series CE GND
IOUTa
IOUTb
C1=Ceramic 0.47F C2=Ceramic 0.47F
Test Circuit for Load Transient Response
8
RP103x
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (C1=0.47F, C2=0.47F, Topt=25C)
RP103x121x
1.4
Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x251x
3.0 2.5 2.0 1.5 1.0 0.5 0 VIN=3.5V VIN=4.2V VIN=5.0V VIN=5.5V
1.2 1.0 0.8 0.6 0.4 0.2 0 0 100 200 300 400 Output Current IOUT (mA) 500 VIN=2.2V VIN=3.6V VIN=4.2V VIN=5.0V VIN=5.5V
0
100 200 300 400 Output Current IOUT (mA)
500
RP103x331x
3.5
Output Voltage VOUT (V)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 100 200 300 400 Output Current IOUT (mA) 500 VIN=4.3V VIN=5.0V VIN=5.5V
2) Output Voltage vs. Input Voltage (C1=0.47F, C2=0.47F, Topt=25C)
RP103x121x
1.4
Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x251x
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 1 2 3 4 Input Voltage VIN (V) 5 IOUT=1mA IOUT=30mA IOUT=50mA
1.2 1.0 0.8 0.6 0.4 0.2 0 0 1 2 3 4 Input Voltage VIN (V) 5 IOUT=1mA IOUT=30mA IOUT=50mA
9
RP103x
RP103x331x
3.5
Output Voltage VOUT (V)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 1 2 3 4 Input Voltage VIN (V) 5 IOUT=1mA IOUT=30mA IOUT=50mA
3) Supply Current vs. Input Voltage (C1=0.47F, C2=0.47F, Topt=25C)
RP103x121x
50 50
RP103x251x
Supply Current ISS (A)
40 30 20 10 0 0 1 2 3 4 Input Voltage VIN (V) 5
Supply Current ISS (A)
40 30 20 10 0 0 1 2 3 4 Input Voltage VIN (V) 5
RP103x331x
50
Supply Current ISS (A)
40 30 20 10 0 0 1 2 3 4 Input Voltage VIN (V) 5
10
RP103x
4) Output Voltage vs. Temperature (C1=0.47F, C2=0.47F, IOUT=1mA)
RP103x121x
1.25 1.24 1.23 1.22 1.21 1.20 1.19 1.18 1.17 1.16 1.15 -40 -25 VIN=2.2V 2.55 2.54 2.53 2.52 2.51 2.50 2.49 2.48 2.47 2.46 2.45 -40 -25
RP103x251x
VIN=3.5V
Output Voltage VOUT (V)
0 25 50 Temperature Topt (C)
75 85
Output Voltage VOUT (V)
0 25 50 Temperature Topt (C)
75 85
RP103x331x
3.35 3.34 3.33 3.32 3.31 3.30 3.29 3.28 3.27 3.26 3.25 -40 -25 VIN=4.3V
Output Voltage VOUT (V)
0 25 50 Temperature Topt (C)
75 85
5) Supply Current vs. Temperature (C1=0.47F, C2=0.47F, IOUT=0mA)
RP103x121x
40 VIN=2.2V 40
RP103x251x
VIN=3.5V
Supply Current ISS (A)
38 36 34 32 30 -40 -25
Supply Current ISS (A)
0 25 50 Temperature Topt (C) 75 85
38 36 34 32 30 -40 -25
0 25 50 Temperature Topt (C)
75 85
11
RP103x
RP103x331x
40 VIN=4.3V
Supply Current ISS (A)
38 36 34 32 30 -40 -25
0 25 50 Temperature Topt (C)
75 85
6) Dropout Voltage vs. Output Current (C1=0.47F,C2=0.47F)
RP103x121x
600 300
RP103x251x
Dropout Voltage VDIF (mV)
85C 25C - 40C
Dropout Voltage VDIF (mV)
500 400 300 200 100 0 0
85C 25C - 40C
250 200 150 100 50 0
30 60 90 120 Output Current IOUT (mA)
150
0
30 60 90 120 Output Current IOUT (mA)
150
RP103x331x
250
Dropout Voltage VDIF (mV)
200 150 100 50 0 0
85C 25C - 40C
30 60 90 120 Output Current IOUT (mA)
150
12
RP103x
7) Dropout Voltage vs. Set Output Voltage (C1=0.47F, C2=0.47F, Topt=25C)
600
Dropout Voltage VDIF (mV)
500 400 300 200 100 0 1.0
10mA 30mA 50mA 150mA
1.5 2.0 2.5 3.0 Set Output Voltage VREG (V)
3.5
8) Ripple Rejection vs. Input Bias Voltage (C1=0.47F, C2=0.47F, Ripple=0.2VP-P, Topt=25C)
RP103x281x
IOUT=1mA 90
Ripple Rejection RR (dB)
RP103x281x
IOUT=30mA 90
Ripple Rejection RR (dB)
80 70 60 50 40 30 20 10 0 2.8 3.3 3.8 4.3 4.8 Input Voltage VIN (V) 5.3 1kHz 10kHz 100kHz
80 70 60 50 40 30 20 10 0 2.8 3.3 3.8 4.3 4.8 Input Voltage VIN (V) 5.3 1kHz 10kHz 100kHz
9) Ripple Rejection vs. Frequency (C1=none, C2=0.47F, Ripple=0.2VP-P)
RP103x121x
120 VIN=2.2V IOUT=1mA IOUT=30mA IOUT=150mA 100 90 80 70 60 50 40 30 20 10 0 0.1
RP103x251x
VIN=3.5V IOUT=1mA IOUT=30mA IOUT=150mA
Ripple Rejection RR (dB)
100 80 60 40 20 0 0.1
1
10 100 Frequency f (kHz)
1000
Ripple Rejection RR (dB)
1
10 100 Frequency f (kHz)
1000
13
RP103x
RP103x331x
120 VIN=4.3V IOUT=1mA IOUT=30mA IOUT=150mA
Ripple Rejection RR (dB)
100 80 60 40 20 0 0.1
1
10 100 Frequency f (kHz)
1000
10) Input Transient Response (IOUT=30mA, tr=tf=5s, Topt=25C)
RP103x121x
4
RP103x251x
5
Output Voltage VOUT (V)
Input Voltage VIN (V)
Input Voltage 2 1.205 1.200 Output Voltage 1.195 0 20 40 60 Time t (s) 80 100
Input Voltage 3 2.505 2.500 Output Voltage 2.495 0 20 40 60 Time t (s) 80 100
RP103x331x
6
Output Voltage VOUT (V)
Input Voltage 4 3.305 3.300 Output Voltage 3.295 0 20 40 60 Time t (s) 80 100
14
Input Voltage VIN (V)
5
Input Voltage VIN (V)
3
Output Voltage VOUT (V)
4
RP103x
11) Load Transient Response (C1=0.47F, C2=0.47F, Topt=25C)
RP103x121x
VIN=2.2V tr=tf=0.5s 150
RP103x251x
VIN=3.5V tr=tf=0.5s 150 100 Output Current 50mA 100mA 2.51 2.50 2.49 2.48 0 20 Output Voltage 40 60 Time t (s) 80 100 50 0
Output Current IOUT (mA)
100 Output Current 50mA 100mA 1.21 1.20 1.19 1.18 0 20 40 60 Time t (s) 80 100 Output Voltage 50 0
RP103x331x
VIN=4.3V tr=tf=0.5s 150
RP103x121x
VIN=2.2V tr=tf=0.5s 300 150 Output Current 1mA 150mA 1.21 1.20 1.15 1.10 0 20 Output Voltage 0
Output Current IOUT (mA)
100 Output Current 50mA 100mA 3.31 3.30 3.29 3.28 0 20 40 60 Time t (s) 80 100 Output Voltage 50 0
40 60 Time t (s)
80
100
RP103x251x
VIN=3.5V tr=tf=0.5s 300
RP103x331x
VIN=4.3V tr=tf=0.5s 300 150 Output Current 1mA 150mA 3.35 3.30 3.25 3.20 0 20 Output Voltage 0
Output Current IOUT (mA)
150 Output Current 1mA 150mA 2.55 2.50 2.45 2.40 0 20 40 60 Time t (s) 80 100 Output Voltage 0
40 60 Time t (s)
80
100
Output Current IOUT (mA)
Output Voltage VOUT (V)
Output Voltage VOUT (V)
Output Current IOUT (mA)
Output Voltage VOUT (V)
Output Voltage VOUT (V)
Output Current IOUT (mA)
Output Voltage VOUT (V)
Output Voltage VOUT (V)
15
RP103x
12) Turn On Speed with CE pin (C1=0.47F, C2=0.47F, Topt=25C)
RP103x121x
IOUT=0mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x121x
IOUT=30mA 3 CE Input Voltage 2 1 0 1.5 1.0 0.5 0 0 Output Voltage 20 40 Time t (s) 60 80
CE Input Voltage VCE (V) CE Input Voltage VCE (V) CE Input Voltage VCE (V)
CE Input Voltage
2 1 0
1.5 1.0 0.5 0 0 20 40 Time t (s) 60 80 Output Voltage
RP103x121x
IOUT=150mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x251x
IOUT=0mA 3 2 CE Input Voltage 1 0 3 2 1 0 0 Output Voltage 2 1 0
CE Input Voltage
1.5 1.0 0.5 0 0 20 40 Time t (s) 60 80 Output Voltage
20 40 Time t (s)
60
80
RP103x251x
IOUT=30mA 3
Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x251x
IOUT=150mA 3
CE Input Voltage VCE (V)
2 CE Input Voltage 1 0 3 2 1 0 0 20 40 Time t (s) 60 80 Output Voltage
2 CE Input Voltage 1 0 3 2 1 0 0 20 40 Time t (s) 60 80 Output Voltage
16
RP103x
RP103x331x
IOUT=0mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x331x
IOUT=30mA 3 CE Input Voltage
CE Input Voltage VCE (V) CE Input Voltage VCE (V)
2 CE Input Voltage 1 0 4 3 2 1 0 0 20 40 Time t (s) 60 80 Output Voltage
2 1 0 4 3 2 1 0 0 20 40 Time t (s) 60 80 Output Voltage
RP103x331x
IOUT=150mA 3 CE Input Voltage
CE Input Voltage VCE (V) Output Voltage VOUT (V)
2 1 0 4 3 2 1 0 0 20 40 Time t (s) 60 80 Output Voltage
13) Turn Off Speed with CE pin (D Version) (C1=0.47F, C2=0.47F, Topt=25C)
RP103x121D
IOUT=0mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x121D
IOUT=30mA 3 2 CE Input Voltage 1 0 1.5 1.0 Output Voltage 0.5 0 0 20 40 60 80 100 120 140 160 180 Time t (s) 2
CE Input Voltage
1 0
1.5 1.0 Output Voltage 0.5 0 0 20 40 60 80 100 120 140 160 180 Time t (s)
17
RP103x
RP103x121D
IOUT=150mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x251D
IOUT=0mA 4 CE Input Voltage 2 0 3 2 Output Voltage 1 0
CE Input Voltage VCE (V) CE Input Voltage VCE (V) CE Input Voltage VCE (V)
2 CE Input Voltage 1 0 1.5 1.0 Output Voltage 0.5 0 0 20 40 60 80 100 120 140 160 180 Time t (s)
0
20 40 60 80 100 120 140 160 180 Time t (s)
RP103x251D
IOUT=30mA 4
CE Input Voltage VCE (V) Output Voltage VOUT (V)
RP103x251D
IOUT=150mA 4
Output Voltage VOUT (V)
CE Input Voltage
2 0
CE Input Voltage
2 0
3 2 Output Voltage 1 0 0 20 40 60 80 100 120 140 160 180 Time t (s)
3 2 Output Voltage 1 0 0 20 40 60 80 100 120 140 160 180 Time t (s)
RP103x331D
IOUT=0mA 6
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP103x331D
IOUT=30mA 6 4 CE Input Voltage 2 0 4 3 2 1 0 0 20 40 60 80 100 120 140 160 180 Time t (s) Output Voltage 4
CE Input Voltage
2 0
4 3 2 1 0 0 20 40 60 80 100 120 140 160 180 Time t (s) Output Voltage
18
RP103x
RP103x331D
IOUT=150mA 6
CE Input Voltage VCE (V) Output Voltage VOUT (V)
4 CE Input Voltage 2 0 4 3 2 1 0 0 20 40 60 80 100 120 140 160 180 Time t (s) Output Voltage
14) Dropout Voltage vs. Temperature (C1=0.47F, C2=0.47F)
RP103x121x
450
RP103x251x
200 150mA 180 100mA 160 50mA 140 120 100 80 60 40 20 0 -40 -25 0 25 50 Temperature Topt (C)
Dropout Voltage VDIF (mV)
350 300 250 200 150 100 50 0 -40 -25
0 25 50 Temperature Topt (C)
75 85
Dropout Voltage VDIF (mV)
400
150mA 100mA 50mA
75 85
RP103x301x
200 150mA 180 100mA 160 50mA 140 120 100 80 60 40 20 0 -40 -25 0 25 50 Temperature Topt (C)
RP103x331x
200 150mA 180 100mA 160 50mA 140 120 100 80 60 40 20 0 -40 -25 0 25 50 Temperature Topt (C)
Dropout Voltage VDIF (mV)
75 85
Dropout Voltage VDIF (mV)
75 85
19
RP103x
ESR vs. Output Current
When using these ICs, consider the following points: The relations between IOUT (Output Current) and ESR of an output capacitor are shown below. The conditions when the white noise level is under 40V (Avg.) are marked as the hatched area in the graph. Measurement conditions Frequency Band : 10Hz to 2MHz Temperature : -40C to 85C RP103x121x
VIN=1.7V to 5.0V C1=C2=Ceramic 0.47F 100 Topt=85C 10 10 100 Topt=85C
RP103x331x
VIN=3.5V to 5.0V C1=C2=Ceramic 0.47F
ESR ()
1
ESR ()
Topt=-40C
Topt=-40C 1
0.1
0.1
0.01 0 25 50 75 100 125 Output Current IOUT (mA) 150
0.01 0 25 50 75 100 125 Output Current IOUT (mA) 150
20
PACKAGE INFORMATION
PE-PLP1010-4-0704
*
PLP1010-4
0.070.05
Unit: mm
PACKAGE DIMENSIONS
48 0.
A
1.00
0.65
3 4
5 .0 0
B
0.250.05
x4
0.05
0. 18
0.05Min.
0.6Max.
0.250.05
0.05 M S AB
BottomView
S
0.05 S
TAPING SPECIFICATION
2.00.05 0.20.1 1.5 +0.1 0 4.00.1
3.50.05
1.750.1
0.50.1 1.2Max. 2.00.1 1.1
TR
UserDirectionofFeed
TAPING REEL DIMENSIONS
(1reel=10000pcs)
REUSE REEL (EIAJ-RRM-08Bc)
11.41.0 9.00.3
210.8
60 +1 0 0 180 -1.5
20.5
130.2
1.1
8.00.3
0.320.05
0. 48 0 .0 5
3C
2
1
0.250.05
45
1.00
PACKAGE INFORMATION
PE-PLP1010-4-0704
POWER DISSIPATION (PLP1010-4)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: Measurement Conditions Standard Land Pattern Environment Board Material Board Dimensions Copper Ratio Through-hole Measurement Result Power Dissipation Thermal Resistance Thermal Resistance
700 600
Mounting on Board (Wind velocity=0m/s) Glass cloth epoxy plactic (Double sided) 40mm x 40mm x 1.6mm Top side : Approx. 50% , Back side : Approx. 50% 0.54mm x 24pcs
(Topt=25C,Tjmax=125C)
Standard Land Pattern 400mW ja=(125-25C)/0.4W=250C/W jc=67C/W
40
PowerDissipationPD(mW)
500 400 300 200 100 0 0 25 50 75 85 100 125 150 AmbientTemperature(C) OnBoard
40
MeasurementBoardPattern
Power Dissipation
IC Mount Area (Unit : mm)
RECOMMENDED LAND PATTERN
3C 0.
0.25
18 0. 48
0.47
1.30
0.22
0.65
0.
45
48
0.40
(Unit: mm)
PACKAGE INFORMATION
PE-SOT-23-5-0610
*
SOT-23-5 (SC-74A)
Unit: mm
PACKAGE DIMENSIONS
2.90.2 1.90.2 (0.95) (0.95) +0.2 1.1 -0.1
0.80.1
5
4
+0.2 1.6 -0.1
2.8-0.3
0 to 0.1
1
2 0.40.1
3
TAPING SPECIFICATION
0.3-0.1 +0.1 1.5 0 4.0-0.1 2.0-0.05
0.2 Min.
+0.1 0.15 -0.05
3.5-0.05
4.0-0.1
1.10.1
1.75-0.1 8.0-0.3
3.3 2.0Max.
3.2
TR User Direction of Feed
TAPING REEL DIMENSIONS
(1reel=3000pcs)
REUSE REEL (EIAJ-RRM-08Bc)
11.41.0 9.00.3
210.8
60 +1 0 180 0 -1.5
20.5
130.2
PACKAGE INFORMATION
PE-SOT-23-5-0610
POWER DISSIPATION (SOT-23-5)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: (Power Dissipation (SOT-23-5) is substitution of SOT-23-6.) Measurement Conditions Standard Land Pattern Environment Board Material Board Dimensions Copper Ratio Through-hole Measurement Result Standard Land Pattern Power Dissipation Thermal Resistance
600
40
Mounting on Board (Wind velocity=0m/s) Glass cloth epoxy plactic (Double sided) 40mm x 40mm x 1.6mm Top side : Approx. 50% , Back side : Approx. 50% 0.5mm x 44pcs
(Topt=25C,Tjmax=125C)
Free Air 250mW 400C/W
420mW ja=(125-25C)/0.42W=263C/W
Power Dissipation PD(mW)
500 420 400
On Board
Free Air 300 200 100 0 0 25 50 75 85 100 Ambient Temperature (C) 125 150 250
40
Power Dissipation
Measurement Board Pattern
IC Mount Area Unit : mm
RECOMMENDED LAND PATTERN
0.7 MAX.
1.0
2.4
0.95 0.95 1.9
(Unit: mm)
PACKAGE INFORMATION
PE-SC-82AB-0512
*
SC-82AB
Unit: mm
PACKAGE DIMENSIONS
20.2
0.30.1
4 3
0.30.1
(0.7)
0.2 1.25 -0.1
2.10.3
1
2
0.30.2
0 to 0.1
0.16 +0.1 -0.06
2.00.05
1.30.2
0.90.1
0.30.1
0.40.1
0.05
TAPING SPECIFICATION
0.20.1
1.5 0
+0.1
4.00.1
3.50.05
2.2
1.750.1
1.6Max.
4.00.1
TR User Direction of Feed
TAPING REEL DIMENSIONS
(1reel=3000pcs)
11.41.0 9.00.3
210.8
+1 60 0 0 180 -1.5
20.5
130.2
2.6
1.10.1
8.00.3
PACKAGE INFORMATION
PE-SC-82AB-0512
POWER DISSIPATION (SC-82AB)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: Measurement Conditions Standard Land Pattern Environment Board Material Board Dimensions Copper Ratio Through-hole Measurement Result Standard Land Pattern Power Dissipation Thermal Resistance
600
Mounting on Board (Wind velocity=0m/s) Glass cloth epoxy plactic (Double sided) 40mm x 40mm x 1.6mm Top side : Approx. 50% , Back side : Approx. 50% 0.5mm x 44pcs
(Topt=25C,Tjmax=125C)
Free Air 150mW 667C/W
380mW ja=(125-25C)/0.38W=263C/W
Power Dissipation PD(mW)
500 400 300 200 100 0 0 25 380
40
On Board
Free Air 150
40
50 75 85 100 Ambient Temperature (C)
125
150
Power Dissipation
Measurement Board Pattern IC Mount Area (Unit : mm)
RECOMMENDED LAND PATTERN
0.65 0.65
0.6
0.6
0.8
0.8
0.6
0.8
0.8
0.65 0.6
0.8
1.9
(Unit: mm)
MARK INFORMATIONS
ME-RP103K-0707
RP103K SERIES MARK SPECIFICATION * PLP1010-4
4 1 3 1 2
3
3
1
,
2
: Product Code
(Refer to Part Number vs. Product Code)
,
4
: Lot Number
4 2
*
Part Number vs. Product Code
Product Code
1 2
Part Number RP103K121B RP103K131B RP103K151B RP103K181B RP103K181B5 RP103K191B RP103K201B RP103K251B RP103K261B RP103K271B RP103K281B RP103K281B5 RP103K291B RP103K301B RP103K311B RP103K331B RP103K231B
Part Number RP103K121D RP103K131D RP103K151D RP103K181D RP103K181D5 RP103K191D RP103K201D RP103K251D RP103K261D RP103K271D RP103K281D RP103K281D5 RP103K291D RP103K301D RP103K311D RP103K331D RP103K231D
Product Code
1 2
7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7
A B C D E F G H J K L M N P Q R S
8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
A B C D E F G H J K L M N P Q R S
MARK INFORMATIONS
ME-RP103N-0707
RP103N SERIES MARK SPECIFICATION * SOT-23-5
1
,
2
,
3
: Product Code
(Refer to Part Number vs. Product Code)
1
2
3
4
5
4
,
5
: Lot Number
*
Part Number vs. Product Code
Product Code
1 2 3
Part Number RP103N121B RP103N131B RP103N151B RP103N181B RP103N181B5 RP103N191B RP103N201B RP103N251B RP103N261B RP103N271B RP103N281B RP103N281B5 RP103N291B RP103N301B RP103N311B RP103N331B RP103N231B
Part Number RP103N121D RP103N131D RP103N151D RP103N181D RP103N181D5 RP103N191D RP103N201D RP103N251D RP103N261D RP103N271D RP103N281D RP103N281D5 RP103N291D RP103N301D RP103N311D RP103N331D RP103N231D
Product Code
1 2 3
8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
A B C D E F G H J K L M N P Q R S
8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
A B C D E F G H J K L M N P Q R S
MARK INFORMATIONS
ME-RP103Q-0707
RP103Q SERIES MARK SPECIFICATION * SC-82AB
1
,
2
: Product Code
(Refer to Part Number vs. Product Code)
2
4
1
*
Part Number vs. Product Code
Product Code
1 2
3
3
,
4
: Lot Number
Part Number RP103Q121B RP103Q131B RP103Q151B RP103Q181B RP103Q181B5 RP103Q191B RP103Q201B RP103Q251B RP103Q261B RP103Q271B RP103Q281B RP103Q281B5 RP103Q291B RP103Q301B RP103Q311B RP103Q331B RP103Q231B
Part Number RP103Q121D RP103Q131D RP103Q151D RP103Q181D RP103Q181D5 RP103Q191D RP103Q201D RP103Q251D RP103Q261D RP103Q271D RP103Q281D RP103Q281D5 RP103Q291D RP103Q301D RP103Q311D RP103Q331D RP103Q231D
Product Code
1 2
G G G G G G G G G G H H H H H H H
0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6
J J J J J J J J J J K K K K K K K
0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6


▲Up To Search▲   

 
Price & Availability of RP103N231D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X