Part Number Hot Search : 
TA7733F OLG209 MM1214 BZV55 25L8005P SBL3040 20007 27N60
Product Description
Full Text Search
 

To Download RH101-RH105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RH101 thru RH105
SURFACE MOUNT GLASS PASSIVATED BARRIER RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Reliable low cost construction utilizing
REVERSE VOLTAGE - 100 to 1000 Volts FORWARD CURRENT - 0.8 Amperes MBS
.275(7.0)MAX .067(1.7) .057(1.3) .051(1.3) .035(0.9) .165(4.2) .150(3.8)
molded plastic technique results in inexpensive product
Lead tin plated copper
~~ +.031(0.8) .019(0.5) .106(2.7) .09(2.3) .193(4.9) .177(4.5)
.014(.35) .006(.15)
MECHANICAL DATA
Polarity:Symbol molded on body Weight: 0.0044 ounces,0.125 grams Mounting position :Any
.043(1.1) .027(0.7) .067(1.7) .057(1.3)
.106(2.7) .09(2.3) .008(0.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Note 1) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 0.8A DC Maximum DC Reverse Current at Rated DC Bolcking Voltage I2t Rating for Fusing (t8.3ms) Maximum Reverse Recovery Time Tyical Junction Capacitance Per Element Tyical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.Mounted on P.C. board. (Note2) @TJ=25 @TJ=125 @TA=40
SYMBOL VRRM VRMS VDC I(AV)
RH101 100 70 100
RH102 200 140 200
RH103 400 280 400 0.8
RH104 600 420 600
RH105 800 560 800
UNIT V V V A
IFSM VF IR I2t TRR CJ RJC TJ TSTG 150
40 1.15 5.0 500 3.7 250 13 75 -55 to +150 -55 to +150 500
A V A A2s nS pF /W
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to ambient.
~ 215 ~
RATING AND CHARACTERTIC CURVES RH101 thru RH105
FIG.1-FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES 1.0 AVERAGE FORWARD CURRENT AMPERES 0.8 0.6 0.4 0.2 0.1
MOUNTED ON BOARD SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2-MAXIMUM NON-REPETITVE SURGE CURRENT 40
30
20
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
10
20
40
60
80
100
120
140
160
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60HZ FIG.4-TYPICAL FORWARD CHARACTERISTICS 10
AMBIENT TEMPERATURE, FIG.3-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT,(mA) INSTANTANEOUS FORWARD CURRENT,(A)
10
TJ=125C
TJ=125C
1.0
1.0
TJ =25C
TJ=25C 0.1
0.1
TJ=25 PULSE WIDTH 300us
0.01 0 20 40 60 80 100 120 140
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
INSTANTANEOUS FORWARD VOLTAGE VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE 100
CAPACITANCE(PF)
10
TJ=25C f=1MHZ
1.0 1 4 10.0 100 REVERSE VOLTAGE VOLTS
~ 216 ~


▲Up To Search▲   

 
Price & Availability of RH101-RH105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X