Part Number Hot Search : 
SES5001 NTE140A TA0733A M32C8B MHW7222 XWXX7 XFVOIP HC407
Product Description
Full Text Search
 

To Download PT8405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
MP3/WMA Decoder and MP3 Encoder IC
PT8405
DESCRIPTION
The PT8405 is a single chip MPEG audio encoder/decoder capable of decoding all layers compressed elementary streams, as specified in MPEG 1 and MPEG 2 ISO standards, including the so called MP3. Enhance with time-stretch and pitch-shift functions, this chip is suitable for language learning application. Another decoding function that PT8405 support is the Window Media Audio or WMA by Microsoft. With external AD converter interface or build-in S/PDIF interface, it can also compress incoming digital signal into MPEG1/2 layer 3 format, so called MP3.
FEATURES
* Decoder supports all layer and all the sampling frequency of MPEG1 (32/44.1/48KHz), MPEG2 (16/22.05/24KHz) and MPEG 2.5. * Support Microsoft Window Media Audio V2/V7/V8/V9 format for decoding. * Support MPEG layer 3 all sampling frequency for encoding. * Time-stretch and pitch-shift functions for various applications, including language learning * Serial/parallel bit stream input interface * Parallel bit stream output interface * Build-in S/PDIF for MP3 encoding input * DAC master clock (256*fs1 / 384*fs for 16 / 24 bit DAC) is supported * Spectrum analyzer output register for spectrum graphic display * Build-in volume and digital equalizer control * Low operating voltage, 2.5V. * 44-pin plastic LQFP
APPLICATIONS
* * * * Portable MP3/WMA player Language learning machine PDA, Electronic dictionary All other MP3/WMA applications
1
fs: sampling frequency.
PT8405 V1.1
-1-
March, 2006
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
MP3/WMA Decoder and MP3 Encoder IC
PT8405
PIN CONFIGURATION
FRM_SYN B_ENA
34
TEST2
IICD
VCC GND
IICC
ERR
2HZ
BCK
DSPRDY /RST PWR_DW MCLKIN VCC OSCI OSCO GND ADC_DI
1 2 3 4 5 6 7 8 9
I O O O I/O I/O P P O I I I P I O P I I I
12 13 14
44
43
42
41
40
39
38
37
36
BD
35
I
I
I
I O O P P
PD_ENA
33 32 31 30 29 28 27 26 25 24 23
PD_ACK DATA_REQ VCC GND PDATA7 PDATA6 PDATA5 PDATA4 PDATA3 PDATA2
PT8405
I/O I/O
ADC_WC 10 ADC_CLK 11
OOOO I
15 16
I
17
I/O I/O I/O I/O I P P I/O I/O
18 19 20 21 22
ACKQO
ALRQO
MCLKO
ADQO
TEST1
PVCCA PGNDA
SPD_I
TE
PDATA0
Figure 1. Pin Assignment (P: Power pins, I/O: IO pins)
PT8405 V1.1
-2-
PDATA1
March, 2006
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
MP3/WMA Decoder and MP3 Encoder IC
PT8405
ORDER INFORMATION
Valid Part Number PT8405-LQ Package Type 44 pins, LQFP Top Code PT8405-LQ
PT8405 V1.1
-3-
March, 2006


▲Up To Search▲   

 
Price & Availability of PT8405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X