Part Number Hot Search : 
50050 16N80 5C180 143V20M 100FPY 2N6896 LM317LBZ 100EP1
Product Description
Full Text Search
 

To Download PT2328 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
DESCRIPTION
The PT2328 is a true bidirectional Quad 2-channel multiplexer/ de-multiplexer utilizing CMOS Technology. It is recommended for both RGB and composite video switching applications. The video switch can be driven from a video DAC or a composite video source. The very low ON-resistance and wide bandwidth make it ideal for video and other applications. High output current which is far greater than most analog switches offered today, only need a single 5V supply for operation. The PT2328 is a good choice to replacing the "switches + buffer amplifier" solution in both cost and performance reasons.
FEATURES
* * * * * * * * * Video signal switch Wide bandwidth: 240MHz Low On-Resistance: 5, Low signal loss Low crosstalk: 10MHz/-58dB Extremely low power consumption Single supply: +5V Switching speed: 5nS Output driver current: >100mA 16 pins, Multi-package mode
APPLICATIONS
* * * * * LCD monitor, TV DVD player with recorder A/V power amplifier A/V switching CATV Tuner, Set-Top Box, Satellite Receiver
PT2328 V1.3
-1-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
BLOCK DIAGRAM
S1A S2A S1B S2B S1C S2C S1D S2D DEC ODER/DRIVE RS DA DB DC DD
/EN
IN
PIN CONFIGURATION
IN S1 A S2 A DA S1 B S2 B DB GND 1 2 3 4 5 6 7 8 P T 2 32 8 16 15 14 13 12 11 10 9 VD D /EN S1 D S2 D DD S1 C S2 C DC
PT2328 V1.3
-2-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
PIN DESCRIPTION
Pin Name IN S1A S2A DA S1B S2B DB GND DC S2C S1C DD S2D S1D /EN VDD I/O I I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I Description Select Input 1st analog video I/O 1st analog video I/O 1st analog video O/I 2nd analog video I/O 2nd analog video I/O 2nd analog video O/I Ground 3rd analog video O/I 3rd analog video I/O 3rd analog video I/O 4th analog video O/I 4th analog video I/O 4th analog video I/O Enable select input Supply Voltage Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
PT2328 V1.3
-3-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
FUNCTION DESCRIPTION
POWER SUPPLY
The power supplied to the PT2328 only needs single 5V, maximum workable voltage is 7V. In theoretical the chip itself does not consume the current. Minimum supply voltage not less than 5V for ensure low on-resistance of switch to keep the signal transmission quality.
ON/OFF SWITCH
PT2328 including 4 groups two way input/output multiplexer, please refer to the following truth table. In 5V supply voltage please maintain the input signal amplitude not greater than 2V for better signal transmission quality.
TRUTH TABLE
/EN 0 0 1 IN 0 1 x ON Switch S1A,S1B,S1C,S1D S2A,S2B,S2C,S2D Output Off
PT2328 V1.3
-4-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
ABSOLUTE MAXIMUM RATINGS
Parameter Symbol Ratings Unit Operating Temperature Topr -40+85 Storage Temperature Tstg -65+150 Supply Voltage VDD V -0.5+7.0 DC Input Voltage Vimax V -0.5+7.0 DC Output Current Iomax 120 mA Power Dissipation PD 0.5 W Note: Input pins surge current can reach 100mA does not induce the CMOS latched up.
PT2328 V1.3
-5-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
ELECTRICAL CHARACTERISTICS
(Topr=-40~+85, VDD=5V5%) Parameter Symbol Analog Signal Range VANALOG Input High Voltage VIH Input Low Voltage VIL Input High Current IIH Input Low Current IIL Analog Output IO Leakage Current Clamp Diode Voltage VIK Short Circuit Current Input Hysteresis at Control Pins Switch On-Resistance IOS VH RON Conditions VDD=5V, RL>75 Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VDD=5V, VIN=VDD VDD=5V, VIN=GND 0S1, S2DVDD, Switch Off VDD=5V, IIN=-18mA S1 or S2=VDD, D=0V SW On<0.3Sec VIH-VIL VDD=5V, VIN=1.0V RL=75, ION=13mA VDD=5V, VIN=2.0V RL=75, ION=26mA Min. 0 1.8 -0.9 100 150 Typ, 2 -0.7 300 5 7 Max. 2.4 0.8 1 1 1 -0.5 450 7 10 Unit V V V A A A V mA mV
DYNAMIC CHARACTERISTICS
(Topr=-40~+85, VDD=5V5%) Parameter Symbol Turn On Time TON Turn Off Time TOFF Break before make Tbk Bandwidth BW Crosstalk XTALK Off Isolation OIRR Conditions RL=75, CL=20pF RL=75, CL=20pF RL=75, CL=20pF RL=150 RIN=10; RL=150, 10MHz RL=150, 100MHz Min. 240 Typ. 3 2 5 -55 -50 Max. 5 5 8 -50 -45 Unit nS nS nS MHz dB dB
POWER SUPPLY CHARACTERISTICS
Parameter Quiescence Current Current Consumption vs Switching Frequency Symbol Conditions ICC VDD=5V, IN=VDD or GND VDD=5V, S1, S2 and D pins Open /EN=GND VIN=3V square wave, duty ICCD cycle=50% VIN=3V square waveform, F=1MHz Min. Typ. 0.1 Max. 3.0 0.25 1 Unit A mA/MHz mA
PT2328 V1.3
-6-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
CHARACTERISTICS DIAGRAM
Instrument: Agilent E5071B Network Analyzer
Figure 1. PT2328, Bandwidth vs. Phase
PT2328 V1.3
-7-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
Figure 2. PT2328, Off Isolation
PT2328 V1.3
-8-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
Figure 3. PT2328, Crosstalk
PT2328 V1.3
-9-
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
CHARACTERISTICS TESTING CIRCUIT
5V 0.1 F
VDD S VS IN /EN GND D RL 100 VOUT CL 35pF VIN 50% 90% 10% Ton Toff 50%
VOUT
Fig.4 Switching On/Off time
5V 0.1 F
VDD S1A VS S1B VS /EN IN DECODER GND D1 RL 100 VOUT CL 35pF VIN 0V VOUT VS tD 50% tD 50% 3V 50% 50%
Fig.5 Break before make time
RON +A VIN ISW + RL V VOUT -
Fig.6 ON Resistance
PT2328 V1.3
- 10 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
5V 0.1 F
VDD D1 VS VIN RL 100 /EN GND VOUT
IN
Fig.7 Bandwidth Testing
5V 0.1 F
S1A
VDD
D1
100
VS
NC
S2A /EN VIN
D2 GND
VOUT RL 100
Fig.8 Crosstalk
5V 0.1 F
VDD S1A S1B IN /EN GND D1 VOUT RL 100
VS
VIN
Fig.9 Off Isolation
PT2328 V1.3
- 11 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
+5V A+ SxA SxB IN VIN /EN GND VDD Dx
Fig.10 Current consumption VS switching frequency
PT2328 V1.3
- 12 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
APPLICATION CIRCUIT
S2 A ,S2 B ,S2 C ,S 2D VD D
IN
S1A
15 0
S1 A ,S1 B ,S1 C ,S 1D
S2A
15 0 1 2 3
0.1 F IN S1A S2A DA S1B S2B DB GND VD D /EN S1D S2D DD S1C S2C DC
16 15 14 13 12 11 10 9
Output Off VD D
/E N
DA
15 0
Output On
4 5 6 7 8
PT 2328
Note: Group A is the representative at this figure.
PT2328 V1.3
- 13 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
ORDER INFORMATION
Valid Part Number PT2328-SJ PT2328-SA PT2328-X Package Type 16 Pins, SOP, 300mil 16 Pins, SOP, 150mil 16 Pins, SSOP, 150mil Top Code PT2328-SJ PT2328-SA PT2328-X
PT2328 V1.3
- 14 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
PACKAGE INFORMATION
16 PINS, SOP, 300 MIL
Symbol A A1 B C D E e H h L
Min. Max 2.35 2.65 0.10 0.30 0.33 0.51 0.23 0.32 10.10 10.50 7.40 7.60 1.27 BSC. 10.00 10.65 0.25 0.75 0.40 1.27 0o 8o
PT2328 V1.3
- 15 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
Notes: 1. Dimensioning and tolerancing per ANSI Y14.5M-1982. 2. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold Flash, protrusion or gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. Dimension "E" does not include interlead flash or protrusions. Interlead flash or protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. The chamfer on the body is optional. It is not present, a visual index feature must be located within the crosshatched area. 5. "L" is the length of the terminal for soldering to a substrate. 6. N is the number of the terminal positions (N=16) 7. The lead width "B" as measured 0.36 mm (0.014 in) or greater above the seating plane, shall not exceed a maximum value of 0.61 mm (0.24 in). 8. Controlling dimension : MILLIMETER. 9. Refer to JEDEC MS-013, Variation AA. JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.
PT2328 V1.3
- 16 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
16 PINS, SOP, 150MIL
PT2328 V1.3
- 17 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
PT2328 V1.3
- 18 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
Symbol A A1 A2 b b1 c c1 D E E1 e L L1 L2 R R1 h 1 2 Min. 1.35 0.10 1.25 0.31 0.28 0.17 0.17 Typ. 9.90 BSC. 6.00 BSC. 3.90 BSC. 1.27 BSC. 1.04 REF. 0.25 BSC. Max. 1.75 0.25 1.65 0.51 0.48 0.25 0.23
PT2328
0.40 0.07 0.07 0.25 0 5 0
1.27 0.50 8 15 -
Note: 1. Dimensioning and tolerancing per ANSI Y 14.5M-1994 2. Controlling Dimension: MILLIMETERS. 3. Dimension D does not include mold flash protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.15 mm (0.006 in) per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.25mm per side. D and E1 dimensions are determined at datum H. 4. The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 5. Datums A & B to be determined at datum H. 6. N is the number of terminal positions. (N=16) 7. The dimensions apply to the flat section of the lead between 0.10 to 0.25mm from the lead tip. 8. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm total in excess of the "b" dimension at maximum material condition. The dambar cannot be located on the lower radius of the foot. 9. This chamfer feature is optional. If it is not present, then a pin 1 identifier must be located within the index area indicated. 10. Refer to JEDEC MS-012, Variation AC. JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.
PT2328 V1.3 - 19 August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
16 PINS, SSOP, 150MIL
PT2328 V1.3
- 20 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
PT2328 V1.3
- 21 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
Symbol A A1 A2 b b1 c c1 D E E1 e L L1 L2 R R1 1 2 aaa bbb ccc ddd eee Min. 0.053 0.004 0.049 0.008 0.008 0.006 0.006 Nom. 0.010 0.008 0.193 BSC 0.236 BSC 0.154 BSC 0.025 BAS 0.041 REF 0.010 BAS 0.004 0.008 0.004 0.007 0.004 Max. 0.069 0.010 0.065 0.012 0.011 0.010 0.009
PT2328
0.016
0.050
0.003 0.003 0 5 0
8 15 -
PT2328 V1.3
- 22 -
August, 2005
Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
Notes: 1. Dimensioning and tolerancing per ANSI Y14.5M-1982. 2. Dimensions in inches (angles in degrees) 3. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.006" per end. Dimension E1 does not include interlead flash or protrusions. Interlead flash or protrusions shall not exceed "0.006" per side. D1 and E1 dimensions are determined at dutum H. 4. The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic. 5. Datums A and B to be determined at datum H. 6. N is the maximum number of terminal position. (N=16) 7. The dimensions apply to the flat section of the lead between 0.004 to 0.010 inches from the lead tip. 8. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall be 0.004" total in excess of b dimension at maximum material condition. The dambar can not be located on the lower radius of the foot. 9. Refer to JEDEC MO-137 variation AB. JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION
PT2328 V1.3
- 23 -
August, 2005


▲Up To Search▲   

 
Price & Availability of PT2328

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X