Part Number Hot Search : 
GSF10A20 GSF10A20 AN1135 VN3205N8 TA0970A SD165 SMS2RDH1 7427122
Product Description
Full Text Search
 

To Download OV07675-A23A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OV7675 VGA product brief
lead free
available in a lead-free package
Higher Performance, Feature Rich VGA Sensor to Support Fast Growing Emerging Markets
The OV7675 is a high performance VGA sensor designed specifically to address growing demand for consumer electronics from emerging markets. Its small optical format enables ultra-thin camera modules, which, combined with its excellent low-light performance, make it a very attractive solution for entry-level and mainstream mobile phones, notebooks, netbooks and webcams. The OV7675 is a low-voltage color CMOS image sensor that supports the full functionality of a single chip VGA (640 x 480) camera in a small footprint package. The 1/9-inch OV7675 uses a unique 2.5-micron OmniPixel3-HSTM pixel design, which allows it to offer best-in-class low-light sensitivity (1800 mV/lux-sec), significantly reduced noise and outstanding color reproduction. The OV7675 provides full-frame, sub-sampled, windowed images in VGA, QVGA and QQVGA formats via the control of the serial camera control bus (SCCB) interface. Its image array is capable of operating at up to 30 frames per second (fps) in full VGA resolution with complete user control over image quality, formatting and output data transfer. All required image processing functions, including exposure control, gamma, white balance, color saturation, hue control, defective pixel canceling, noise canceling are programmable through the SCCB interface. In addition, OmniVision image sensors use proprietary sensor technology to improve image quality by reducing or eliminating common lighting/electrical sources of image contamination, such as fixed pattern noise and smearing to produce a clean, fully stable color image. Find out more at www.ovt.com.
TM
Applications
Mobile Phones Notebooks/Netbooks and Webcams
OV7675
Ordering Information
OV07675-A23A (color, lead-free, 23-pin CSP3) image quality controls: defect pixel correction and lens shading correction support for black sun cancellation standard serial SCCB interface parallel I/O tri-state configurability and programmable polarity module size: 6 mm x 6 mm OV07175-A23A (B&W, lead-free, 23-pin CSP3) OV07675-G04A (color, chip probing, 200 m backgrinding, reconstructed wafer)
Product Features
support for image sizes: VGA (640 x 480), QVGA (320 x 240) and QQVGA (160 x 120) support for output formats: YUV4:2:2, Raw RGB, ITU656, RGB565 digital video port (DVP) parallel output interface on-chip phase lock loop (PLL) built-in 1.5V regulator for core capable of maintaining register values at power down programmable controls for frame rate, mirror and flip, AEC/AGC, and windowing support for horizontal and vertical sub-sampling automatic image control functions: - automatic exposure control (AEC) - automatic white balance (AWB) - automatic black level calibration (ABLC)
Product Specifications
active array size: 640 x 480 power supply: - analog: 2.6 ~ 3.0 V - core: 1.5 V 5% (internal regulator) - I/O: 1.71 ~ 3.0 V power requirements: - active: 98 mW - standby: 60 W temperature range: - operating: -30C to 70C - stable image: 0C to 50C output formats: YUV422, RAW RGB, ITU656, RGB565 lens size: 1/9" lens chief ray angle: 21 input clock frequency: 1.5 ~ 27 MHz scan mode: progressive maximum image transfer rate: - VGA: 30 fps - QVGA: 60 fps - QQVGA: 240 fps sensitivity: 1800 mV/(lux-sec) shutter: rolling shutter S/N ratio: 38 dB dynamic range: 71 dB maximum exposure interval: 510 x tROW pixel size: 2.5 m x 2.5 m image area: 1640 m x 1220 m package dimensions: - CSP3: 2815 m x 2825 m - COB: 2830 m x 2840 m
Functional Block Diagram
OV7675/OV7175
image sensor core column sample/hold digital gain black level calibration row select image array 10-bit ADC image sensor processor image output interface
formatter
AMP
DVP
DSP
D[7:0]
gain control
control register bank PLL timing generator and system control logic SCCB slave interface
HREF
PWDN
VSYNC
PCLK
XVCLK
4275 Burton Drive Santa Clara, CA 95054 USA
Version 1.0, October, 2009
Tel: + 1 408 567 3000 Fax: + 1 408 567 3001 www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any product or service without further notice. OmniVision and OmniPixel are registered trademarks of OmniVision Technologies, Inc. The OmniVision logo and OmniPixel3-HS are trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
TM
SDA
SCL


▲Up To Search▲   

 
Price & Availability of OV07675-A23A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X