Part Number Hot Search : 
TC74LC TS7024 DTZ440 A5980C BZG05C33 ACPAZ 1N475 IPW60R
Product Description
Full Text Search
 

To Download NLAS7213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLAS7213 High-Speed USB 2.0 (480 Mbps) DPST Switch
The NLAS7213 is a DPST switch optimized for high-speed USB 2.0 applications within portable systems. It features ultra-low off capacitance, COFF = 3.0 pF (typ), and a bandwidth above 1118 MHz. It is optimized for applications that use a single USB interface connector to route multiple signal types. The CON and RON of both switches are suitably low to allow the NLAS7213 to pass any speed USB data or audio signals going to a moderately resistive terminal such as an external headset. The NLAS7213 is protected on all pins with 8 kV Human Body Model ESD protection. It is offered in a 1.5 x 1.5 mm UQFN8 package.
Features http://onsemi.com
MARKING DIAGRAM
UQFN8 (1.5 x 1.5 mm) CASE 523AH 1 AA MG G
1
8
* * * * * * * *
RON: 10 W Max @ VCC = 3.3 V COFF: 3.0 pF Typ @ VCC = 3.3 V VCC Operating Range: 1.65 V to 4.5 V > 1118 MHz Bandwidth OVT up to 5.25 V on D+/D- Pins 1.5 x 1.5 x 0.55 mm UQFN8 8 kV ESD Protection on All Pins This is a Pb-Free Device
AA = Specific Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet.
Typical Applications
* High Speed USB 2.0 Data * Mobile Phones * Portable Devices
NLAS7213 USB CONNECTOR FS USB XCVR or AUDIO AMP
HS USB XCVR
Figure 1. Application Diagram
(c) Semiconductor Components Industries, LLC, 2009
May, 2009 - Rev. 3
1
Publication Order Number: NLAS7213/D
NLAS7213
NC HSD- D-
Table 1. PIN DESCRIPTION
Pin Function Control Input Select Line Data Ports OE HSD+, HSD-, D+, D-
7
6
5
CONTROL
Table 2. TRUTH TABLE
4 GND OE 1 0 Both Switches OPEN CLOSED
VCC
8
1 OE
2 HSD+
3 D+
Figure 2. Pin Connections and Logic Diagram (Top View) MAXIMUM RATINGS
Symbol VCC VIS VIN ICC TS IIS_CON IIS_PK IIN HSD+, HSD-, D+, D- HSD+, HSD-, D+, D- OE Pins VCC HSD+, HSD- D+, D- OE VCC Control Input Voltage Positive DC Supply Current Storage Temperature Analog Signal Continuous Current-Closed Switch Analog Signal Continuous Current 10% Duty Cycle Control Input Current Parameter Positive DC Supply Voltage Analog Signal Voltage Value -0.5 to +4.6 -0.5 to VCC + 0.3 -0.5 to +5.25 -0.5 to +4.6 50 -65 to +150 $300 $500 $20 V mA C mA mA mA Unit V V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIS VIN TA HSD+, HSD- D+, D- OE Digital Select Input Voltage Operating Temperature Range Pins Parameter Positive DC Supply Voltage Analog Signal Voltage Min 1.65 GND GND GND -40 Max 4.5 VCC 4.5 VCC +85 V C Unit V V
Minimum and maximum values are guaranteed through test or design across the Recommended Operating Conditions, where applicable. Typical values are listed for guidance only and are based on the particular conditions listed for section, where applicable. These conditions are valid for all values found in the characteristics tables unless otherwise specified in the test conditions.
ESD PROTECTION
Symbol ESD Human Body Model - All Pins Parameter Value 8.0 Unit kV
http://onsemi.com
2
NLAS7213
DC ELECTRICAL CHARACTERISTICS
CONTROL INPUT (Typical: T = 25C, VCC = 3.3 V)
-40C to +85C Symbol VIH Pins OE Parameter Control Input HIGH Voltage Test Conditions VCC (V) 2.7 3.3 4.2 2.7 3.3 4.2 VIS = GND 1.65 - 4.5 Min 1.3 1.3 1.4 - Typ - Max - Unit V
VIL
OE
Control Input LOW Voltage
-
0.4 0.4 0.4 1.0
V
IIN
OE
Control Input Leakage Current
-
-
mA
SUPPLY CURRENT AND LEAKAGE (Typical: T = 25C, VCC = 3.3 V, VIN = VCC or GND)
-40C to +85C Symbol ICC INC(OFF) IOFF Pins VCC HSD+, HSD- Parameter Quiescent Supply Current OFF State Leakage Current Power OFF Leakage Current Test Conditions VIS = VCC or GND; ID = 0 A VCOM = 3.6 V, VNC = 1.0 V VIS = GND VCC (V) 1.65 - 4.5 1.65 - 4.5 0 Min - - - Typ - - - Max 1.0 1.0 1.0 Unit mA mA mA
ON RESISTANCE (Typical: T = 25C, VCC = 3.3 V)
-40C to +85C Symbol RON Pins Parameter On-Resistance Test Conditions ION = -8 mA VIS = 0 to 0.4 V ION = -8 mA VIS = 0 to 0.4 V ION = -8 mA VIS = 0 to 0.4 V VCC (V) 2.7 3.3 4.2 2.7 3.3 4.2 2.7 3.3 4.2 Min - Typ 9.0 8.0 7.2 0.8 0.5 0.3 0.07 0.07 0.04 Max 9.5 8.5 7.5 - Unit W
RFLAT
On-Resistance Flatness
-
W
DRON
On-Resistance Matching
-
-
W
http://onsemi.com
3
NLAS7213
AC ELECTRICAL CHARACTERISTICS
TIMING/FREQUENCY (Typical: T = 25C, VCC = 3.3 V, RL = 50 W, CL = 35 pF, f = 1 MHz)
-405C to +855C Symbol tON tOFF tPD BW Pins Parameter Turn-ON Time (Figures 6, 7) Turn-OFF Time (Figures 6, 7) Propagation Delay -3 dB Bandwidth CL = 5 pF Test Conditions VCC (V) 1.65 - 4.5 1.65 - 4.5 1.65 - 4.5 1.65 - 4.5 Min - - - - Typ 13.0 12.0 0.25 1118 Max 30.0 25.0 - - Unit ns ns ns MHz
ISOLATION (Typical: T = 25C, VCC = 3.3 V, RL = 50 W, CL = 5 pF)
-405C to +855C Symbol OIRR XTALK Pins Open HSD+, HSD- OFF-Isolation Non-Adjacent Channel Crosstalk Parameter Test Conditions f = 240 MHz f = 240 MHz Min - - Typ -20 -30 Max - - Unit dB dB
CAPACITANCE (Typical: T = 25C, VCC = 3.3 V, RL = 50 W, CL = 5 pF, f = 1 MHz)
-405C to +855C Symbol CIN CON COFF Pins OE HSD+, to D+ HSD+, HSD- ON Capacitance OFF Capacitance Parameter Control Pin Input Capacitance Test Conditions VCC = 0 V OE = 0 V VIS = 3.3 V; OE = 3.3 V Min - - - Typ 2.0 3.0 3.0 Max - - - Unit pF pF pF
http://onsemi.com
4
NLAS7213
0.0007 0.0006 0.0005 ICC (A) 0.0004 0.0003 0.0002 0.0001 0.0000 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4 VCC 3.6 V VCC 3.0 V VCC 4.3 V ICC (A) 0.0001 0.00009 0.00008 0.00007 0.00006 0.00005 0.00004 0.00003 0.00002 0.00001 0 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 VCC 3.0 V VCC 3.6 V VCC 4.3 V
Figure 3. ICC vs. Vin
Vin (V)
Figure 4. ICC vs. Vin
Vin (V)
DUT VCC 0.1 mF 50 W Output VOUT 35 pF Input
VCC GND tBMM 50 % OF DROOP VOLTAGE DROOP
Output Switch Select Pin
Figure 5. tBBM (Time Break-Before-Make)
VCC DUT VCC 0.1 mF Open Output VOUT 50 W 35 pF Output VOL Input Input 0V VOH 50% 50%
90%
90%
Figure 6. tON/tOFF
VCC DUT Output Open 50 W VOUT 35 pF Output VOL Input Input 0V VOH VCC 50%
tON
tOFF
50%
10% tOFF tON
10%
Figure 7. tON/tOFF
http://onsemi.com
5
NLAS7213
50 W Reference Input Output 50 W Generator 50 W DUT Transmitted
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction. VISO = Off Channel Isolation = 20 Log VONL = On Channel Loss = 20 Log VOUT VIN for VIN at 100 kHz
VOUT for VIN at 100 kHz to 50 MHz VIN
Bandwidth (BW) = the frequency 3 dB below VONL VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Figure 8. Off Channel Isolation/On Channel Loss (BW)/Crosstalk (On Channel to Off Channel)/VONL
http://onsemi.com
6
NLAS7213
Figure 9. Signal Quality
Figure 10. Near End Eye Diagram
http://onsemi.com
7
NLAS7213
Near End Test Data Std. Consecutive Jitter Range Paired JK Jitter Range Paired KJ Jitter Range NO Consecutive Jitter Range Paired JK Jitter Range Paired KJ Jitter Range -44.80 -63.59 -44.15 -58.40 -65.90 -52.43 76.30 56.33 45.68 90.58 70.64 55.14 ps ps ps ps ps ps -200 ps +200 ps Min -200 ps Max +200 ps
ORDERING INFORMATION
Device NLAS7213MUTBG Package UQFN8 (Pb-Free) Shipping 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
8
NLAS7213
PACKAGE DIMENSIONS
UQFN8, 1.5x1.5, 0.5P CASE 523AH-01 ISSUE O
D
PIN ONE REFERENCE 2X
A B L1 E DETAIL A
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.15 AND 0.30 mm FROM TERMINAL. DIM A A1 A3 b D E e L L1 L4 MILLIMETERS MIN MAX 0.45 0.55 0.00 0.05 0.13 REF 0.15 0.25 1.50 BSC 1.50 BSC 0.50 BSC 0.30 0.40 0.00 0.03 0.10 REF
0.10 C
2X
0.10 C
TOP VIEW
DETAIL B
(A3)
A A1
0.05 C
8X
0.05 C SIDE VIEW A1 C
SEATING PLANE
DETAIL A 8X
L
3
L
5
e 0.45
1 8
7 8X
b 0.10 C A B 0.05 C
NOTE 3 7X 8X
L4 BOTTOM VIEW
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/ Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
EEE EEE
EE EE
OPTIONAL CONSTRUCTION EXPOSED Cu MOLD CMPD
A3
DETAIL B
OPTIONAL CONSTRUCTION
SOLDERING FOOTPRINT*
0.50 PITCH
1
1.80
0.30 0.55 1.80
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
NLAS7213/D


▲Up To Search▲   

 
Price & Availability of NLAS7213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X