|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Preliminary Static 1/2 1/3 1/4 Duty LCD Driver ! GENERAL DESCRIPTION The NJU6541A is a Static or 1/2,1/3,1/4 duty segment type LCD driver. It incorporates 4 common driver circuits and 120 segment driver circuits. The NJU6541A can drive maximum 480 segments in 1/4 duty ratio, and can 2 use I C F/S mode. In addition, the NJU6541A's useful functions meet a NJU6541A ! PACKAGE OUTLINE wide range of applications. ! FEATURES NJU6541A # LCD driving circuit :Max. 120outputs (4 outputs as for general purpose ports) # Programmable Duty Ratio Static :Driving max. 120 segments 1/2 Duty Ratio :Driving max. 240 segments 1/3 Duty Ratio :Driving max. 360 segments 1/4 Duty Ratio :Driving max. 480 segments # General Purpose Port :Driving max 4outputs (SEG1-SEG4:4outputs as for general purpose ports) # Key Scan Function :Max 30Key(5-out x 6-in matrix) # Programmable Bias Ratio :1/2, 1/3 bias ratio (Static:1/1) 2 # I C-bus Interface :F/S mode slave address 0111_000* (*: Read/ Write mode distinction: 0=write, 1=read) # Oscillator :CR oscillation with external resistor and capacitance, or external oscillation signal input Operating Wave Form :A wave form, B wave form Electrical Variable Resistance :8-steps Power ON Initialize Circuit On-Chip Useful Instruction Set :Duty select, Bias select, Wave form select, Oscillation select, Segment or general purpose ports select, Segment or Key scan output select, E.V.R select, Display ON/OFF, Key scan ON/OFF # Operating Voltage :3.0V / 5.0V # C-MOS Technology :P-Sub # Package Outline :LQFP144 20mm*20mm t=1.7mm(max) Pin-pitch=0.5mm # # # # ! BLOCK DIAGRAM VDD V0 REQ S5 K1- K6 COM1 COM4 SEG1/P1 SEG4/P4 SEG5 SEG115 SEG117/S1 SEG120/S4 EVR V1 Key Scan Common Driver Segment Driver V2 Latch V3 VSS OSC SDA DNC VSS SCL RSTB TEST OSC Display Reg I C Control 2 Decoder Command Reg Power ON Reset Ver.2009-04-02 -1- NJU6541A ! PIN CONFIGURATION * QFP144 SEG104 Preliminary 104 102 101 108 106 105 107 103 100 99 98 97 96 94 93 92 85 84 91 90 89 88 87 86 83 82 81 80 79 78 77 76 75 74 95 73 72 71 70 69 68 67 65 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 SEG32 36 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 SEG105 SEG68 SEG67 SEG66 SEG65 SEG64 SEG63 SEG62 SEG61 SEG60 SEG59 SEG58 SEG116 SEG117/S1 SEG118/S2 SEG119/S3 SEG120/S4 S5 K1 K2 K3 K4 K5 K6 V0 V1 V2 V3 VSS OSC TEST REQ RSTb DNC SDA SCL VDD SEG57 NJU6541A SEG33 24 25 33 17 18 19 20 21 SEG3/P3 7 SEG4/P4 8 SEG5 9 SEG6 10 SEG7 11 SEG8 12 SEG9 13 SEG10 14 15 16 22 23 26 27 28 29 30 31 32 34 35 1 2 3 4 SEG1/P1 5 SEG2/P2 6 COM1 COM2 COM3 COM4 -2- Ver.2009-04-02 SEG69 Preliminary NJU6541A ! TERMINAL DISCRIPTION No. 132 133 134 135 136 137 Pad Name V0 V1 V2 V3 VSS OSC Function LCD driving voltage V0 VDD Bias At 1/3 bias ratio, keep V2- V3 open. At 1/2 bias ratio, short V2- V3. GND VSS =0V External resistor and capacitance connection terminal for CR oscillation, or external clock input terminal TEST Keep TEST-VSS short Request operation outputs for Key scan 138 139 140 141 142 143 144 1-4 TEST REQ RSTb DNC SDA SCL VDD COM1 ~ COM4 Reset When RSTb is "L", command register and latch circuit is reset. When this terminal is not used, should be VDD short. (keep power supply condition when hardware reset circuit is used) Don't connect 5-8 SEG1/P1~SEG4/P4 9~120 121~124 125 126~131 SEG5 ~ SEG116 SEG117/S1 ~ SEG120/S4 S5 K1 ~ K6 I C Serial data I/O terminal Serial data Transmission clock input Power supply: 3V /5V Common driver outputs Segment driver outputs/general purpose output ports These 4 terminals can be used as segment outputs or general purpose output ports by setting Command Register. When selected as general purpose ports, data can be outputted via these ports during COM1 timing. According to transferred data, "H"=VDD or "L"=VSS will be outputted. Segment driver outputs Segment driver outputs / Key scanning output These 4 terminals can be used as segment outputs or Key scanning output terminal by the instruction. Key scanning output Key scanning inputs 2 Ver.2009-04-02 -3- NJU6541A Preliminary ! FUNCTION DESCRIPTION (1) Block Function * Interface 2 I C Interface circuit. F/S mode control * Oscillator The oscillator includes an external capacitor and an resistor. When use external clock, input the clock signal to OSC. Decoder Input serial data is decoded and sent to the appropriate block. It generates clock signal for LCD driving. * * Command Register Command data is written to this 8 bits command register to control the NJU6541A operation. Display Data Register Data is written to this 8 bits register as display data. Latch Circuit Data stored in display data register is assigned to the corresponding SEG/port. Segment Driver/Key scan/General Purpose Ports Basing on display data, segment drivers output LCD SEG driving signal. And, SEG1/P1 ~ SEG4/P4 terminals can be selected as segment driver output or general-purpose ports by instruction, SEG117/S1~SEG120/S4 terminals can be selected as segment driver output or Key scan outputs by instruction. Common Driver Common drivers output LCD COM driving signal. Power On Reset When power is on, The NJU6541A is automatically initialized. And if RSTb="L", The NJU6541A is reset too. Electrical Variable Resistance (E.V.R.) The Electrical Variable Resistance adjusts LCD Driving Voltage from V1 to V3. Key scan The Key scan controls to input from external Key data. * * * * * * * -4- Ver.2009-04-02 Preliminary NJU6541A (2) I C Serial Data Transfer 2 The NJU6541A transfer of data comply with I C specification. Data format is show below(Fig1). After input the slave address, the input of the instruction data or the display data becomes possible. S SCL 1 Slave address 2 7 Write 8 A 9 1 Instruction 2 3 8 A 9 1 Instruction 2 3 8 A 9 P 2 SDA MSB S: Start condition A: Acknowledge P: Stop condition S: Repeat start condition RW LSB ACK D7 MSB D6 D5 D0 LSB ACK D7 MSB D6 D5 D0 LSB ACK Fig1 After input the instruction data, It becomes possible to write the display data continuously by setting the display address. S SCL 1 Slave address 2 7 Write 8 A 9 1 Instruction 2 3 8 A 9 1 Address set 2 3 8 A 9 1 Display data 2 3 8 A 9 P SDA MSB S: Start condition A: Acknowledge P: Stop condition S: Repeat start condition RW LSB ACK D7 MSB D6 D5 D0 LSB ACK D7 MSB D6 D5 D0 LSB ACK D7 MSB D6 D5 D0 LSB ACK Fig2 However, after setting the display address, it becomes possible to input only the display data. Therefore, the acceptance of the instruction data is impossible as long as the repeat start condition or the stop condition is not executed. Display data SCL 1 2 3 8 A 9 1 Slave address 2 3 8 A 9 1 Instruction 2 3 8 A 9 D7 SDA D6 D5 D0 ACK D7 D6 D5 D0 ACK D7 D6 D5 D0 ACK MSB S: Start condition A: acknowledge P: Stop condition S: Repeat start condition LSB MSB LSB MSB LSB Fig3 1) Start condition A fall edge of the SDA terminal while the SCL terminals "H", which situation define the Start conditions. 2) Slave address First bite defines the slave address of the NJU6541A. Slave address is (0111_000*). When the NJU6062 acknowledge coincidence its own address with the address in the first byte, it output the acknowledge just the first byte( at ninth bit timing) through the SDA terminal. 3) Read/Write condition The data is R/W signal in the first byte( at eighth bit timing) . The eighth bit timing "H" is write. The eighth bit timing "L" is read. 4) Data After 2nd bite, transfer the display bite. After input the slave address, the input of the instruction data or the display data(series) becomes possible. 5) Stop condition A rise edge of the SDA terminal while the SCL terminal is "H", which situation defines the STOP condition. 6) Repeat start condition After start condition set, a fall edge of the SDA terminal while the SCL terminals "H", which situation next data read start. Ver.2009-04-02 -5- NJU6541A Preliminary Note) The NJU6541A read the rising edge of SCL after eight clock. When the master execute stop condition after eighth clock(before ACK ), eighth data is valid. However, when the master execute stop condition under eight clock, data is invalid. 8 bit data SCL 1 2 3 8 P SCL 1 7bitdata7 2 Bit or less 3 7 P D7 SDA D6 D5 D0 SDA D7 D6 D5 D1 MSB S: Start condition A: Acknowledge P: Stop condition S: Repeat start condition LSB 8 bitData valid MSB S: Start condition A: Acknowledge P: Stop condition S: Repeat start condition LSB 8 Bit under data is invalid Fig4 Fig5 Instruction Code D7 D6 D5 D4 D3 EXOSC D2 D1 D0 Instruction Command Register1 Command Register2 Command Register3 Command Register4 Address counter 1 1 0 0 0 0 0 1 Content FOSC select Segment/ Key scan select Operating wave form Segment/ general output select Bias select E.V.R select Display control Key scan ON/OFF Duty select Output address register KEY2 TSEL2 KEY1 TSEL1 KEY0 TSEL0 WSEL 1 0 1 0 BS E2 E1 E0 1 0 0 1 1 1 1 0 SK1 SK0 DS1 DS0 S3 S2 S1 S0 -6- Ver.2009-04-02 Preliminary NJU6541A Command Register1 Command Register1 is used to set the duty ratio, the bias ratio, and the SEG driver/Key scan. st When the D7 ~ D4 bits of the 1 word are (1,0,0,0), the D3 ~ D0 bits are recognized as command data1. The contents of Command Register will be initialized as following when applying Power On Reset or Reset. The Default Value of Command Register * SEG driver/Key scan : SEG drivers(SEG117,SEG118, SEG119, SEG120) D7 1 D6 0 D5 0 D4 0 D3 EXOSC Oscillator selection D2 KEY2 D1 KEY1 D0 KEY0 Flag bits * SEG driver or Key scan selection Oscillator selection EXOSC 0 1 Oscillator circuit External resistor and capacitor External oscillation signal input * SEG driver or Key scan KEY2 KEY1 KEY0 SEG117/K1 SEG118/K2 SEG119/K3 SEG120/K4 0 0 0 SEG117 SEG118 SEG119 SEG120 0 0 1 SEG117 SEG118 SEG119 K4 0 1 0 SEG117 SEG118 K3 K4 0 1 1 SEG117 K2 K3 K4 1 0 0 K1 K2 K3 K4 *) If KEY2 ~ KEY0 is set to (1, 0, 1), (1, 1, 0), (1, 1, 1) all outputs are used as segment drivers. Ver.2009-04-02 -7- NJU6541A Preliminary (5) Command Register2 Command Register2 is used to set the duty ratio, the bias ratio, and the SEG driver/general purpose ports. st When the D7 ~ D4 bits of the 1 word are (1,0,0,1), the D3 ~ D0 bits are recognized as command data2. The contents of Command Register will be initialized as following when applying Power On Reset or Reset. The Default Value of Command Register * SEG driver/General purpose ports : SEG drivers(SEG1,SEG2, SEG3, SEG4) D7 1 D6 0 D5 0 D4 1 D3 WSEL D2 TSEL2 D1 TSEL1 D0 TSEL0 Flag bits * Driving wave form SEG driver or General purpose ports selection Driving waveform Driving waveform is chosen according to the characteristic of a panel. WSEL Driving waveform 0 A(Time sharing system frequency) waveform 1 B(Flame reversal) waveform *) Do not change the driving waveform during display ON. * SEG driver or General purpose ports TSEL2 TSEL1 TSEL0 SEG1/P1 SEG2/P2 SEG3/P3 SEG4/P4 0 0 0 SEG1 SEG2 SEG3 SEG4 0 0 1 SEG1 SEG2 SEG3 P4 0 1 0 SEG1 SEG2 P3 P4 0 1 1 SEG1 P2 P3 P4 1 0 0 P1 P2 P3 P4 *) If TSEL2 ~ TSEL0 is set to (1, 0, 1), (1, 1, 0), (1, 1, 1) all outputs are used as segment drivers. -8- Ver.2009-04-02 Preliminary NJU6541A (6) Command Register3 st * Command Register3 is used to set the Bias ratio and E.V.R. resister set. When the D7 to D4 bits of the 1 * word are (1,0,1,0), the D3 ~ D0 bits are recognized as command data3. The contents of Command Register will be initialized as following when applying Power On Reset or Reset. The Default Value of Command Register * Oscillator selection * Bias ratio selection * E.V.R. Register Set D7 1 D6 0 D5 1 D4 0 : External resistor and capacitor : 1/3 : V0(0,0,0) D3 BS D2 E2 D1 E1 D0 E0 Flag bits * Bias ratio E.V.R. register set Bias ratio BS 0 1 Bias ratio 1/3 1/2 *) Do not change the Bias ratio during display ON. **)If Bias is set to 1/2, short V2-V3. **)If 1/1 Duty is select, Bias is set to 1/1 Bias regardless of Bias ration selection. * E.V.R. resister set E.V.R. resistor set instruction adjusts the contrast of the LCD, by 3-bits selects(E2,E1,E0). One LCD driving voltage VLCD out of 8 voltage-stages by setting E.V.R. register. Set the binary code "000" when contrast adjustment is unused. V1 E2 E1 E0 V0 (V0~VSS ) 1/2bias 1/3bias 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 V0 0.933V 0 0.875V 0 0.824V 0 0.778V 0 0.737V 0 0.700V 0 0.667V 0 V0 0.955V 0 0.913V 0 0.875V 0 0.840V 0 0.808V 0 0.778V 0 0.750V 0 High : : : : : : Low Ver.2009-04-02 -9- NJU6541A Preliminary (7) Command Register4 * Command Register4 is used to set the Key scan ON/OFF, Display ON/OFF, Duty ratio. When the D7 to D4 bits st of the 1 word are (1,0,1,1), the D3 ~ D0 bits are recognized as command data4. The contents of Command Register will be initialized as following when applying Power On Reset or Reset. The Default Value of Command Register * Display control * Key scan ON/OFF selection * Duty ratio selection D7 1 D6 0 D5 1 D4 1 : Display ON : Key scan OFF : 1/4 Duty D3 SK1 D2 SK0 D1 DS1 D0 DS0 Flag bits Key scan ON/OFF Display ON/OFF Duty ratio * Display control and Key scan ON/OFF It is used to set the Key scan ON/OFF, Display control. The Oscillator circuit stop(OFF) only when the Display and Key scan are OFF((SK1,SK0)=(0,0)). The Key-input is not accepted at all when Key scan is OFF. Even during Display OFF, interface can be accessed, and data can be written into the command register, address counter and data register SK1 SK0 Display Key scan Oscillator 0 0 OFF OFF OFF 0 1 OFF ON ON 1 0 ON OFF ON 1 1 ON ON ON *) When Display OFF * All segment and common terminal output are VSS (When general purpose output ports are selected, even Display OFF, these ports can output data) * V1 , V2 and V3 become V0 (no current pass through the bleeder resistors) Duty ratio ! It is used to set the Duty selection. When duty select 1/1, Bias is 1/1, between from V1 to Vss. ! DS1 DS0 Duty ratio 0 0 1/4 0 1 1/3 1 0 1/2 1 1 1/1 *) Do not change the duty ratio during display ON. * breeder resostance is open - 10 - Ver.2009-04-02 Preliminary NJU6541A (8) Output Address Counter Output Address Counter will specify the addresses of the SEG and COM drivers for the display data. st When the MSB (D7 to D6) of the 1 data is "01", the LSB 6 bits (D5 to D0) specify the addresses of COM and nd st SEG drivers, and the 2 data is the display data which will be sent to the 1 -data-specified drivers. At the same time, SEG and COM driver addresses will be increased automatically shown in Table 1. In other words, as of the SEG and COM driver addresses specified by the first data in the Output Address Counter, display data can be transferred to the SEG and COM drivers without further address setting. The address setting range is from "00_0000" to "11_1110. if the data transferred additionally , then it will be reset to "00_0000" and renew the auto-increment operation. If it set the data without range by Duty select, the data can not show the display. Output Address counter default setting Output Address counter (C1, C0, S3, S2, S1, S0)=(0, 0, 0, 0, 0, 0) * Address Data D7 0 D6 1 D5 C1 D4 C0 D3 S3 D2 S2 D1 S1 D0 S0 Flag bits COM driver Address SEG driver Address Address range depend on Duty DUTY 1/1 1/2 1/3 1/4 Address range 00_000000_1110 00_000001_1110 00_000010_1110 00_000011_1110 Address range[C1][C0]_[S3][S2][S1][S0] Ver.2009-04-02 - 11 - NJU6541A Preliminary S1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 S0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 COM Driver COM1 SEG Driver D4 D3 SEG4 SEG5 SEG12 SEG13 SEG20 SEG21 SEG28 SEG29 SEG36 SEG37 SEG44 SEG45 SEG52 SEG53 SEG60 SEG61 SEG68 SEG69 SEG76 SEG77 SEG84 SEG85 SEG92 SEG93 SEG100 SEG101 SEG108 SEG109 SEG116 SEG117 SEG4 SEG5 SEG12 SEG13 SEG20 SEG21 SEG28 SEG29 SEG36 SEG37 SEG44 SEG45 SEG52 SEG53 SEG60 SEG61 SEG68 SEG69 SEG76 SEG77 SEG84 SEG85 SEG92 SEG93 SEG100 SEG101 SEG108 SEG109 SEG116 SEG117 SEG4 SEG5 SEG12 SEG13 SEG20 SEG21 SEG28 SEG29 SEG36 SEG37 SEG44 SEG45 SEG52 SEG53 SEG60 SEG61 SEG68 SEG69 SEG76 SEG77 SEG84 SEG85 SEG92 SEG93 SEG100 SEG101 SEG108 SEG109 SEG116 SEG117 SEG4 SEG5 SEG12 SEG13 SEG20 SEG21 SEG28 SEG29 SEG36 SEG37 SEG44 SEG45 SEG52 SEG53 SEG60 SEG61 SEG68 SEG69 SEG76 SEG77 SEG84 SEG85 SEG92 SEG93 SEG100 SEG101 SEG108 SEG109 SEG116 SEG117 Table 1. The Relationship Between Output Address and SEG/COM Drivers C1 0 C0 0 S3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 S2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 D7 SEG1 SEG9 SEG17 SEG25 SEG33 SEG41 SEG49 SEG57 SEG65 SEG73 SEG81 SEG89 SEG97 SEG105 SEG113 SEG1 SEG9 SEG17 SEG25 SEG33 SEG41 SEG49 SEG57 SEG65 SEG73 SEG81 SEG89 SEG97 SEG105 SEG113 SEG1 SEG9 SEG17 SEG25 SEG33 SEG41 SEG49 SEG57 SEG65 SEG73 SEG81 SEG89 SEG97 SEG105 SEG113 SEG1 SEG9 SEG17 SEG25 SEG33 SEG41 SEG49 SEG57 SEG65 SEG73 SEG81 SEG89 SEG97 SEG105 SEG113 D6 SEG2 SEG10 SEG18 SEG26 SEG34 SEG42 SEG50 SEG58 SEG66 SEG74 SEG82 SEG90 SEG98 SEG106 SEG114 SEG2 SEG10 SEG18 SEG26 SEG34 SEG42 SEG50 SEG58 SEG66 SEG74 SEG82 SEG90 SEG98 SEG106 SEG114 SEG2 SEG10 SEG18 SEG26 SEG34 SEG42 SEG50 SEG58 SEG66 SEG74 SEG82 SEG90 SEG98 SEG106 SEG114 SEG2 SEG10 SEG18 SEG26 SEG34 SEG42 SEG50 SEG58 SEG66 SEG74 SEG82 SEG90 SEG98 SEG106 SEG114 D5 SEG3 SEG11 SEG19 SEG27 SEG35 SEG43 SEG51 SEG59 SEG67 SEG75 SEG83 SEG91 SEG99 SEG107 SEG115 SEG3 SEG11 SEG19 SEG27 SEG35 SEG43 SEG51 SEG59 SEG67 SEG75 SEG83 SEG91 SEG99 SEG107 SEG115 SEG3 SEG11 SEG19 SEG27 SEG35 SEG43 SEG51 SEG59 SEG67 SEG75 SEG83 SEG91 SEG99 SEG107 SEG115 SEG3 SEG11 SEG19 SEG27 SEG35 SEG43 SEG51 SEG59 SEG67 SEG75 SEG83 SEG91 SEG99 SEG107 SEG115 D2 SEG6 SEG14 SEG22 SEG30 SEG38 SEG46 SEG54 SEG62 SEG70 SEG78 SEG86 SEG94 SEG102 SEG110 SEG118 SEG6 SEG14 SEG22 SEG30 SEG38 SEG46 SEG54 SEG62 SEG70 SEG78 SEG86 SEG94 SEG102 SEG110 SEG118 SEG6 SEG14 SEG22 SEG30 SEG38 SEG46 SEG54 SEG62 SEG70 SEG78 SEG86 SEG94 SEG102 SEG110 SEG118 SEG6 SEG14 SEG22 SEG30 SEG38 SEG46 SEG54 SEG62 SEG70 SEG78 SEG86 SEG94 SEG102 SEG110 SEG118 D1 SEG7 SEG15 SEG23 SEG31 SEG39 SEG47 SEG55 SEG63 SEG71 SEG79 SEG87 SEG95 SEG103 SEG111 SEG119 SEG7 SEG15 SEG23 SEG31 SEG39 SEG47 SEG55 SEG63 SEG71 SEG79 SEG87 SEG95 SEG103 SEG111 SEG119 SEG7 SEG15 SEG23 SEG31 SEG39 SEG47 SEG55 SEG63 SEG71 SEG79 SEG87 SEG95 SEG103 SEG111 SEG119 SEG7 SEG15 SEG23 SEG31 SEG39 SEG47 SEG55 SEG63 SEG71 SEG79 SEG87 SEG95 SEG103 SEG111 SEG119 D0 SEG8 SEG16 SEG24 SEG32 SEG40 SEG48 SEG56 SEG64 SEG72 SEG80 SEG88 SEG96 SEG104 SEG112 SEG120 SEG8 SEG16 SEG24 SEG32 SEG40 SEG48 SEG56 SEG64 SEG72 SEG80 SEG88 SEG96 SEG104 SEG112 SEG120 SEG8 SEG16 SEG24 SEG32 SEG40 SEG48 SEG56 SEG64 SEG72 SEG80 SEG88 SEG96 SEG104 SEG112 SEG120 SEG8 SEG16 SEG24 SEG32 SEG40 SEG48 SEG56 SEG64 SEG72 SEG80 SEG88 SEG96 SEG104 SEG112 SEG120 0 1 COM2 Increment Direction 1 0 COM3 1 1 COM4 # # # If general purpose ports are selected by Command Register, under (C1, C0, S3, S2, S1, S0)=(0, 0, 0, 0, 0, 0), D4 ~ D7 bits are the addresses of (P1, P2, P3, P4) ports which corresponds to (SEG1,SEG2, SEG3, SEG4). When SEG1~SEG4 are set as general purpose output ports, data for SEG1~SEG4 during COM2~COM4 scanning will be ignored. When SEG117~SEG120 are set as Key ports, data for SEG117~SEG120 will be ignored. - 12 - Ver.2009-04-02 Preliminary NJU6541A (9) Power ON Reset After power ON, NJU6541A is initialized to the following values: * Address counter (C1, C0, S3, S2, S1, S0)=(0, 0, 0, 0, 0, 0) * Display data register all "0" * Duty ratio 1/4 duty * Bias ratio 1/3 bias * Oscillator selection External resistor and capacitor * Driving waveform A waveform * E.V.R. resister V0(E2, E1, E0)=(0, 0, 0) * Segment/General purpose port Segment output(SEG1,SEG2, SEG3, SEG4) * Segment/Key scan Segment output(SEG117,SEG118, SEG119, SEG120) * Display OFF * Key scan OFF (10) Sequence of Initialization 1/4 duty,1/3 bias,SEG1 ~ SEG4 used as SEG drivers, SEG117 ~ SEG120, external resister and capacitor, B waveform, E.V.R. V0(E2, E1, E0)=(0, 0, 0) data written in from COM1. Power on D7 1 D7 1 D7 1 D7 0 D6 0 D6 0 D6 0 D6 1 D5 0 D5 0 D5 1 D5 0 D4 0 D4 1 D4 0 D4 0 D3 0 D3 1 D3 0 D3 0 D2 1 D2 0 D2 0 D2 0 D1 0 D1 0 D1 0 D1 0 D0 0 D0 0 D0 0 D0 0 External R&C K1 ~ K4 B waveform Segment port Set Command Resister1 Set Command Register2 Set Command Register3 1/3 Bias V0(E2, E1, E0)=(0, 0, 0) COM driver address =00 SEG driver address=0000 Set output address Display data written in D7 D6 1 0 D5 1 D4 1 D3 1 D2 1 D1 D0 Display ON, Key scan ON 0 0 1/4 Duty, O.S.C ON Set Command Register4 Ver.2009-04-02 - 13 - NJU6541A Preliminary (10) LCD driving voltage generation circuit LCD driving voltage generation circuit generates LCD driving bias voltages V1 , V2 and V3. It adjusts the voltage by 8 steps electrical volume from V0 and allots the voltage to V0, V1 , V2 and V3 by resistor-voltage-dividing as shown in below. V0, V1, V2 and V3 terminals requires external capacitors for bias voltage stabilization for display quality. These values of capacitors should be fixed in accordance with evaluation in the application. NJU6541A internal V0 V1 V2 4kohm(typ.) V3 4kohm(typ.) E.V.R (8steps) 4kohm(typ.) 4kohm(typ.) VLCD VSS Fig6 When the E.V.R. is not used, V1 terminal should connect to V0. When the NJU6541A operates as 1/2 bias operation, V2 terminal should connect to V3. When it select 1/1 duty, between V1 and Vss do not pass current by COS switch open. (11) Oscillator circuit The oscillator includes an external capacitor and an resistor. When use external clock, input the clock signal to OSC. It generates clock signal for LCD driving. VDD 390kOhm NJU6541A OSC 120pF (fOSC=15.4kHz TYP) Fig7 - 14 - Ver.2009-04-02 Preliminary NJU6541A (12) Keyscan circuit The Key scan circuit consists of a detector block of key pressing and a fetching block of key status. It scans 5x6 key matrix and fetches conditions of 30 keys. Furthermore, it operates correctly against the key roll over input. Key matrix NJU6541A K6 K5 K4 K3 K2 K1 S5 S4 S3 S2 S1 ON OFF Fig8 (12-1) Timing of Key scan Key scan cycle is 160 x T[S](T=1/fosc). The data of key scan is a result of comparison with a couple of Key scan for correct judge whether Key On or Off. When the result of comparison is correct (accord), the NJU6541A recognizes Key On and outputs "L" level from REQ terminal after 416 x T[S] from start of Key scan for a request to read key data out to external CPU. When the REQ terminals outputs "L" signal, the key scan does not operate until end of key data reading by CPU, and scanned key data is kept. When the result of comparison is incorrect (not accord), Key scan operates again if any key is On. It read Key scan data without regard to REQ "H" or "L". Key turn ON turn Key knowledge Key scan start Key data fix REQ signal output fosc 64xT[s] 64 T[s] Key scan clock signal Internal signal S1 1 1 S2 2 2 S3 3 3 S4 4 4 S5 1st Key scan 5 2nd Key scan 5 160xT[s] REQ Max416xT[s] Fig9 Ver.2009-04-02 - 15 - NJU6541A Preliminary 12-2) Request signal output When the NJU6541A detect the key-in to scan start by the key scan circuit, it outputs "L" signal as the request signal from the "REQ" terminal to notice the key pressing information to an application system. The request signal resets to "H" level after key scan data read. 12-3) Contents of key register renewal Contents of key register are no fixed in case of no key operation. Contents of key register are not changed in busy of key data reading operation. It stops when a couple of data by continuously twice key scan operations are accorded and fixed as a correct key status. The correct key status data is stored and newly key scan operation does not start until external CPU reads data out after key status is fixed. When a key on the key matrix is pressed, the bit corresponding to terminals (S1 to S5, K1 to K6) connected the switch goes to "1" and another bits go to "0". In case of Example 1, when the switch connecting to K5 and S5 is pressed, bit (KD29) corresponding to S5 and K5 go to "1" but another bits go to "0". Example 1. One key is pressed Key matrix K6 K5 K4 K3 K2 K1 NJU6541A S5 S4 S3 S2 S1 ON OFF Fig10 Key register S1 S2 S3 S4 S5 K1 KD1 KD7 KD13 KD19 KD25 K2 KD2 KD8 KD14 KD20 KD26 K3 KD3 KD9 KD15 KD21 KD27 K4 KD4 KD10 KD16 KD22 KD28 K5 KD5 KD11 KD17 KD23 KD29 K6 KD6 KD12 KD18 KD24 KD30 12-4) Format of Key scan data Key register data was outputted by I2C bus. Key register reading is two method, one is REQ signal method, another is a method of always requesting reading. 12-4-1) REQ signal method When there is "Read" mastering request when REQ is "L", after the slave address is specified, the method of outputting data outputs the key register data to KD30-KD1 separately for five of every eight bits (upper 2bits is dummy data ="H") data. NJU6541A doesn't reset the data of the Key register until all the Key register data of KD30-KD1 is sent to the master, and the stop condition is executed. The key input is not accepted. The ACK data is not sent from the master, and data in the key register is maintained when ending on the way of the data transfer. The key data is output from KD30 when the master reads NJU6541A the key data again. 12-4-2) REQ signal is not used. NJU6541A can transmit the data of the key register If reading is requested by the master when the REQ signal is "H". - 16 - Ver.2009-04-02 Preliminary NJU6541A When the key is pushed : The key register is maintained until reading the key data is completed. When the key is not pushed : "L" is output.( NJU6541A doesn't output the data of the key register, and "L" is output. All the time, "L" is output to the master though the key data is maintained in the key register when the key is pushed. When the key data is read again after reading ends, the data of the key register is output.) 12-5) Example of Key scan output After the slave address is fixed, the data of the key register is output from KD30. The first two bits are the dummy data("H") at the key register data transfer. Six bits are three bit key data from now on. This is forwarded five times, and the data of 30 keys is transmitted. The terminal REQ is fixed to "H" when the STOP condition is executed after key register 1-5 is transmitted, and all data in the key register is fixed to "L". REQ S SCL 1 Slave address 2 7 Read 8 A 9 1 Key register data1 2 3 8 A 9 1 Key register data5 2 3 8 A 9 P SDA MSB S: Start condition A: Acknowledge P: Stop condition S: Repeat start condition RW LSB ACK * MSB * KD30 KD24 LSB ACK * MSB * KD6 KD1 LSB ACK Fig11 12-6) Key More Input non-pressed key data may change pressed key data in triple or more key Input as shown in Fig. 1 and incorrect key data may be output to external CPU. For prevention of miss-recognition by incorrect key data, diodes should be inserted or control program of CPU should ignore the combination of key data miss-recognition. For example, 4 keys and more ON data should be ignored. NJU6541 K6 K5 K4 K3 K2 K1 S5 S4 S3 S2 S1 In case of 3 keys operation in left picture, if S4 terminal outputs "L" signal, this signal goes around on the dotted line and non-pressed key is miss-recognized as pressed key. Pressed key Miss-recognized key Miss-recognized route Fig12 Ver.2009-04-02 - 17 - NJU6541A Preliminary For prevention of miss-recognition by incorrect key data, diodes should be inserted. An precision key can be recognized. NJU6541A NJU6541A K6 K5 K4 K3 K2 K1 S5 S4 S3 S2 S1 Pressed key Miss-recognized route Fig13 NJU6541 K6 K5 K4 K3 K2 K1 S5 S4 S3 S2 S1 NJU6541 K6 K5 K4 K3 K2 K1 S5 S4 S3 S2 S1 Pressed key Pressed key NJU6541 K6 K5 K4 K3 K2 K1 S5 S4 S3 S2 S1 Pressed key Fig14 12-7) Key scan OFF mode Key scan operation is turned ON or OFF by the instruction. After the scanning ends, the key scanning is turned off. The request signal is output until reading out data even if the turn off command enters while scanning the key. The REQ signal outputs "L" if it reads out data. The REQ signal doesn't change into "H" until reading out data though the key scan stops when the REQ signal inputs the key scan on instruction by "L" after scan the key. The key register data can be reading in case of either case. - 18 - Ver.2009-04-02 Preliminary NJU6541A 12-8) Key scan operates shown as follows 1, Key scan signal output terminals S1 - S5 output "L" signals when key scan does not operate, and output key scan signals after start of key scan operation. The conditions of key scan signal input terminals K1 - K6 are "H" state with internal pull-up resistances, though "L" signal comes in to K1 - K6 corresponding to the turned on keys. 2, The function of key scan starts twice operations when any key is turned on. It stops when a couple of data by continuously twice key scan operations are accorded and fixed as a correct key status. It operates more 2 times when the key status is not fixed and any keys are still turning on. It repeats again and again until key status is fixed. The correct key status data is stored and newly key scan operation does not start until external CPU reads data out after key status is fixed. 3, When the key status is fixed, REQ terminal outputs "L" signal as Key data read out request to the Master. should read key data out at detection of this "L" signal. The Key data read out request signal is released and REQ terminal outputs "H" signal after finish of the Master key data read out for newly key scan operation. Key scan example Key data read request Key data read request Key data read request Key input 1 Key unput2 Key scan 1234512345 SSSSSSSSSS 320T 1234512345 SSSSSSSSSS 320T 1234512345 SSSSSSSSSS 320T REQ SCL SDA Key data take in Key data read Key data take in End of Key data read Key data read Key data take in End of Key data read Key data read End of Key data read Fig15 Ver.2009-04-02 - 19 - NJU6541A Preliminary 13) General port output The terminal SEG specified by command register 2 can be used as a general-purpose port. And, SEG1 ~ SEG4 terminals can be selected as segment driver output or general-purpose ports by instruction. The output setting of a general-purpose port sets the data of SEG1-SEG4 of COM1.Data is "1"=Output "H", Data is "0"=Output "L". ! ABSOLUTE MAXIMAM RATINGS PARAMETER SYMBOL RATINGS UNIT Supply Voltage 1 VDD -0.3 ~ +7.0 V Supply Voltage 2 V0 -0.3 ~ +7.0 V Supply Voltage 3 V1, V2, V3 -0.3 ~ V0+0.3 V Input Voltage VIN -0.3 ~ VDD+0.3 V INHb, CSb, SCL, SDA, RSTb, OSC applicable. Operating Temp. Topr -40 ~ +105 C Storage Temp. Tstg -55 ~ +125 C Dissipation The power dissipation is value mounted on glass PD 1000 mW Power epoxy board in size 76.2mm x 114.3mm x 1.6tmm Note-1) Do not exceed the absolute maximum ratings, otherwise the stress may cause a permanent damage to the IC. It is also recommended that the IC be used within the range specified in the DC electrical characteristics, or the electrical stress may cause mulfunctions and impact on the reliability. Note-2) All voltages are relative to VSS = 0V reference. Note-3) The following relationship shall be maintained. V0 V1 V2 V3 VSS, V0 VDD, and V0 shall be input after VDD. Note-4) To stabilize the LSI operation, place decoupling capacitors between VDD-VSS and between V0-VSS. (VSS=0V, Ta=25C) CONDITIONS - 20 - Ver.2009-04-02 Preliminary NJU6541A ! ELECTRICAL CHARACTERISTICS * DC characteristics 1 (VDD=2.4 to 3.6V, VSS=0V, Ta=-40 to 105C) PARAMETER SYM BOL VDD V0 V2 V3 VIH1 VIL1 VIH2 VIL2 VIH3 VIL3 VH1 VH2 IIH IIL VOH1 VOL1 VOH2 VOL2 VOL3 VOL4 RCOM RSEG IP fOSC fCP duty RB REVR IDD1 IDD2 CONDITIONS V0 VDD Ta=25C Testing via COM/SEG terminals COM/SEG without load CSb, RESb, OSC CSb, RESb, OSC K1-K6 K1-K6 SCL, SDA SCL, SDA CSb, RESb SCL, SDA VIN= VDD CSb, SCL, SDA, RESb VIN= VSS CSb, SCL, SDA, RESb VDD =3V, IO=5mA, P1 to P4 VDD =3V, IO=5mA, P1 to P4 VDD =3V, IOH=-10uA, S1 to S5 VDD =3V, IOL2=250uA, S1 to S5 VDD=3V, REQ IO=+3mA (open drain) VDD=3V, SDA IO=+3mA (open drain) Id=1A, VLCD=3V/5.5V Id=1A, VLCD=3V/5.5V VDD=3V, VIN=Vss, K1-K6 VDD =3V, ROSC=390kOhm, Cosc=120pF, Ta=25C Input into OSC Input into OSC V1-VSS Ta=25C V0-V1 Ta=25C E.V.R.=V0(1,1,1) VDD =3V, Display OFF, Key scan OFF, Ta=25C VDD =3V, Ta=25C, Display ON Checker flag display, 1/3 bias Using external R & C, output open VDD=3V, V0=5V, Display OFF Ta=25C VDD =3V, V0=5V, Ta=25C, Display ON, Key scan ON Checker flag display, 1/3 bias output open, E.V.R.=(1,1,1) MIN 2.4 2.4 2/3 V1-0.2 1/3 V1-0.2 0.8 VDD 0 0.8 VDD 0 0.7 VDD 0(-0.5) 0.05VDD VDD-0.6 0.8VDD VSS 0 0 -5 12.6 12.6 40 9 3 - TYP 2/3 V1 1/3 V1 0.2VDD -15 15.4 15.4 50 12 4 3 15 - MAX 3.6 5.5 2/3 V1+0.2 1/3 V1+0.2 VDD 0.2 VDD VDD 0.2 VDD 3.6 0.3 VDD 1.0 1.0 0.6 VDD 0.2 VDD 0.4 0.4 10 10 -25 18.2 18.2 60 15 5 10 30 1 UNIT V V V V V V V V V V V V A A V V V V V V kOhm kOhm A kHz kHz % kOhm kOhm Not e Power Supply LCD Driving Voltage LCD Bias Voltage "H" Level Input Voltage1 "L" Level Input Voltage1 "H" Level Input Voltage2 "L" Level Input Voltage2 "H" Level Input Voltage3 "L" Level Input Voltage3 Hysteresis Voltage1 Hysteresis Voltage2 "H" Level Input Current "L" Level Input Current "H" Level Output Voltage1 "L" Level Output Voltage1 "H" Level Output Voltage2 "L" Level Output Voltage2 "L" Level Output Voltage3 "L" Level Output Voltage4 Driver-on Resistance (COM) Driver-on Resistance (SEG) Pull up MOS current Oscillating Frequency External Clock Frequency External Clock Duty Bleeder Resistor E.V.R 5 5 6 A A A A Operating Current ILCD1 ILCD2 - 320 450 Note-5) Driver-On resistance (RSEG/RCOM) is measured from V0, VSS, V1 , V2 or V3 terminal to each SEG/COM terminal when Id current flows through COM/SEG terminals. Note-6) The range of the oscillatory frequency is recommended. Please decide it noting flicker and the display quality when changing. Ver.2009-04-02 - 21 - NJU6541A DC characteristics 2 Preliminary (VDD=4.5 to 5.5V, VSS=0V, Ta=-40 to 105C) PARAMETER Power Supply LCD Driving Voltage LCD Bias Voltage "H" Level Input Voltage1 "L" Level Input Voltage1 "H" Level Input Voltage3 "L" Level Input Voltage3 Hysteresis Voltage1 Hysteresis Voltage2 "H" Level Input Current "L" Level Input Current "H" Level Output Voltage1 "L" Level Output Voltage1 "H" Level Output Voltage2 "L" Level Output Voltage2 "L" Level Output Voltage3 "L" Level Output Voltage4 Driver-on Resistance (COM) Driver-on Resistance (SEG) Pull up MOS Current Oscillating Frequency External Clock Frequency External Clock Duty Bleeder Resistor E.V.R SYM BOL VDD V0 V2 V3 VIH1 VIL1 VIH3 VIL3 VH1 VH2 IIH IIL VOH1 VOL1 VOH2 VOL2 VOL3 VOL4 RCOM RSEG IP fOSC fCP duty RB REVR IDD1 CONDITIONS V0 VDD Ta=25C Testing via COM/SEG terminals COM/SEG without load RESb, OSC RESb, OSC SCL, SDA ( Open drain) SCL, SDA (Open drain) RESb SCL, SDA VIN= VDD CSb, SCL, SDA, RESb VIN= VSS CSb, SCL, SDA, RESb VDD =5V, IO=-10mA, P1 to P4 VDD =5V, IO=+10mA, P1 to P4 VDD =5V, IOH=-20uA, S1 to S5 VDD =5V, IO=+500uA, P1 to P4 VDD =5V , REQ IO=+3mA (open drain) VDD =5V , SDA IO=-3mA (open drain) Id=1A, VLCD=4.5V/5.5V Id=1A, VLCD=4.5V/5.5V VDD =5V, VIN=VSS, K1-K6 VDD =5V, ROSC=390kOhm, Cosc=120pF, Ta=25C Input into OSC Input into OSC V1-VSS Ta=25C V0-V1 Ta=25C E.V.R.=V0(1,1,1) VDD =5V, Display off Ta=25C, Key scan off VDD =5V, Ta=25C, Display ON Checker flag display, 1/3 bias Using external R & C, Output open VDD=5V, V0=5V, Display off Ta=25C VDD =5V, V0=5V, Ta=25C, Checker flag display, 1/3 bias Output open, E.V.R.=(1,1,1) MIN 4.5 4.5 2/3 V1-0.2 1/3 V1-0.2 0.8 VDD 0 0.7 VDD 0(-0.5) 0.05VDD VDD-1.0 0.8VDD VSS 0 0 -10 12.6 12.6 40 9 3 - TYP 2/3 V1 1/3 V1 0.2VDD - MAX 5.5 5.5 2/3 V1+0.2 1/3 V1+0.2 VDD 0.2 VDD 5.5 0.3 VDD 1.0 1.0 1.0 VDD 0.2 VDD 0.4 0.4 UNIT V V V V V V V V V V A A V V V V V V kOhm kOhm A kHz kHz % kOhm kOhm Not e -25 15.4 15.4 50 12 4 5 10 10 -65 18.2 18.2 60 15 5 12.5 7 7 8 A A A A IDD2 Operating Current ILCD1 ILCD2 - 30 60 - 320 1 450 Note-7) Driver-On resistance (RSEG/RCOM) is measured from V0, VSS, V1 , V2 or V3 terminal to each SEG/COM terminal when Id current flows through COM/SEG terminals. Note-8) The range of the oscillatory frequency is recommended. Please decide it noting flicker and the display quality when changing. - 22 - Ver.2009-04-02 Preliminary NJU6541A AC characteristics VDD=2.4V to 5.5V, Ta=-40 to 105C Item SCL Click frequency Hold Time (repetition) [Start] condition SCL Clock "L" time SCL Clock "H" time Repetition[Start] condition Set up time Data hold time Data set up time Rising time1 Rising time2 Falling time1 Falling time2 [Stop] condition Set up time [Stop] [Start] Bus free time 2 fSCL tHD;STA tLOW tHIGH tSU;STA tHD;DAT tSU;DAT tr1 tr2 tf1 tf2 tSU;STO tBUF SCL MIN 0.6 1.3 0.6 0.6 0 100 - TYP - MAX 400 0.9 300 300 300 300 - UNIT kHz us us us us us ns ns ns ns ns us us SCL, SDA SCL SCL SCL, SDA SCL, SDA SCL, SDA SCL, SDA EN, RSTb, OSC SCL, SDA EN, RSTb, OSC SCL, SDA SDA 0.6 1.3 The I C-bus timing of NJU6541A conforms to a F/S mode. I C bus timing SDA tf1 tLOW tr1 tSU;DAT tHD;STA tf1 tr1 tBUF 2 SCL tHD;STA tHIGH tSU;SAT tSU;STO S S: Start condotion Sr: Repeat start condition P: Stop condition tHD;DAT Sr P S Ver.2009-04-02 - 23 - NJU6541A * Preliminary (Ta=25C) UNIT ms 100 ns 100 ns Input condition when hardware reset circuit is used PARAMETER Reset Input "L" Level Width Reset Rising Time Reset Falling Time SYMBOL tRSL trRS tfRS tfRS VIH RSTb VIL CONDITIONS fOSC= 15.4kHz MIN 1.5 TYP MAX tRSL trRS * Power supply condition when hardware reset circuit is used PARAMETER Power-on Rising Time Power-off Time SYMBOL trDD tOFF 2.2V VDD 0.2V 0.2V CONDITIONS MIN 0.1 1 (Ta=-40 to 105C(T.B.D)) TYP MAX UNIT 5 ms ms trDD tOFF Note 10) tOFF is the off time when power-supply turns off suddenly or cycles on/off. - 24 - Ver.2009-04-02 Preliminary NJU6541A ! LCD DRIVING WAVEFORM 1/1duty, 1/1bias, (A/B wave form) COM1 A wave form: fosc/192, B wave form: fosc/384 COM2 COM3 COM4 "OFF" segment output correspond to COM1. "ON" segment output correspond to COM1. Note) COM2-COM4 must open when 1/1duty is selected. 1/1duty, 1/1bias Ver.2009-04-02 - 25 - NJU6541A Preliminary fosc/192 V1 1/2 duty, 1/2 bias, A waveform COM1 V2,V3 VSS COM2 V1 V2,V3 VSS V1 V2,V3 VSS COM3 COM4 V1 V2,V3 VSS "OFF" segment output correspond to COM1 and 2. V1 V2,V3 VSS "ON" segment output correspond to COM1. V1 V2,V3 VSS "ON" segment output correspond to COM2. V1 V2,V3 VSS "ON" segment output correspond to COM1 and 2. 1/2duty, 1/2bias V1 V2,V3 VSS - 26 - Ver.2009-04-02 Preliminary NJU6541A 1/2duty, 1/3bias, Awaveform fosc/192 V1 V2 V3 VSS COM1 COM2 V1 V2 V3 VSS COM3 V1 V2 V3 VSS V1 V2 V3 VSS COM4 "OFF" segment output correspond to COM1 and 2. V1 V2 V3 VSS "ON" segment output correspond to COM1. V1 V2 V3 VSS "ON" segment output correspond to COM2 V1 V2 V3 VSS "ON" segment output correspond to COM1 and 2 V1 V2 V3 VSS 1/2duty, 1/3bias Ver.2009-04-02 - 27 - NJU6541A 1/3duty, 1/2bias, Awaveform Preliminary fosc/192 V1 V2,V3 VSS COM1 COM2 V1 V2,V3 VSS COM3 V1 V2,V3 VSS COM4 V1 V2,V3 VSS "OFF" segment output correspond to COM1, 2, and 3. V1 V2,V3 VSS "ON" segment output correspond to COM1. V1 V2,V3 VSS "ON" segment output correspond to COM2. V1 V2,V3 VSS "ON" segment output correspond to COM1 and 2. V1 V2,V3 VSS "ON" segment output correspond to COM3. V1 V2,V3 VSS "ON" segment output correspond to COM1 and 3. V1 V2,V3 VSS "ON" segment output correspond to COM2 and 3. V1 V2,V3 VSS "ON" segment output correspond to COM1, 2 and 3. 1/3duty, 1/2bias V1 V2,V3 VSS - 28 - Ver.2009-04-02 Preliminary NJU6541A 1/3duty, 1/3bias, Awaveform fosc/192 V1 V2 V3 VSS COM1 COM2 V1 V2 V3 VSS COM3 V1 V2 V3 VSS COM4 V1 V2 V3 VSS "OFF" segment output correspond to COM1, 2 and 3. V1 V2 V3 VSS V1 V2 V3 VSS "ON" segment output correspond to COM1. "ON" segment output correspond to COM2. V1 V2 V3 VSS "ON" segment output correspond to COM1 and 2. V1 V2 V3 VSS "ON" segment output correspond to COM3. V1 V2 V3 VSS V1 V2 V3 VSS "ON" segment output correspond to COM1 and 3. "ON" segment output correspond to COM2 and 3. V1 V2 V3 VSS "ON" segment output correspond to COM1, 2 and 3. 1/3duty, 1/3bias V1 V2 V3 VSS Ver.2009-04-02 - 29 - NJU6541A 1/4duty, 1/2bias, A waveform COM1 Preliminary fosc/192 V1 V2,V3 VSS V1 V2,V3 VSS COM2 COM3 V1 V2,V3 VSS COM4 V1 V2,V3 VSS "OFF" segment output correspond to COM1, 2, 3 and 4. V1 V2,V3 VSS "ON" segment output correspond to COM1. "ON" segment output correspond to COM2. "ON" segment output correspond to COM1 and 2. "ON" segment output correspond to COM3. "ON" segment output correspond to COM1 and 3. "ON" segment output correspond to COM2 and 3. "ON" segment output correspond to COM1, 2 and 3 "ON" segment output correspond to COM4. "ON" segment output correspond to COM2 and 4 "ON" segment output correspond to COM1, 2, 3 and 4. 1/4duty, 1/2bias V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS - 30 - Ver.2009-04-02 Preliminary NJU6541A 1/4duty, 1/3bias, A waveform COM1 fosc/192 V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS COM2 COM3 COM4 "OFF" segment output correspond to COM1, 2, 3 and 4 "ON" segment output correspond to COM1. "ON" segment output correspond to COM2. "ON" segment output correspond to COM1 and 2. "ON" segment output correspond to COM3. "ON" segment output correspond to COM1 and 3. "ON" segment output correspond to COM2 and 3. "ON" segment output correspond to COM1, 2 and 3. "ON" segment output correspond to COM4. "ON" segment output correspond to COM2 and 4. "ON" segment output correspond to COM1, 2, 3 and 4. 1/4duty, 1/3bias Ver.2009-04-02 - 31 - NJU6541A 1/2duty, 1/2bias, B waveform Preliminary Tfosc/192 V1 V2,V3 VSS COM1 COM2 V1 V2,V3 VSS V1 V2,V3 VSS COM3 COM4 V1 V2,V3 VSS "OFF" segment output correspond to COM1 and 2 V1 V2,V3 VSS "ON" segment output correspond to COM1. V1 V2,V3 VSS "ON" segment output correspond to COM2. V1 V2,V3 VSS "ON" segment output correspond to COM1 and 2. 1/2duty, 1/2bias V1 V2,V3 VSS - 32 - Ver.2009-04-02 Preliminary NJU6541A 1/2duty, 1/3bias,B waveform COM1 fosc/192 V1 V2 V3 VSS COM2 V1 V2 V3 VSS COM3 V1 V2 V3 VSS COM4 V1 V2 V3 VSS "OFF" segment output correspond to COM1 and 2. V1 V2 V3 VSS "ON" segment output correspond to COM1. V1 V2 V3 VSS V1 V2 V3 VSS "ON" segment output correspond to COM2. "ON" segment output correspond to COM1 and 2 1/2duty, 1/3bias V1 V2 V3 VSS Ver.2009-04-02 - 33 - NJU6541A 1/3duty, 1/2bias, B waveform Preliminary fosc/192 V1 V2,V3 VSS COM1 COM2 V1 V2,V3 VSS COM3 V1 V2,V3 VSS COM4 V1 V2,V3 VSS "OFF" segment output correspond to COM1, 2, and 3. V1 V2,V3 VSS "ON" segment output correspond to COM1. V1 V2,V3 VSS "ON" segment output correspond to COM2. V1 V2,V3 VSS "ON" segment output correspond to COM1 and 2. V1 V2,V3 VSS "ON" segment output correspond to COM3. V1 V2,V3 VSS "ON" segment output correspond to COM1 and 3. V1 V2,V3 VSS "ON" segment output correspond to COM2 and 3. V1 V2,V3 VSS "ON" segment output correspond to COM1, 2 and 3. 1/3duty, 1/2bias V1 V2,V3 VSS - 34 - Ver.2009-04-02 Preliminary NJU6541A 1/3duty, 1/3bias, B waveform COM1 fosc/192 V1 V2 V3 VSS COM2 V1 V2 V3 VSS V1 V2 V3 VSS COM3 COM4 V1 V2 V3 VSS "OFF" segment output correspond to COM1, 2 and 3. V1 V2 V3 VSS "ON" segment output correspond to COM1. V1 V2 V3 VSS "ON" segment output correspond to COM2. V1 V2 V3 VSS "ON" segment output correspond to COM1 and 2. V1 V2 V3 VSS "ON" segment output correspond to COM3. V1 V2 V3 VSS "ON" segment output correspond to COM1 and 3. V1 V2 V3 VSS "ON" segment output correspond to COM2 and 3. V1 V2 V3 VSS "ON" segment output correspond to COM1, 2 and 3. V1 V2 V3 VSS 1/3duty, 1/3bias Ver.2009-04-02 - 35 - NJU6541A 1/4duty, 1/2bias, B waveform COM1 Preliminary fosc/192 V1 V2,V3 VSS COM2 V1 V2,V3 VSS COM3 V1 V2,V3 VSS COM4 V1 V2,V3 VSS "OFF" segment output correspond to COM1, 2, 3 and 4. V1 V2,V3 VSS "ON" segment output correspond to COM1. "ON" segment output correspond to COM2. "ON" segment output correspond to COM1 and 2. "ON" segment output correspond to COM3. "ON" segment output correspond to COM1 and 3. "ON" segment output correspond to COM2 and 3. "ON" segment output correspond to COM1, 2 and 3. "ON" segment output correspond to COM4. "ON" segment output correspond to COM2 and 4. "ON" segment output correspond to COM1, 2, 3 and 4. 1/4duty, 1/2bias V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS V1 V2,V3 VSS - 36 - Ver.2009-04-02 Preliminary NJU6541A 1/4duty, 1/3bias, B waveform COM1 fosc/192 V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS V1 V2 V3 VSS COM2 COM3 COM4 "OFF" segment output correspond to COM1, 2, 3 and 4. "ON" segment output correspond to COM1. "ON" segment output correspond to COM2. "ON" segment output correspond to COM1 and 2. "ON" segment output correspond to COM3. "ON" segment output correspond to COM1 and 3. "ON" segment output correspond to COM2 and 3. "ON" segment output correspond to COM1, 2 and 3. "ON" segment output correspond to COM4. "ON" segment output correspond to COM2 and 4. "ON" segment output correspond to COM1, 2, 3 and 4. 1/4duty, 1/3bias Ver.2009-04-02 - 37 - NJU6541A INPUT and OUTPUT Curcuit Preliminary VDD IN IN VSS VSS VSS RSTb, TEST, CSb, SDASCLREQ VDD VDD VDD IN IN VSS VSS OSC K1~K6 - 38 - Ver.2009-04-02 Preliminary NJU6541A V0 VDD VSS OUT OUT V0 VSS VSS S5 V0 SEG5~SEG116, COM1~COM4 V0 VSS VSS OUT OUT V0 V0 VSS VSS VDD VDD VSS VSS SEG1/P1~SEG4/P4 SEG117/S1~SEG120/S4 Ver.2009-04-02 - 39 - NJU6541A Preliminary ! APPLICATION CIRCUIT * 1/4duty, 1/3bias SEG1~SEG120 VDD V0 VDD V0 V1 V2 V3 VSS VDD RSTb SDA SCL VSS SEG116 SEG117/S1 SEG120/S4 S5 K1 OSC K6 COM1 COM4 SEG1/P1 LCD Panel NJU6541A SEG4/P4 SEG5 Key switch * 1/3duty, 1/2bias 30Key VDD V0 VDD V0 V1 V2 V3 COM1 LCD Panel COM3 SEG1/P1 NJU6541A SEG4/P4 SEG5 VSS VDD VSS SEG116 SEG117/S1 SEG120/S4 RSTb SDA SCL S5 K1 OSC K6 Key switch - 40 - Ver.2009-04-02 Preliminary NJU6541A 1/1duty, 1/1bias, 30Key, P1~P4port VDD V0 VDD V0 V1 V2 COM1 LCD Panel SEG1/P1 NJU6541A (a) VSS VDD RSTb SDA SCL SEG4/P4 SEG5 SEG116 SEG117/S1 SEG120/S4 S5 K1 OSC K6 V3 VSS Key switch [CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights. Ver.2009-04-02 - 41 - |
Price & Availability of NJU6541A |