Part Number Hot Search : 
12S05 MIC44 XS202 74LS86A NTE222 3386F204 2SD17 2951C
Product Description
Full Text Search
 

To Download MVA6APF302027A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MVAP, MVAL, and MVAV Series
Industry Standard Package Wide Frequency Range RoHS Compliant Available Less than 1 pSec Jitter
ELECTRICAL SPECIFICATIONS:
Frequency Range Frequency Stability* Operating Temp.Range Storage Temp. Range Aging Logic "0" Logic "1" +2.5VDC 5% +3.3VDC 5% +5.0VDC 5% Symmetry (50% of waveform) Rise / Fall Time (20% to 80%) Load Start Time Phase Jitter (12kHz to 20MHz) Supply Voltage (Vdd) Supply Current Tri-State Operation * Inclusive of Temp., Load, Voltage and Aging +2.5VDC +3.3VDC +5.0VDC 1.25VDC 1.00VDC 1.65VDC 1.50VDC N/A 1.25VDC 1.00VDC N/A 1.65VDC 1.50VDC N/A N/A 2.50VDC 2.00VDC (See Part Number Guide for Options) LVPECL PECL 70.000MHz to 800.000MHZ (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5 ppm / yr max 1.43V typ Vdd - 1.620 VDC max Vdd - 1.620 VDC max 1.10V typ Vdd- 1.025 vdc min Vdd- 1.025 vdc min 50 mA max 50 mA max N/A 60 mA max 60 mA max N/A N/A N/A 140 mA max (See Part Number Guide for Options) 2nSec max 50 Ohms into Vdd-2.00 VDC 10mSec max Less than 1 pSec Vih = 70% of Vdd min to Enable Output Vil = 30% max or grounded to Disable Output (High Impedance) LVDS
Control Voltage (Vc) Pullability
PART NUMBER GUIDE:
MVA Frequency
14 Pin Dip VCXO
Output P = PECL L = LVPECL V = LVDS Package Options 5A = 14Pin Dip w/5 pins 6A = 14Pin Dip w/6 pins
Supply Voltage 2 = +2.5 VDC 3 = +3.3 VDC 5 = +5.0 VDC RoHS Compliant Blank = Not Compliant F = is Compliant Frequency Stability 020 = 20 ppm 025 = 25 ppm 050 = 50 ppm 100 = 100 ppm
Symmetry Blank = 40%/60% A = 45%/55% Operating Temperature Blank = 0C to +70C 27 = -20C to +70C 48 = -40C to +85C Pullability A = 200 ppm min C = 100 ppm min D = 50 ppm min P = 25 ppm min Linearity Blank = 20% max X = 5% max Y = 10% max Z = 15% max
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MVAP032907C
MECHANICAL DIMENSIONS: 5A OPTION
20.70 [.815] MAX
8.50 [.335] MAX 5.08 [.200] 2.54 [.100] 8 7 .46 [.018] Black Dot to Denote Pin 1 DIMENSIONS IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED 9 14
15.24 [.600]
5A PACKAGE OPTION PIN 1 VOLTAGE CONTROL PIN 7 CASE GROUND PIN 8 OUTPUT COMPL. OUTPUT PIN 9 PIN 14 SUPPLY VOLTAGE
13.10 [.516] MAX
7.62 [.300]
1
MECHANICAL DIMENSIONS: 6A OPTION
20.70 [.815] MAX 8.50 [.335] MAX 5.08 [.200]
8 7 12 14
15.24 [.600]
13.10 [.516] MAX .46 [.018] Black Dot to Denote Pin 1
7.62 [.300]
3 1
6A PACKAGE OPTION PIN 1 CONTROL VOLTAGE ENABLE/DISABLE PIN 3 OUTPUT PIN 7 PIN 8 OUTPUT COMPL. OUTPUT PIN 12 PIN 14 SUPPLY VOLTAGE ENABLE/DISABLE OPTION
5.08 [.200]
LOGIC 1 = OSCILLATOR LOGIC 0 OR GND = NO OSCILLATOR
DIMENSIONS IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
ENVIRONMENT / MECHANICAL:
Shock Solderability Solvent Resistance Vibration Gross Leak Test Fine Leak Test MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 215 MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-883, Method 1014, Condition A-2
TAPE and DIMENSIONS:
Line 1 =MXXXXX M = MMD COMPONENTS XXXXX = Frequency in MHZ Line 2 = SYYMML S = Internal Code YYMM = 4 Digit Date Code (Year / Month) L = Denotes RoHS Compliant Line 3 = XXXXX Internal use only May vary with lots Black dot to denote Pin 1
PHASE NOISE:
PHASE NOISE PLOT COMING SOON
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision MVAP032907C


▲Up To Search▲   

 
Price & Availability of MVA6APF302027A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X