Part Number Hot Search : 
68HC7 160CA TA8700AN TMP86 Z5243B UNR511V ENA1710B XXXSD
Product Description
Full Text Search
 

To Download MUR140GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MUR105GP THRU MUR160GP
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DO-41
Features
* * * * High Surge Capability Low Forward Voltage Drop High Current Capability Super Fast Switching Speed For High Efficiency
Maximum Ratings
* * Operating Temperature: -65C to +150C Storage Temperature: -65C to +150C Maximum Recurrent Peak Reverse Voltage 50V 100V 150V 200V 400V 600V Maximum RMS Voltage 35V 70V 105V 140V 280V 420V Maximum DC Blocking Voltage 50V 100V 150V 200V 400V 600V
Part Number MUR105GP MUR110GP MUR115GP MUR120GP MUR140GP MUR160GP
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.0A TA = 55C Current Peak Forward Surge IFSM 25A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage VF IFM = 1.0A; MUR105GP-115GP .97V 1.35V TA = 25C MUR120GP-160GP Maximum DC 5.0A TA = 25C Reverse Current At IR Rated DC Blocking TA = 150C 50A Voltage Maximum Reverse Recovery Time Trr MUR105GP-140GP 45ns IF=0.5A, IR=1.0A, Irr=0.25A 60ns MUR160GP Typical Junction Capacitance CJ MUR105GP-115GP 15pF Measured at 10pF 1.0MHz, VR=4.0V MUR120GP-160GP *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
A Cathode Mark B
D
C
DIMENSIONS INCHES DIM A B C D MIN .166 .080 .028 1.000 MAX .205 .107 .034 --MIN 4.10 2.00 .70 25.40 MM MAX 5.20 2.70 .90 --NOTE
www.cnelectr.com
MUR105GP thru MUR160GP
Figure 1 Typical Forward Characteristics 20 10 6 4 2 25C Amps 1 .6 .4 .2 MUR120GP-160GP .1 .06 .04 .02 .01 .5 .7 .9 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.1 1.3 1.5 0 .25 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps .5 1.0 MUR105GP-115GP 1.5 Figure 2 Forward Derating Curve
1.25
.75
Figure 3 Junction Capacitance
100 MUR105GP-115GP 60 40 MUR120GP-160GP 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pF versus Reverse Voltage - Volts
www.cnelectr.com
MUR105GP thru MUR160GP
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 2 TA=100C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 2 4 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 6 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A 100 120 140 TA=25C 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 Amps 10 TA=150C 20 30 Figure 5 Peak Forward Surge Current
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR140GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X