|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MTTBS Series - 5 x 3.2 Ceramic SMD VCTCXO Low Profile SMD Device Hermetically Sealed Tight Stability Over Temperature Low Power Consumption ELECTRICAL SPECIFICATIONS: Frequency Range Frequency Stability vs Temperature* Operating Temperature Range Storage Temperature Range Supply Voltage (10%) Supply Current Output Type Output Level Load Harmonics Control Voltage Frequency Tunning Range Phase Noise Start-up Time * Inclusive of Temperature., Load, Voltage and Aging 10.000MHZ to 32.000MHZ (See Frequency Stability vs Temperature Table) (See Frequency Stability vs Temperature Table) -40C to +85C +2.80VDC +3.00VDC 1.5mA max Clipped Sinewave 0.9 - 1.4 Vp-p 10k Ohms // 10pF -10dBc max Vc = +1.40VDC Vc = +1.5VDC +0.40VDC to +2.40VDC +0.50VDC to +2.50VDC 3 ppm to 25 ppm -135dBc/Hz max (at 1kHz offset) 2ms max (Output level will be 90% from the final value) PART NUMBER GUIDE: MTTB 5 x 3.2 Ceramic SMD S Frequency Frequency Stability 15 = 1.5 ppm 20 = 2.0 ppm 25 = 2.5 ppm 30 = 3.0 ppm 50 = 5.0 ppm Operating Temperature A = 0C to + 50C C = -20C to +70C D = -30C to +70C E = -30C to +80C F = -40C to +85C G = 0C to +70C Pin 1 Connection Blank = No Connection G = Ground V = Voltage Control Packaging Blank = Bulk T = Tape and Reel Supply Voltage Output S = Clipped Sinewave 2 = +2.8 VDC 3 = +3.0 VDC Please Consult with MMD Sales Department for any other Parameters or Options MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision 02/14/07 C FREQUENCY STABILITY vs TEMPERATURE TABLE: Code A G C D E F Stability Temp 0C TO +50C 0C TO +70C -20C TO +70C -30C TO +70C -30C TO +80C -40C TO +85C = Available 1.70 [.067] MAX 15 1.5ppm 20 2.0ppm 25 2.5ppm 30 3.0ppm 50 5.0ppm = Consult with the Manufacturer 2.60 [.102] MECHANICAL DIMENSIONS: 5.20 [.205] MAX 3.90 [.154] PIN CONNECTIONS 1 VOLTAGE CONTROL 2 CASE GROUND 3 OUTPUT 4 SUPPLY VOLTAGE 3.40 [.134] MAX 0.90 [.035] 3 2 4 1.40 [.055] 1 1.20 [.047] 1.20 [.047] 1.50 [.059] RECOMMENDED LAND PATTERN 2.40 [.094] PIN PIN PIN PIN DIMENSIONS IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR RECOMMEND ENVIRONMENT / MECHANICAL: Shock Solderability Solvent Resistance Vibration Gross Leak Test Fine Leak Test MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 215 MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-883, Method 1014, Condition A-2 TAPE and DIMENSIONS: 18.40 [.724] 13.00 [.512] 21.00 [.827] PHASE NOISE: 100.00 [3.937] 330.00 [12.992] 2.00 [.079] 12.40 [.488] 1.75 [.069] 4.00 [.157] 2.00 [.079] O1.50 [O.059] 12.00 [.472] 5.50 [.217] 5.50 [.217] 3.45 [.136] 8.00 [.315] O1.50 [O.059] MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision 02/14/07 C |
Price & Availability of MTTBS315DG |