Part Number Hot Search : 
ES1DL MTL5041 FN4413 7EEMXX TFS438 LSM776 FR153 BUK75
Product Description
Full Text Search
 

To Download MTSS320A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTSS Series - 3.2 X 2.5 Ceramic SMD VCTCXO
Low Profile SMD Device Hermetically Sealed Tight Stability Over Temperature Excellent Phase Noise
ELECTRICAL SPECIFICATIONS:
Frequency Range Frequency Stability vs Temperature* Operating Temperature Range Storage Temperature Range Aging Supply Voltage Supply Current Output Type Output Level Output Load Control Voltage 14.400MHZ TO 32.734MHZ (See Frequency Stability vs Temperature Table) (See Frequency Stability vs Temperature Table)
-40C to +85C
1.0 per year +2.80VDC 2mA max Clipped Sinewave 0.8 Vp-p min 10k Ohms//10pF +3.00VDC
Vc = +1.40VDC Vc = +1.5VDC +0.40VDC to +2.40VDC +0.50VDC to +2.50VDC Frequency Tunning Range 8 ppm to 15 ppm 100Hz -115dBc/Hz Phase Noise 1kHz -135dBc/Hz 10kHz -145dBc/Hz * Inclusive of Temperature., Load, Voltage and Aging
PART NUMBER GUIDE:
MTS 3.2 x 2.5 Ceramic SMD S Frequency
Output S = Clipped Sinewave
Supply Voltage 3 = +3.0 VDC 2 = +2.8 VDC
Frequency Stability 10 = 1.0 ppm 15 = 1.5 ppm 20 = 2.0 ppm 25 = 2.5 ppm 30 = 3.0 ppm 50 = 5.0 ppm
Operating Temperature A = 0C to +50C C = -20C to +70C D = -30C to +70C E = -30C to +80C F = -40C to +85C G = 0C to +70C
Pin 1 Connection Blank = Ground* V = Voltage Control
Packaging Blank = Bulk T = Tape and Reel
Please Consult with MMD Sales Department for any other Parameters or Options *If no Voltage Control is specified, Pin 1 must be grounded.
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTSS030508I
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Code A G C D E F Stability 10 Temp 1.0ppm 0C TO +50C 0C TO +70C -20C TO +70C -30C TO +70C -30C TO +80C -40C TO +85C = Available 15 1.5ppm 20 2.0ppm 25 2.5ppm 30 3.0ppm 50 5.0ppm
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
3.40 [.134] MAX 0.90 [.035] MAX 2.70 [.106] MAX 2 0.83 [.033] 1 1.20 [.047] 2.24 [.088] 3 4 0.70 [.028] 2.65 [.104] 0.25 [.010] 0.51 [.020] PIN PIN PIN PIN PIN CONNECTIONS 1 GRD OR VC (NOTE 1) 2 GND 3 OUTPUT 4 SUPPLY VOLTAGE
MARKING
0.40 [.016] GROUND PLANE UNDER OSCILLATOR Recommended Land Pattern
0.30 [.012] 0.60 [.024]
NOTE 1 IF VC OPTION IS NOT USED, THIS PIN MUST BE GROUNDED OR FREQUENCY WILL SHIFT.
Dimension in Brackets are in Inches External Bypass Capacitor is Recommended
ENVIRONMENT / MECHANICAL:
Shock Solderability Solvent Resistance Vibration Gross Leak Test Fine Leak Test MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 215 MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-883, Method 1014, Condition A-2
TAPE and DIMENSIONS:
PHASE NOISE:
TAPE AND REEL DIMENSIONS COMING SOON
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTSS030508I


▲Up To Search▲   

 
Price & Availability of MTSS320A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X