Part Number Hot Search : 
GP509 BCM56701 BD899A RATION SD1602I 470PWC APTGT5 697LP4E
Product Description
Full Text Search
 

To Download MTFZF520D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTFH, MTFS, and MTFZ Series
Standard 14 Dip/4 Package RoHS Compliant Available Stability Available to 1 ppm Operating Voltage +3.3VDC or +5.0VDC Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Output Frequency Range Load Supply Current Output Level Symmetry Freq. Stability vs Temp (Note 1) Freq. Stability vs Aging Freq. Stability vs Voltage Freq. Stability vs Load Operating Range Storage Temperature Supply Voltage (Vdd) Control Voltage with VC option Pin 1 Connection No Connection VC Option HCMOS Clipped Sinewave Sinewave 1.000MHZ to 160.000MHZ 8.000MHZ to 160.000MHZ 8.000MHZ to 160.000MHZ 10k Ohms // 15pF 10k Ohms // 15pF 50 Ohms 35mA max 3mA max 25mA max Logic "1" = 90% of Vdd min 1.0V p-p min 7 dBm Logic "0" = 10% of Vdd max 40%/60% at 50% of N/A N/A Waveform (See Frequency Stability vs Temperature Table) 1 ppm per year max 0.3 ppm with a 5% change in Vdd 0.3 ppm with a 10% change in Load (See Frequency Stability vs Temperature Table) -40C to +85C +3.3VDC 5% +5.0VDC 5% +1.65VDC 1.50VDC Positive Slope +2.50VDC 2.00VDC Positive Slope
No Connection 10 ppm min
Note 1: Oscillator frequency shall be 1 ppm at +25C 3C at time of shipment.
PART NUMBER GUIDE:
MT 14 pin DIP F Frequency
Series Option F = F Series (w/o Trimmer) Supply Voltage 5 = +5 VDC 3 = +3.3 VDC Output H = HCMOS S = Clipped Sinewave Z = Sinewave Frequency Stability 10 = 1.0 ppm 15 = 1.5 ppm 20 = 2.0 ppm 25 = 2.5 ppm 30 = 3.0 ppm 50 = 5.0 ppm Operating Temperature A = 0C to +50C C = -20C to +70C D = -30C to +70C E = -30C to +80C F = -40C to +85C G = 0C to +70C
Pin 1 Connection Blank = No Connect V = Voltage Control Value Added Options G = Gull-Wing CLXXX = Cut Leads XXX = lead length code
RoHS Compliant Blank = Not Compliant F = is Compliant
Please Consult with MMD Sales Department for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MTFH020907F
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Code A G C D F Stability 10 Temp 1.0ppm 0C TO +50C 0C TO +70C -20C TO +70C -30C TO +70C -40C TO +85C = Available 15 1.5ppm 20 2.0ppm 25 30 50 2.5ppm 3.0ppm 5.0ppm = Consult with the Manufacturer
MECHANICAL DIMENSIONS:
20.70 [.815] MAX
7.50 [.295]
15.24 [.600]
.80 [.031] 8 7 14 PIN CONNECTIONS VOLTAGE CONTROL OR PIN 1 NO CONNECTION PIN 7 CASE GROUND PIN 8 OUTPUT PIN 14 SUPPLY VOLTAGE
13.10 [.516] MAX
7.62 [.300]
1
6.35 [.250]
.46 [.018]
DIMENSIONS IN BRACKERS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
ENVIRONMENT / MECHANICAL:
Shock Solderability Solvent Resistance Vibration Gross Leak Test Fine Leak Test MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-202, Method 215 MIL-STD-883, Method 2007, Condition A MIL-STD-883, Meth 1014, Cond C MIL-STD-883, Meth 1014, Cond A
MARKING:
Line 1 =MXXXXX M = MMD COMPONENTS XXXXX = Frequency in MHZ Line 2 = SYYMML S = Internal Code YYMM = 4 Digit Date Code (Year / Month) L = Denotes RoHS Compliant Line 3 = XXXXX Internal use only May vary with lots Black dot to denote Pin 1
PHASE NOISE:
PHASE NOISE PLOT COMING SOON
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MTFH020907F
Specifications subject to change without notice
Revision MTFH020907F


▲Up To Search▲   

 
Price & Availability of MTFZF520D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X