Part Number Hot Search : 
GBPC35S GRM216 1342B 2SC5138 2SC5138 TFZ36B BU902 21804
Product Description
Full Text Search
 

To Download MSM900BEV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROSPACE PC/104
AMD GeodeTM LX800 CPU 500MHz - MSM800SEV/SEL/BEV - MSM900BEV
Features
* * * * * * * * * * * * * * AMD GeodeTM LX800 500MHz 128MB - 1024MB DDR RAM CRT (VGA) LCD (TFT) 10/100 Base-T Ethernet LAN 4x USB 2.0 Ports PATA- Hard Disk Interface COM1, COM2, LPT1 RTC and Watchdog Timer AC97 Sound Interface (SEV/BEV only) Single 5VDC Power Supply PC/104-Plus Bus Connector (optional) PC/104-16-bit (BEV only)
MSM800SEV-P+ with LXHS-SM
Ordering Information
Item Codes MSM800SEL MSM800SEV MSM800BEV MSM900BEV Board Options -CF -L+ -P+ MSM800-DVICON MSM800-LVDSCON MSM800-CK Memory Options DDR-DRAM128-3 DDR-DRAM256-3 DDR-DRAM512-3LX DDR-DRAM1024-LX DDR-DRAM256-3EX DDR-DRAM512-3EX DDR-DRAM1024-3EX Cooling Options LXHS-SM LXHS-LG LX8-SPREADER Part# 802105 802100 802110 802160 807007 807006 807005 803042 803044 803035 994715 994825 994923 994023 994828 994928 994028 807041 807042 807043 Description 500MHz, 128MB-1024MB DDR333-RAM 500MHz, 128MB-1024MB DDR333-RAM 500MHz, 128MB-1024MB DDR333-RAM 600MHz, 128MB-1024MB DDR333-RAM Compact Flash Socket (TypeII) PC/104-plus Connector (long, stack-through) PC/104-plus Connector (short) External DVI board External LVDS board Cable-Kit 128MB 333MHz DDR 256MB 333MHz DDR 512MB 333MHz DDR for LX 1024MB 333MHz DDR for LX 256MB 333MHz DDR -40C to +85C 512MB 333MHz DDR -40C to +85C 1024MB 333MHz DDR -40C to +85C Small Heat Sink Large Heat Sink Heat Spreader, Chassis Mount Other options may be available, Please contact your Sales Representative
Description
With the MICROSPACE MSM800SEV/MSM800SEL/MSM800/900BEV, Advanced Digital-Logic offers an embedded PC/104 sized computer board based on the AMD GeodeTM LX800 processor. The MSM800SEV and MSM800/900BEV computer boards run with a fanless AMD GeodeTM LX800 CPU. The standard MSM800SEV/MSM800SEL/MSM800/900BEV also incorporates 4x USB 2.0, VGA/LCD, LAN and the possibility of expandable functions via PC/104-Plus (ISA and/or PCI). With the onboard graphic controller, up to 2 parallel displays (TTL, CRT) may show 2 identical pictures. The video controller supports TFT Displays (320 x 240 to 1600 x 1200) and up to 1920x1440 SVGA. The 24MB (max) video-memory is UMA shared with the DDR-RAM. The 2 serial interfaces are available as RS232C. The MSM800SEL is the same Board as the MSM800SEV, it is a depopulated version (less sound codec, RTC battery & heatsink) . All Geode LX800 series boards uses 3.3V I/O on the PC104+ Bus. Please contact your Sales Representative for compatible peripheral boards and cooling solutions.
Data is subject to change without notice Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC/104
Technical Specifications
FEATURE
Part Number CPU 2nd Level Cache Performance (MHz) DRAM Min-Max (MB) Power Management DiskOnChip Socket CompactFlash Socket Mouse, Keyboard Floppy Interface IDE Interface Onboard IDE-Flash COM1 COM2 LPT1 USB LAN Audio Video Controller Video Datapath Video Memory CRT Video LCD Interface LCD Resolution Video Input EEPROM Support Watchdog other Power normal Power Suspend Cooling Type Operating Temp. Extended Temp. Weight (gr) RTC Battery passive -25C to +70C -40C to +85C 0.1kg yes optional 0C to +60C 0.1kg optional passive -25C to +70C -40C to +85C 0.1kg yes Optional (1x type I/II) yes yes E-IDE CF option RS232 RS232 yes 4x USB 2.0 10/100 AC97 in / out AMD GeodeTM LX800 GeodeLinkTM Max. 24MB yes yes 24-bit yes yes ISA Bus, IrDA, PCI Bus optional 5V/~1.4A (@256/500MHz) Optional (1x type I/II) yes yes E-IDE CF option RS232 RS232 yes 4x USB 2.0 10/100 AMD GeodeTMLX800 GeodeLinkTM Max. 24MB yes yes 24-bit yes yes ISA Bus, IrDA, PCI Bus optional 5V/~1.4A (@256/500MHz) Optional (1x type I/II) yes yes E-IDE CF option RS232 RS232 yes 4x USB 2.0 10/100 AC97 in / out AMD GeodeTM LX800 GeodeLinkTM Max. 24MB yes yes 24-bit yes yes ISA Bus, IrDA, PCI Bus optional 5V/~1.4A (@256/500MHz)
MSM800SEV
802100 AMD GeodeTM LX800 128K 500MHz / 333MHz* 128MB-1024MB DDR-RAM ACPI
MSM800SEL
802105 AMD GeodeTM LX800 128K 500MHz / 333MHz* 128MB-1024MB DDR-RAM ACPI
MSM800/900BEV
802110 AMD GeodeTM LX800 128K 500/600MHz / 333MHz* 128MB-1024MB DDR-RAM ACPI
*Minimal power savings Data is subject to change without notice Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com


▲Up To Search▲   

 
Price & Availability of MSM900BEV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X