Part Number Hot Search : 
0LPCHAB L1210 STM301N P13009 MTNK2N3 BA1407 SDR966N MAX15022
Product Description
Full Text Search
 

To Download MP10005-MP1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MP10005 thru MP1010
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT MP8
METAL HEAT SINK .307(7.8) .267(6.8)
-
50 to 1000Volts 10.0 Amperes
FEATURES
Surge overload rating -240 amperes peak Low forward voltage drop Small size; simple installation Sliver plated copper leads Mounting position: Any
.052(1.3) DIA. .048(1.2)
.750 (19.0) MIN
.770(19.6) .730(18.5)
HOLE FOR NO.6 SCREW
.520(13.2) .480(12.2)
.770(19.6) .730(18.5)
Polarity shown on side of case, Positive lead by beveled corner.
.520(13.2) .480(12.2)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 5.0A Peak Maximum Reverse Current at Rated TJ=25 DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range TJ=100 TA=50
SYMBOL MP10005 MP1001 MP1002 MP1004 MP1006 MP1008 MP1010 VRRM VRMS I(AV) 50 35 100 70 200 140 400 280 10.0 600 420 800 560 1000 700
UNIT V V A
IFSM
240
A
VF IR TJ TSTG
1.0 10.0 1.0 -55 to +125 -55 to +150
V A mA
~ 326 ~
RATING AND CHARACTERTIC CURVES MP10005 thru MP1010
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRNT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 10
FIG.2-MAXIMUM FORWARD SURGE CURRENT 250
200
8 6 4 2
TJ=25C
150
TJ=25C
100
50 0 1 10 NUMBER OF CYCLETS AT 60Hz 100
0
0
50
100
150
AMBIENT TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 10 INSTANTANEOUS REVERSE CUNRRENT, AMPERES INSTANTANEOUS REVERSE CUNRRENT, MICROAMPERES
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
1.0
1.0
TJ=25C
0.1
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE 0.01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 327 ~


▲Up To Search▲   

 
Price & Availability of MP10005-MP1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X