Part Number Hot Search : 
5TRPB FMMZ5252 MAX8893A 1100S TSL25 2SB11321 B123ES S210A
Product Description
Full Text Search
 

To Download MOAZ5S100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOAH and MOAZ Series / 1" Square, 5 Pin OCXO
Oven Controlled Oscillator 1.0 MHz to 150.0 MHz Available SC Crystal Option -40C to 85 Available 10ppb to 500ppb PART NUMBERING GUIDE: ELECTRICAL SPECIFICATIONS:
Frequency Range 1.0 MHz to 150.0MHz 10ppb to 500ppb Frequency Stability -40C to 85C max* Operating Temperature * All stabilities not available, please consult MMD for availablity. -40C to 95C Storage Temperature 50 Sinewave 3dBM Output 10% Vdd max 30pF HCMOS 90% Vdd min Supply Voltage 3.3V 5.0V 12.0V (Vdd) Supply typ 450mA 300mA 120mA Current max 850mA 500mA 250mA 4min. @ 25C Warm-up Time Vc Input Impedance 100K Ohms typical Crystal AT or SC Cut options Phase Noise SC AT Offset 10 MHZ 100 MHZ 10 MHZ 10 Hz -105dBc -90dBc -91dBc 100 Hz -125dBc -120dBc -120dBc 1000 Hz -140dBc -145dBc -135dBc 10K Hz -145dBc -150dBc -138dBc 10ppm Volt. Control 0 to 3ppm typ. typ. VCC Aging (after 30 days) 0.1ppm/yr. 1.0ppm/yr
MOA H 5 S 100 B
Output Type H = HCMOS Z = Sinewave
Frequency
Supply Voltage 3 = 3.3 Volt 5 = 5 Volt 12 = 12 Volt
Operating Temperature A = 0C to 50C B = -10C to 60C C = -20C to 70C D = -30C to 70C E = -30C to 80C F = -40C to 85C Frequency Stability 010 = 10ppb 050 = 50ppb 100 = 100ppb 500 = 500ppb
Crystal Cut Blank = AT Cut S = SC Cut
MECHANICAL DETAILS:
26.16 [1.030] MAX 13.46 [.530] MAX 6.35 [.250] 9.53 [.375] 5 9.53 [.375] 2 12.70 [.500] 1 19.06 [.750] STANDOFF 4 PLACES
6.35 [.250] PIN CONNECTIONS PIN 1 OUTPUT CASE GROUND PIN 2 PIN 3 VOLTAGE CONTROL N/C PIN 4 PIN 5 SUPPLY VOLTAGE
MXX.XXX SYYWWL CCCCC
26.16 [1.030] MAX
0.76 [.030]
19.06 [.750]
4 0.65 [.025] DIMENSION IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED DEVICE SHALL BE MARKED PER MMD DRAWING DO-00336
3
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision: MOAH040708D


▲Up To Search▲   

 
Price & Availability of MOAZ5S100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X