Part Number Hot Search : 
76400003 LR3114 SI9750 TL432A SI3090C S3106 JT224505 AD795
Product Description
Full Text Search
 

To Download MMFTN170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMFTN170
N-Channel Enhancement Mode Field Effect Transistor
Feature * Voltage controlled small signal switch * High saturation current capability
Drain
Gate
Source
1. Gate 2. Source 3. Drain SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Drain-Source Voltage Drain-Gate Voltage (RGS 1 M) Gate-Source Voltage Drain Current - Continuous Drain Current - Pulsed Total Power Dissipation Operating and Storage Temperature Range
Symbol VDSS VDGR VGSS ID Ptot Tj, Ts
Value 60 60 20 500 800 300 - 55 to + 150
Unit V V V mA mW
O
C
Characteristics at Ta = 25 OC
Parameter Drain-Source Breakdown Voltage at ID = 100 A Zero Gate Voltage Drain Current at VDS = 25 V Gate-Body Leakage, Forward at VGS = 15 V Gate-Source Threshold Voltage at VDS = VGS, ID = 1 mA Static Drain-Source On-Resistance at VGS = 10 V, ID = 200 mA Forward Transconductance at VDS 2 VDS(on), ID = 200 mA Input Capacitance at VDS = 10 V, f = 1 MHz Output Capacitance at VDS = 10 V, f = 1 MHz Reverse Transfer Capacitance at VDS = 10 V, f = 1 MHz Turn-On Time at VDD = 25 V, ID = 500 mA, VGS = 10 V, RGEN = 50 Turn-Off Delay Time at VDD = 25 V, ID = 500 mA, VGS = 10 V, RGEN = 50 Symbol V(BR)DSS IDSS IGSSF VGS(th) RDS(on) gFS Ciss Coss Crss t(on) t(off) Min. 60 0.8 Typ. 320 Max. 0.5 10 3 5 40 30 10 10 10 Unit V A nA V mS pF pF pF ns ns
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated: 10/02/2007


▲Up To Search▲   

 
Price & Availability of MMFTN170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X