Part Number Hot Search : 
SPLPL903 S100R YD2025D 74HCU04 ALD470 FCH10A06 99416 TIPP32B
Product Description
Full Text Search
 

To Download MKL5010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP, MKL, and MKV Series
Industry Standard Package Wide Frequency Range Tape and Reel Available 1 pSec Jitter
ELECTRICAL SPECIFICATION:
LVPECL PECL 70.000MHz to 622.080MHZ (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5 ppm / yr max 1.43V typ Vdd - 1.620 VDC max Vdd - 1.620 VDC max 1.10V typ Vdd- 1.025 vdc min Vdd- 1.025 vdc min 50 mA max 50 mA max N/A 60 mA max 60 mA max N/A N/A N/A 140 mA max (See Part Number Guide for Options) 2nSec max 50 Ohms into Vdd-2.00 VDC 10mSec max 1 pSec Vih = 70% of Vdd min to Enable Output Vil = 30% max or grounded to Disable Output (High Impedance) LVDS
Frequency Range Frequency Stability* Operating Temp.Range Storage Temp. Range Aging Logic "0" Logic "1" 2.5VDC 5% 3.3VDC 5% 5.0VDC 5% Symmetry (50% of waveform) Rise / Fall Time (20% to 80%) Load Start Time Jitter (RMS) Supply Voltage (Vdd) Supply Current Tri-State Operation * Inclusive of Temp., Load, Voltage and Aging
MECHANICAL DIMENSIONS:
10.16 [.400] 6.10 [.240] 0.79 [.031] 2.54 [.100] 3 2 1 1.02 [.040] 1.27 [.050] 1.52 [.060] DIMENSION IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED UNIT IS NOT HERMETICALLY SEALED 2.54 [.100] RECOMMENDED LAND PATTERN 4 5 6 7.11 [.280] 6.35 [.250] PIN PIN 1 PIN 2 PIN 3 PIN 4 PIN 5 PIN 6 CONNECTIONS NO CONNECTION TRI-STATE CASE GROUND OUTPUT COMPL. OUTPUT SUPPLY VOLTAGE
14.73 [.580]
5.08 [.200]
PART NUMBERING GUIDE:
MK 6 Pad SMD Frequency
Output P = PECL L = LVPECL V = LVDS
Supply Voltage 2 = +2.5 VDC 3 = +3.3 VDC 5 = +5.0 VDC
Frequency Stability 010 = 10 ppm 020 = 20 ppm 025 = 25 ppm 050 = 50 ppm 100 = 100 ppm
Value Added Options Operating Temperature Blank = 0C to +70C 48 = -40C to +85C Symmetry Blank = 40%/60% A = 45%/55% Blank = Bulk T = Tape and Reel Please check with factory for availability of Tape and Reel
Please Consult with MMD Sales Department for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MKP020508E


▲Up To Search▲   

 
Price & Availability of MKL5010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X