Part Number Hot Search : 
BTA10 ML672 AD8557 105B0 CA2813B 680M35 HV5522PJ 05SFP
Product Description
Full Text Search
 

To Download MKBPC10005W-MKBPC1010W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKBPC10/15/25/35/50AW SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 10/15/25/35/50 Amperes MKBPC-W
.335(8.5) .295(7.5)
FEATURES
Surge overload -240~500 Amperes peak Low forward voltage drop Mounting Position : Any Electrically isolated base -2000 Volts Materials used carries U/L recognition
1.200 (30.5)MIN
.042(1.07) .038(0.97) Hole for No.8 screw 193"(4.9)diam
1.133(28.8) 1.114(28.3)
1.133(28.8) 1.114(28.3) .732(18.6) .693(17.6)
.469(11.9) .429(10.9)
Dimensions in inches and (milimeters)
.732(18.6) .693(17.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load current by 20%
MKBPC -W 10005 MKBPC -W 1001 1501 2501 3501 5001 100 70 10 240 M KBPC 15W MKBPC -W 1002 1502 2502 3502 5002 200 140 15 300 MKBPC -W 1004 1504 2504 3504 5004 400 280 M KBPC 25W 25 400 MKBPC -W 1006 1506 2506 3506 5006 600 420 M KBPC 35W MKBPC -W 1008 1508 2508 3508 5008 800 560 35 400 M KBPC 50W MKBPC -W 1010 1510 2510 3510 5010 1000 700 50 500 V V A UNIT
CHARACTERISTICS
SYMBOL
15005 25005 35005 50005
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current @TC=55 Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range @TJ=25
VRRM VRMS I(AV)
50 35 M KBPC 10W
IFSM
A
VF IR TJ TSTG
1.1 10 -55 to +125 -55 to +150
V A
~ 334 ~
RATING AND CHARACTERISTIC CURVES MKBPC10/15/25/35/50A W SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT , AMPERES 600 PEAK FORWARD SURGE CURRENT AMPERES
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
500
50
MKBPC50W
MKBPC50W
400
MKBPC25/35W
40
MKBPC35W
300
MKBPC15W
30
MKBPC25W
200
20
MKBPC15W
100 0 1
MKBPC10W
10
MKBPC10W
10 NUMBER OF CYCLETS AT 60Hz
100
0
50
100
150
CASE TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS
MKBPC35/50W
100
MKBPC15W MKBPC25W MKBPC10W
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
INSTANTANEOUS REVERSE CURRENT , MICROAMPERES
1.0
1.0
TJ=25C
0.1
0.1
0.01 0.4
0.01 0
20
40
60
80
100
120
140
0.6
0.8
1.0
1.2
1.4
1.6
PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 335 ~


▲Up To Search▲   

 
Price & Availability of MKBPC10005W-MKBPC1010W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X