Part Number Hot Search : 
WSC0001 RT9266GE 0843MW SM7745HY XCV200 MC332 MMSZ5250 VISHAY
Product Description
Full Text Search
 

To Download MIHK310027H-32768KHZ- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIHK Series - 5 x 7 Ceramic SMD Oscillator
Low Profile SMD Package 32.768KHZ RoHS Compliant HCMOS Output
ELECTRICAL SPECIFICATIONS:
Frequency Temperature Stability* Operating Temperature Range Storage Temperature Range Aging (+25C 3C) Supply Voltage Supply Current Waveform Logic "0" Logic "1" Rise/Fall Time (10% to 90% of Supply Voltage) Symmetry (50% of waveform) Output Load Start-up Time Tri-State Operation * Inclusive of Temperature., Load, Voltage and Aging 32.768KHZ (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5ppm / year max at +25C (See Part Number Guide for Options) 7mA max HCMOS 10% Vdd max 90% Vdd min 250nSec 40%/60% 15pF or 10TTL 8mSec max Voh = 70% of Vdd min to Enable Output Vol = 30% max or grounded to Disable Output (High Impedance)
MECHANICAL DIMENSIONS:
7.20 [.283] MAX 1.70 [.067] MAX 5.08 [.200] 2.88 [.113] Pin Connections Pin 1 Tri-state Pin 2 Case Ground Pin 3 Output 2.00 [.079] Pin 4 Supply Voltage 2.20 [.087] Recommended Land Pattern
1.81 [.071] 5.20 [.205] MAX 3 2 4 1 2.60 [.102]
1.30 [.051] Dimension in Brackets are in Inches External Bypass Capacitor is Recommended
1.40 [.055]
PART NUMBER GUIDE:
MIHK 5 X 7 Ceramic SMD 32.768KHZ
Supply Voltage 2 = +2.8 VDC 3 = +3.3 VDC
Frequency Stability 020 = 20 ppm 025 = 25 ppm 050 = 50 ppm 100 = 100 ppm
Operating Temperature Blank = 0C to +70C 27 = -20C to +70C 48 = -40C to +85C
Pin 1 Connection H = Tri-State
Packaging Blank = Bulk T = Tape and Reel
Please Consult with MMD Sales Department for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MIHK120108A


▲Up To Search▲   

 
Price & Availability of MIHK310027H-32768KHZ-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X